Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAPA800 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # CAPA800
Description  PCI Express Mini Card expansion
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CAPA800 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  CAPA800_14 Datasheet HTML 1Page - Axiomtek Co., Ltd. CAPA800_14 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
* All specifications and photos are subject to change without notice.
111
Audio
SATA
CAPA800
Intel
® Atom™ N450/ D410/ D510
3.5" Embedded SBC with Intel
® ICH8M
Chipset, LVDS/VGA, Dual LANs and Audio
Intel
® Atom™ processor N450/D410/D510 1.66 GHz
1 DDR2 SO-DIMM supports up to 2 GB memory capacity
8 USB 2.0 ports
4 COM ports
PCI Express Mini Card expansion
Display: LVDS/VGA
I/O
Ordering Information
Packing List
System
MIO
3 x RS-232 (COM 2~4); with +5V/+12V powered
1 x RS-232/422/485 (COM1); with +5V/+12V powered
SATA
2 x SATA-300
Hardware Monitoring
Detect system temperature, voltage and fan speed
Ethernet
1st port 10/100/1000 Mbps supports Wake-on-LAN,
PXE Boot ROM with Intel
® 82567V
2nd port 10/100/1000 Mbps supports Wake-on-LAN,
PXE Boot ROM with Realtek RTL8111DL
Audio
HD Codec audio as MIC-in/Line-in/Line-out/Speaker-out
with Realtek ALC662
USB
8 x USB 2.0
SMBus
System Management Bus for advanced monitoring/control
Digital I/O
8 channels IN/OUT programmable
Standard
CAPA800VGGA-N450
(fanless)
(P/N: E38E800100)
3.5" SBC with Intel
® Atom™ processor N450, VGA/LVDS,
2 10/100/1000Mbps Ethernet, 4 COM, 8 USB and audio
CAPA800VGGA-D510
(heatsink fan included)
(P/N: E38E800103)
3.5" SBC with Intel
® Atom™ processor D510, VGA/LVDS,
2 10/100/1000Mbps Ethernet, 4 COM, 8 USB and audio
Optional/MOQ
CAPA800VGGA-D410
(heatsink fan included)
(P/N: E38E800102)
3.5" SBC with Intel
® Atom™ processor D410, VGA/LVDS,
2 10/100/1000Mbps Ethernet, 4 COM, 8 USB and audio
AX95601
(P/N: E395601100)
LVDS converter for scale up to 1920 x 1080 48bit
AX95601
(P/N: E395601101)
LVDS converter for pixel compensated to 1280 x 1024 48bit
Standard
Quick installation guide, user's manual/utility CD, cable
Cable
Part Number
Description
Qty
59380000300E
2 x COM w/ bracket P=1.27 x 2.54 L=300 mm
1
59384500100E
Audio cable w/ bracket P=2,450 mm
1
59382631000E
2 x USB 2.0 wafer cable w/ bracket 180 mm
1
CPU
Intel
® Atom™ processor N450/ D410 1.66 GHz single core &
D510 1.66 GHz dual core onboard
System Memory
1 x 200-pin SO-DIMM supports DDR2-667/800 max.
up to 4 GB (N450 supports DDR2-667 max. up to 2 GB)
Chipset
Intel
® ICH8M
BIOS
AMI
SSD
1 x CompactFlash™
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x PCI Express Mini Card V1.2
Battery
Lithium 3V/220mAH
Power Input
2 x 2-pin connector
+12V DC-in only
AT Auto Power ON function supported
Power Requirements
*Intel
® Atom™ N450 @1.66 GHz, 1 GB DDR2
Max. RMS: +12V @ 907mA
*Intel
® Atom™ D410 @1.66 GHz, 1 GB DDR2
Max. RMS: +12V @ 1.02A
*Intel
® Atom™ D510 @1.66 GHz, 1 GB DDR2
Max. RMS: +12V @ 1.207A
Size
146 x 104 mm
Board Thickness
1.6 mm
Operating
Standard: 0° ~ +60°C (32°F ~ 140°F)
Temperature
Optional: -20°C ~ +70°C (-4°F ~ +158°F)
Relative Humidity
10% ~ 95% relative humidity, non-condensing
Features
Rear view
Top view
DDR2
SO-DIMM
CF type-II
Fanless
Low Power
LVDS
PCI Express Mini Card
VGA
USB 2.0 3~8
Ethernet 1
Ethernet 2
USB 2.0 1/2
COM 1
COM 2
COM 3/4
Display
Chipset
Intel
® GMA 3150 graphics core
Memory Size
Intel
® DVMT 4.0 compliant
Display Interface
1 x VGA
1 x LVDS; 18-bit single channel
AiRD
PCIe Mini
PCIe Mini
PCIe Mini


Similar Part No. - CAPA800_14

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CAPA800 AXIOMTEK-CAPA800_15 Datasheet
336Kb / 1P
   1 DDR2 SO-DIMM supports up to 2 GB memory capacity
More results

Similar Description - CAPA800_14

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CAPA801 AXIOMTEK-CAPA801 Datasheet
281Kb / 1P
   PCI Express Mini Card expansion
CAPA801 AXIOMTEK-CAPA801_14 Datasheet
508Kb / 2P
   PCI Express Mini Card expansion
logo
Advantech Co., Ltd.
UNOP-1000I ADVANTECH-UNOP-1000I Datasheet
351Kb / 1P
   PCI & Mini-PCI Expansion Card
30-Oct-2015
logo
Contec Co., Ltd
EAD-CE-LPE CONTEC-EAD-CE-LPE Datasheet
216Kb / 2P
   Cabled PCI Express PCI Express bus slot Expansion Adapter
ECH-PCI-CE-H4D CONTEC-ECH-PCI-CE-H4D Datasheet
223Kb / 2P
   Cabled PCI Express PCI Express bus slot Expansion Adapter
logo
Adam Technologies, Inc.
PCIE981 ADAM-TECH-PCIE981 Datasheet
162Kb / 1P
   PCI & MINI PCI EXPRESS
logo
List of Unclassifed Man...
LEC-2430 ETC2-LEC-2430 Datasheet
1Mb / 2P
   High-performance Box PC with Mini-PCIe, PCI or PCI Express Expansion
logo
Lanner All Rights Reser...
LEC-2430 LANNER-LEC-2430 Datasheet
1Mb / 2P
   High-performance Box PC with Mini-PCIe, PCI or PCI Express Expansion
logo
Axiomtek Co., Ltd.
MANO830 AXIOMTEK-MANO830_16 Datasheet
294Kb / 1P
   PCI Express Mini Card supported
MANO830 AXIOMTEK-MANO830 Datasheet
274Kb / 1P
   PCI Express Mini Card supported
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com