Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDGD9-15 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # HDGD9-15
Description  Client Side Antennas
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HDGD9-15 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button HDGD9-15 Datasheet HTML 4Page - List of Unclassifed Manufacturers HDGD9-15 Datasheet HTML 5Page - List of Unclassifed Manufacturers HDGD9-15 Datasheet HTML 6Page - List of Unclassifed Manufacturers HDGD9-15 Datasheet HTML 7Page - List of Unclassifed Manufacturers HDGD9-15 Datasheet HTML 8Page - List of Unclassifed Manufacturers HDGD9-15 Datasheet HTML 9Page - List of Unclassifed Manufacturers HDGD9-15 Datasheet HTML 10Page - List of Unclassifed Manufacturers HDGD9-15 Datasheet HTML 11Page - List of Unclassifed Manufacturers HDGD9-15 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Wireless Accessories
Part #
Part #
Part #
Part #
Frequency
Frequency
Frequency
Frequency
(GHz)
(GHz)
(GHz)
(GHz)
Gain
Gain
Gain
Gain
(dBi)
(dBi)
(dBi)
(dBi)
Dimensions
Dimensions
Dimensions
Dimensions
(inch)
(inch)
(inch)
(inch)
Weight
Weight
Weight
Weight
(Lbs)
(Lbs)
(Lbs)
(Lbs)
MA9
MA9
MA9
MA9----5N
5N
5N
5N
900MHz
5
16
0.24
MA9
MA9
MA9
MA9----7N
7N
7N
7N
900MHz
7
20
0.36
MA24
MA24
MA24
MA24----7N
7N
7N
7N
2.4–2.5
7
12
0.4
Part #
Part #
Part #
Part #
Description
Description
Description
Description
POE
POE
POE
POE ----48i5s
48i5s
48i5s
48i5s----afi
afi
afi
afi
Power Over Ethernet 90-264VAC Input, 5VDC 2.4A Output
POE
POE
POE
POE ----48i12
48i12
48i12
48i12----afi
afi
afi
afi
Power Over Ethernet 90-264VAC Input, 12VDC 1A Output
POE
POE
POE
POE ----48i
48i
48i
48i
POE Inserter, 48VDC output, 16.8W
POE
POE
POE
POE ----48i
48i
48i
48i----CI
CI
CI
CI
POE Inserter, 48VDC output, 16.8W, Current Detection Indicator
POE
POE
POE
POE ----48iD
48iD
48iD
48iD
Power Over Ethernet Midspan Power Supply / Splitter
POE
POE
POE
POE ----24i
24i
24i
24i
POE Power Supply/Inserter, 24VDC output, 1A(24W)
POE
POE
POE
POE ----24iR
24iR
24iR
24iR
POE Power Supply/Inserter, 24VDC output, .8A(19W)
POE
POE
POE
POE ----24iR
24iR
24iR
24iR----CI
CI
CI
CI
POE Power Supply/Inserter, 24VDC output, .8A(19W),
Current Detection Indicator
POE
POE
POE
POE ----18i
18i
18i
18i
POE Power Supply/Inserter, 18VDC output
POE
POE
POE
POE ----12i
12i
12i
12i
POE Power Supply/Inserter, 12VDC output, 12W
POE
POE
POE
POE ----5s
5s
5s
5s----afi
afi
afi
afi
POE Active Splitter With Isolation, 5VDC 2.4A ,
12" Ethernet and DC Power cable.
POE
POE
POE
POE ----9s
9s
9s
9s----afi
afi
afi
afi
POE Active Splitter With Isolation, 9VDC 1A ,
12" Ethernet and DC Power cable.
POE
POE
POE
POE ----12s
12s
12s
12s----afi
afi
afi
afi
POE Active Splitter With Isolation, 12VDC .67A ,
12" Ethernet and DC Power cable.
POE
POE
POE
POE ----24s
24s
24s
24s----afi
afi
afi
afi
POE Active Splitter With Isolation, 24VDC .5A ,
12" Ethernet and DC Power cable.
Connector
Connector
Connector
Connector
Adapters
Adapters
Adapters
Adapters
Various connector adapters are available to adapt between differ-
ent connector types. Please contact us for more information.
Dimensions
Dimensions
Dimensions
Dimensions
Two units (each) 3.25x3x1.5
Two units (each) 3.25x3x1.5
3.25x3x1.5
3.25x3x1.5
3.25x3x1.5
3.25x3x1.5
3.25x3x1.5
3.25x3x1.5
3.25x3x1.5
3.25x3x1.5
3.25x3x1.5
3.25x3x1.5
3.25x3x1.5
3.25x3x1.5
Vary
900MHz 7dB Mobile
900MHz 7dB Mobile
900MHz 7dB Mobile
900MHz 7dB Mobile
Part No.MA9-7N
Mobile Antennas / Accessories
Mobile Mounting Options
Mobile Mounting Options
Mobile Mounting Options
Mobile Mounting Options
Magnetic, Trunk Lid & Surface Mounting
Part No. MM-90N, MM-110N, MM-TMN, MM-SMN, MM-SM-LPN 10’ LMR195 cable terminated with N Female
2.4GHz 7dB Mobile
2.4GHz 7dB Mobile
2.4GHz 7dB Mobile
2.4GHz 7dB Mobile
Part No. MA24-7N
(shown w/MM-110N mag mount)
900MHz 5dB Mobile
900MHz 5dB Mobile
900MHz 5dB Mobile
900MHz 5dB Mobile
Part No. MA9-5N
Mobile Antennas
10
10
10
10


Similar Part No. - HDGD9-15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HDG-0605 AD-HDG-0605 Datasheet
2Mb / 7P
   HYBRID VIDEO DIGITAL TO ANALOG CONVERTERS
HDG-0605 AD-HDG-0605_15 Datasheet
2Mb / 7P
   HYBRID VIDEO DIGITAL TO ANALOG CONVERTERS
HDG-0807 AD-HDG-0807 Datasheet
875Kb / 4P
   Hybrid Video Digital-to-Analog Converter
HDG-0807BD AD-HDG-0807BD Datasheet
875Kb / 4P
   Hybrid Video Digital-to-Analog Converter
HDG-0807BW AD-HDG-0807BW Datasheet
875Kb / 4P
   Hybrid Video Digital-to-Analog Converter
More results

Similar Description - HDGD9-15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C54CST TI1-TMS320C54CST_13 Datasheet
2Mb / 176P
[Old version datasheet]   Client Side Telephony DSP
TMS320C54CST TI-TMS320C54CST Datasheet
2Mb / 171P
[Old version datasheet]   Client Side Telephony DSP
logo
List of Unclassifed Man...
701192 ETC2-701192 Datasheet
130Kb / 1P
   TMS320C54CST Client Side Developers Kit
logo
Pulse A Technitrol Comp...
W1047 PULSE-W1047 Datasheet
158Kb / 5P
   ANTENNAS
logo
Toshiba Semiconductor
BG3 TOSHIBA-BG3 Datasheet
1Mb / 17P
   CLIENT SSD
logo
NEC
US110 NEC-US110 Datasheet
452Kb / 2P
   Thin Client Terminals
logo
Toshiba Semiconductor
MQ01ABDXXX TOSHIBA-MQ01ABDXXX Datasheet
529Kb / 2P
   CLIENT MOBILE HDD
Rev. 01
logo
Level One
GEP-2651 LVL1-GEP-2651 Datasheet
418Kb / 5P
   DHCP Client/Server
GEP-2682 LVL1-GEP-2682 Datasheet
414Kb / 5P
   DHCP Client/Server
logo
Tyco Electronics
1307023 MACOM-1307023 Datasheet
50Kb / 2P
   Picocell Antennas
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com