Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE75 Datasheet(PDF) 6 Page - Socay Electornics Co., Ltd.

Part # 1.5KE75
Description  Surface Mount Transient Voltage Suppressors (TVS)
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

1.5KE75 Datasheet(HTML) 6 Page - Socay Electornics Co., Ltd.

Back Button 1.5KE75 Datasheet HTML 2Page - Socay Electornics Co., Ltd. 1.5KE75 Datasheet HTML 3Page - Socay Electornics Co., Ltd. 1.5KE75 Datasheet HTML 4Page - Socay Electornics Co., Ltd. 1.5KE75 Datasheet HTML 5Page - Socay Electornics Co., Ltd. 1.5KE75 Datasheet HTML 6Page - Socay Electornics Co., Ltd. 1.5KE75 Datasheet HTML 7Page - Socay Electornics Co., Ltd. 1.5KE75 Datasheet HTML 8Page - Socay Electornics Co., Ltd. 1.5KE75 Datasheet HTML 9Page - Socay Electornics Co., Ltd. 1.5KE75 Datasheet HTML 10Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
www.socay.com
6
Surface Mount Transient Voltage Suppressors (TVS)
SMBJ Series
5.0 To 440 V
600W
Uni-directional
Bi-directional
u
For surface mounted applications in order to optimize board
space
u
Low leakage
u
Uni and Bidirectional unit
u
Glass passivated junction
u
Low inductance
u
Excellent clamping capability
u
600W Peak power capability at 10
× 1000µs waveform
Repetition rate (duty cycle):0.01%
u
Fast response time: typically less than 1.0ps from 0 Volts to
VBR min
u
Typical IR less than 5μA above 12V.
u
High Temperature soldering: 260
°C/40 seconds at terminals
u
Typical maximum temperature coefficient
ΔVBR = 0.1% ×
VBR@25°C× ΔT
u
Plastic package has Underwriters Laboratory Flammability
94V-0
u
Matte tin lead
–free Plated
u
Halogen free and RoHS compliant
u
Typical failure mode is short from over-specified voltage or
current
u
Whisker test is conducted based on JEDEC JESD201A per its
table 4a and 4c
u
IEC-61000-4-2 ESD 15kV(Air), 8kV (Contact)
u
ESD protection of data lines in accordance with IEC 61000-4-2
(IEC801-2)
u
EFT protection of data lines in accordance with IEC 61000-4-4
(IEC801-4)
DO-214AA (SMB)
Inches
Millimeters
Dimensions
Min
Max
Min
Max
A
0.077
0.087
1.960
2.200
B
0.171
0.191
4.350
4.850
C
0.130
0.155
3.300
3.940
D
0.084
0.096
2.130
2.440
E
0.030
0.060
0.750
1.520
F
-
0.008
-
0.203
G
0.201
0.216
5.100
5.500
H
0.006
0.012
0.152
0.305
I
0.089
-
2.260
-
J
0.085
-
2.160
-
K
-
0.107
-
2.740
L
0.085
-
2.160
-
Features
Dimensions
DO-214AA (SMB)
Cathode Band


Similar Part No. - 1.5KE75

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE75 TRSYS-1.5KE75 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
1.5KE75 CHENDA-1.5KE75 Datasheet
599Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
1.5KE75 PANJIT-1.5KE75 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
logo
Won-Top Electronics
1.5KE75 WTE-1.5KE75 Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
1.5KE75 SOCAY-1.5KE75 Datasheet
513Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
More results

Similar Description - 1.5KE75

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ64CA SOCAY-SMBJ64CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ75 SOCAY-SMBJ75 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ78A SOCAY-SMBJ78A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80 SOCAY-SMBJ80 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80C SOCAY-SMBJ80C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ85 SOCAY-SMBJ85 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ90 SOCAY-SMBJ90 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com