Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS43DR16640A-3DBL Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS43DR16640A-3DBL
Description  Clock frequency up to 400MHz
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43DR16640A-3DBL Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS43DR16640A-3DBL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS43DR16640A-3DBL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS43DR16640A-3DBL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS43DR16640A-3DBL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43DR16640A-3DBL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43DR16640A-3DBL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43DR16640A-3DBL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43DR16640A-3DBL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43DR16640A-3DBL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
IS43/46DR81280A, IS43/46DR16640A  
Integrated Silicon Solution, Inc. – www.issi.com –
1
Rev. D, 08/30/2011
1Gb (x8, x16) DDR2 SDRAM
FEATURES 
 Clock frequency up to 400MHz 
 8 internal banks for concurrent operation 
 4‐bit prefetch architecture 
 Programmable CAS Latency: 3, 4, 5, 6 and 7 
 Programmable Additive Latency: 0, 1, 2, 3, 4, 5 
and 6 
 Write Latency = Read Latency‐1 
 Programmable Burst Sequence: Sequential or 
Interleave 
 Programmable Burst Length: 4 and 8 
 Automatic and Controlled Precharge Command 
 Power Down Mode 
 Auto Refresh and Self Refresh 
 Refresh Interval: 7.8 s (8192 cycles/64 ms) 
 OCD (Off‐Chip Driver Impedance Adjustment) 
 ODT (On‐Die Termination) 
 Weak Strength Data‐Output Driver Option 
 Bidirectional differential Data Strobe (Single‐
ended data‐strobe is an optional feature) 
 On‐Chip DLL aligns DQ and DQs transitions with 
CK transitions 
 DQS# can be disabled for single‐ended data 
strobe 
 Read Data Strobe supported (x8 only) 
 Differential clock inputs CK and CK# 
 VDD and VDDQ = 1.8V ± 0.1V 
 PASR (Partial Array Self Refresh) 
 SSTL_18 interface 
 tRAS lockout supported 
 Operating temperature: 
Commercial (T= 0°C to 70°C ; T= 0°C to 85°C) 
Industrial (T= ‐40°C to 85°C; T= ‐40°C to 95°C) 
Automotive, A1 (T= ‐40°C to 85°C; T= ‐40°C to 95°C) 
Automotive, A2 (T= ‐40°C to 105°C; T= ‐40°C to 
105°C)
 
OPTIONS  
 
 Configuration: 
 128Mx8 (16M x 8 x 8 banks) 
 64Mx16 (8M x 16 x 8 banks)  
 Package: 
 60‐ball TW‐BGA for x8 
 84‐ball TW‐BGA for x16 
 
ADDRESS TABLE 
Parameter
128Mx8 
64Mx16
Row Addressing
A0‐A13 
A0‐A12
Column Addressing
A0‐A9 
A0‐A9
Bank Addressing
BA0‐BA2 
BA0‐BA2
Precharge Addressing
A10 
A10
Clock Cycle Timing 
 
‐37C 
‐3D 
‐25E 
‐25D 
Units 
Speed Grade 
DDR2‐533C 
DDR2‐667D
DDR2‐800E
DDR2‐800D  
CL‐tRCD‐tRP 
4‐4‐4 
5‐5‐5
6‐6‐6
5‐5‐5
tCK 
tCK (CL=3) 
5
5
5
ns 
tCK (CL=4) 
3.75 
3.75
3.75
3.75
ns 
tCK (CL=5) 
3.75 
3
3
2.5
ns 
tCK (CL=6) 
3.75 
3
2.5
2.5
ns 
tCK (CL=7) 
3.75 
3
2.5
2.5
ns 
Frequency (max) 
266 
333
400
400
MHz 
Note: The ‐37C device specification is shown for reference only. 
SEPTEMBER 2011 
Copyright © 2011 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can
reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such
applications unless Integrated Silicon Solution, Inc. receives written assurance to its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances


Similar Part No. - IS43DR16640A-3DBL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR16640C ISSI-IS43DR16640C Datasheet
1Mb / 49P
   Differential data strobe
More results

Similar Description - IS43DR16640A-3DBL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR16320 ISSI-IS43DR16320 Datasheet
867Kb / 29P
   Clock frequency up to 400MHz
IS43DR16128A ISSI-IS43DR16128A Datasheet
993Kb / 26P
   Clock frequency up to 333MHz
logo
Micrel Semiconductor
SY89429A MICREL-SY89429A Datasheet
140Kb / 9P
   PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89429A MICREL-SY89429A_09 Datasheet
540Kb / 9P
   PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
logo
Rohm
BU90T82 ROHM-BU90T82 Datasheet
853Kb / 28P
   Support clock frequency from 10MHz up to 174MHz
BU90R102 ROHM-BU90R102 Datasheet
821Kb / 29P
   Support clock frequency from 8MHz up to 160MHz
logo
List of Unclassifed Man...
ICS551MI ETC2-ICS551MI Datasheet
199Kb / 9P
   Input/Output clock frequency up to 160 MHz
logo
Integrated Device Techn...
ICS844801I-24 IDT-ICS844801I-24 Datasheet
195Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS 400MHZ FREQUENCY SYNTHESIZER
logo
Micrel Semiconductor
SY89429V MICREL-SY89429V Datasheet
138Kb / 9P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89429V MICREL-SY89429V_06 Datasheet
609Kb / 10P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com