Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78420ARTBZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL78420ARTBZ
Description  100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78420ARTBZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL78420ARTBZ Datasheet HTML 3Page - Intersil Corporation ISL78420ARTBZ Datasheet HTML 4Page - Intersil Corporation ISL78420ARTBZ Datasheet HTML 5Page - Intersil Corporation ISL78420ARTBZ Datasheet HTML 6Page - Intersil Corporation ISL78420ARTBZ Datasheet HTML 7Page - Intersil Corporation ISL78420ARTBZ Datasheet HTML 8Page - Intersil Corporation ISL78420ARTBZ Datasheet HTML 9Page - Intersil Corporation ISL78420ARTBZ Datasheet HTML 10Page - Intersil Corporation ISL78420ARTBZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ISL78420
7
FN8296.2
January 24, 2014
Typical Performance Curves
FIGURE 3. IDD OPERATING CURRENT vs FREQUENCY, RDT = 8K
FIGURE 4. IDD OPERATING CURRENT vs FREQUENCY, RDT = 80k
FIGURE 5. IHB OPERATING CURRENT vs FREQUENCY, RDT = 8k
FIGURE 6. IHBS OPERATING CURRENT vs FREQUENCY RDT = 80k
FIGURE 7. HIGH LEVEL OUTPUT VOLTAGE vs TEMPERATURE
FIGURE 8. LOW LEVEL OUTPUT VOLTAGE vs TEMPERATURE
0.1
1.0
10.0
FREQUENCY (Hz)
T = +25°C
T = +125°C
T = +150°C
10k
100k
1M
T = -40°C
10k
100k
1M
0.1
1.0
10.0
FREQUENCY (Hz)
T = +25°C
T = -40°C
T = +125°C
T = +150°C
FREQUENCY (Hz)
0.01
1.0
10.0
T = +25°C
T = +125°C
T = +150°C
10k
100k
1M
0.1
T = -40°C
FREQUENCY (Hz)
0.01
1.0
10.0
T = +25°C
T = -40°C
T = +125°C
T = +150°C
10k
100k
1M
0.1
-50
0
50
100
150
50
100
150
200
250
300
TEMPERATURE (°C)
VDD = VHB = 12V
VDD = VHB = 14V
VDD = VHB = 8V
-50
0
50
100
150
50
100
150
200
TEMPERATURE (°C)
VDD = VHB = 12V
VDD = VHB = 14V
VDD = VHB = 8V


Similar Part No. - ISL78420ARTBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78420ARTBZ INTERSIL-ISL78420ARTBZ Datasheet
373Kb / 16P
   100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
More results

Similar Description - ISL78420ARTBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78420 INTERSIL-ISL78420 Datasheet
373Kb / 16P
   100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
ISL78420AVEZ INTERSIL-ISL78420AVEZ Datasheet
608Kb / 18P
   100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
November 6, 2014
logo
Renesas Technology Corp
ISL78420 RENESAS-ISL78420 Datasheet
951Kb / 19P
   100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
logo
Intersil Corporation
HIP2120 INTERSIL-HIP2120 Datasheet
418Kb / 16P
   100V, 2A Peak, High Frequency Half-Bridge Drivers with Adjustable Dead Time Control and PWM Input
logo
Renesas Technology Corp
HIP2120 RENESAS-HIP2120 Datasheet
712Kb / 16P
   100V, 2A Peak, High Frequency Half-Bridge Drivers with Adjustable Dead Time Control and PWM Input
ISL78424 RENESAS-ISL78424 Datasheet
1Mb / 34P
   100V Boot, 4A Peak, Half-Bridge Driver with Single PWM Input and Adaptive Dead Time Control
logo
Analog Devices
LTC7060 AD-LTC7060 Datasheet
2Mb / 18P
   100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
logo
Renesas Technology Corp
HIP2210 RENESAS-HIP2210 Datasheet
603Kb / 28P
   100V, 3A Source, 4A Sink, High Frequency Half-Bridge Drivers with HI/LI or Tri-Level PWM Input and Adjustable Dead Time
Jun.23.20
logo
National Semiconductor ...
LM5105 NSC-LM5105 Datasheet
743Kb / 12P
   100V Half Bridge Gate Driver with Programmable Dead-time
logo
Texas Instruments
LM5105 TI1-LM5105_16 Datasheet
1,004Kb / 23P
[Old version datasheet]   100V Half Bridge Gate Driver With Programmable Dead-Time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com