Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ60CA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SMBJ60CA
Description  600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMBJ60CA Datasheet(HTML) 2 Page - Diodes Incorporated

  SMBJ60CA Datasheet HTML 1Page - Diodes Incorporated SMBJ60CA Datasheet HTML 2Page - Diodes Incorporated SMBJ60CA Datasheet HTML 3Page - Diodes Incorporated SMBJ60CA Datasheet HTML 4Page - Diodes Incorporated SMBJ60CA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMBJ5.0(C)A - SMBJ170(C)A
Document number: DS19002 Rev. 17 - 2
2 of 5
www.diodes.com
June 2009
© Diodes Incorporated
SMBJ5.0(C)A - SMBJ170(C)A
Electrical Characteristics @TA = 25°C unless otherwise specified
Part Number
Add C For Bi-
Directional
(Note 6)
Reverse
Standoff
Voltage
Breakdown
Voltage
VBR @ IT (Note 7)
Test
Current
Max. Reverse
Leakage @ VRWM
(Note 8)
Max. Clamping
Voltage @ Ipp
Max. Peak Pulse
Current
Ipp
Marking Code
See Note 4
VRWM (V)
Min (V) Max (V)
IT(mA)
IR (μA)
VC (V)
(A)
BI-
UNI-
SMBJ5.0(C)A
5.0
6.40
7.23
10
800
9.2
65.2
AE
KE
SMBJ6.0(C)A
6.0
6.67
7.67
10
800
10.3
58.3
AG
KG
SMBJ6.5(C)A
6.5
7.22
8.30
10
500
11.2
53.6
AK
KK
SMBJ7.0(C)A
7.0
7.78
8.95
10
200
12.0
50.0
AM
KM
SMBJ7.5(C)A
7.5
8.33
9.58
1.0
100
12.9
46.5
AP
KP
SMBJ8.0(C)A
8.0
8.89
10.23
1.0
50
13.6
44.1
AR
KR
SMBJ8.5(C)A
8.5
9.44
10.82
1.0
10
14.4
41.7
AT
KT
SMBJ9.0(C)A
9.0
10.00
11.50
1.0
5.0
15.4
39.0
AV
KV
SMBJ10(C)A
10.0
11.10
12.80
1.0
5.0
17.0
35.3
AX
KX
SMBJ11(C)A
11.0
12.20
14.40
1.0
5.0
18.2
33.0
AZ
KZ
SMBJ12(C)A
12.0
13.30
15.30
1.0
5.0
19.9
30.2
BE
LE
SMBJ13(C)A
13.0
14.40
16.50
1.0
5.0
21.5
27.9
BG
LG
SMBJ14(C)A
14.0
15.60
17.90
1.0
5.0
23.2
25.8
BK
LK
SMBJ15(C)A
15.0
16.70
19.20
1.0
5.0
24.4
24.0
BM
LM
SMBJ16(C)A
16.0
17.80
20.50
1.0
5.0
26.0
23.1
BP
LP
SMBJ17(C)A
17.0
18.90
21.70
1.0
5.0
27.6
21.7
BR
LR
SMBJ18(C)A
18.0
20.00
23.30
1.0
5.0
29.2
20.5
BT
LT
SMBJ20(C)A
20.0
22.20
25.50
1.0
5.0
32.4
18.5
BV
LV
SMBJ22(C)A
22.0
24.40
28.00
1.0
5.0
35.5
16.9
BX
LX
SMBJ24(C)A
24.0
26.70
30.70
1.0
5.0
38.9
15.4
BZ
LZ
SMBJ26(C)A
26.0
28.90
33.20
1.0
5.0
42.1
14.2
CE
ME
SMBJ28(C)A
28.0
31.10
35.80
1.0
5.0
45.4
13.2
CG
MG
SMBJ30(C)A
30.0
33.30
38.30
1.0
5.0
48.4
12.4
CK
MK
SMBJ33(C)A
33.0
36.70
42.20
1.0
5.0
53.3
11.3
CM
MM
SMBJ36(C)A
36.0
40.00
46.00
1.0
5.0
58.1
10.3
CP
MP
SMBJ40(C)A
40.0
44.40
51.10
1.0
5.0
64.5
9.3
CR
MR
SMBJ43(C)A
43.0
47.80
54.90
1.0
5.0
69.4
8.6
CT
MT
SMBJ45(C)A
45.0
50.00
57.50
1.0
5.0
72.7
8.3
CV
MV
SMBJ48(C)A
48.0
53.30
61.30
1.0
5.0
77.4
7.7
CX
MX
SMBJ51(C)A
51.0
56.70
65.20
1.0
5.0
82.4
7.3
CZ
MZ
SMBJ54(C)A
54.0
60.00
69.00
1.0
5.0
87.1
6.9
DE
NE
SMBJ58(C)A
58.0
64.40
74.60
1.0
5.0
93.6
6.4
DG
NG
SMBJ60(C)A
60.0
66.70
76.70
1.0
5.0
96.8
6.2
DK
NK
SMBJ64(C)A
64.0
71.10
81.80
1.0
5.0
103.0
5.8
DM
NM
SMBJ70(C)A
70.0
77.80
89.50
1.0
5.0
113.0
5.3
DP
NP
SMBJ75(C)A
75.0
83.30
95.80
1.0
5.0
121.0
4.9
DR
NR
SMBJ78(C)A
78.0
86.70
99.70
1.0
5.0
126.0
4.7
DT
NT
SMBJ85(C)A
85.0
94.40
108.20
1.0
5.0
137.0
4.4
DV
NV
SMBJ90(C)A
90.0
100.0
115.50
1.0
5.0
146.0
4.1
DX
NX
SMBJ100(C)A
100.0
111.0
128.00
1.0
5.0
162.0
3.7
DZ
NZ
SMBJ110(C)A
110.0
122.0
140.00
1.0
5.0
177.0
3.4
EE
PE
SMBJ120(C)A
120.0
133.0
153.00
1.0
5.0
193.0
3.1
EG
PG
SMBJ130(C)A
130.0
144.0
165.50
1.0
5.0
209.0
2.9
EK
PK
SMBJ150(C)A
150.0
167.0
192.50
1.0
5.0
243.0
2.5
EM
PM
SMBJ160(C)A
160.0
178.0
205.00
1.0
5.0
259.0
2.3
EP
PP
SMBJ170(C)A
170.0
189.0
217.50
1.0
5.0
275.0
2.2
ER
PR
Notes:
6. Suffix C denotes Bi-directional device.
7. VBR measured with IT current pulse = 300μs
8. For Bi-Directional devices having VRWM of 10V and under, the IR is doubled.


Similar Part No. - SMBJ60CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMBJ60CA LUGUANG-SMBJ60CA Datasheet
1,002Kb / 6P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Bytes
SMBJ60CA BYTES-SMBJ60CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Guangdong Juxing Electr...
SMBJ60CA JUXING-SMBJ60CA Datasheet
898Kb / 4P
   Surface Mount Transient Voltage Suppressor Power 600W
logo
MDE Semiconductor, Inc.
SMBJ60CA MDE-SMBJ60CA Datasheet
92Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
WeEn Semiconductors
SMBJ60CA WEEN-SMBJ60CA Datasheet
605Kb / 7P
   600W Transient Voltage Suppressor
More results

Similar Description - SMBJ60CA

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
P6SMBJ5.0 FRONTIER-P6SMBJ5.0 Datasheet
133Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMBJ7.5CA-13 DIODES-SMBJ7.5CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ51CA-13 DIODES-SMBJ51CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ350A-13-F DIODES-SMBJ350A-13-F Datasheet
100Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMAJ58ADFQ-13 DIODES-P6SMAJ58ADFQ-13 Datasheet
375Kb / 6P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
August 2020
SMBJ50CA DIODES-SMBJ50CA Datasheet
81Kb / 3P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
SMBJ33CA-13 DIODES-SMBJ33CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ50CA DIODES-SMBJ50CA_1 Datasheet
80Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
logo
Frontier Electronics.
P6SMBJ5.0-LFR FRONTIER-P6SMBJ5.0-LFR Datasheet
134Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMBJ100CA LUGUANG-SMBJ100CA Datasheet
402Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com