Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK2616K Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # TK2616K
Description  Phase Control Thyristor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

TK2616K Datasheet(HTML) 2 Page - Dynex Semiconductor

  TK2616K Datasheet HTML 1Page - Dynex Semiconductor TK2616K Datasheet HTML 2Page - Dynex Semiconductor TK2616K Datasheet HTML 3Page - Dynex Semiconductor TK2616K Datasheet HTML 4Page - Dynex Semiconductor TK2616K Datasheet HTML 5Page - Dynex Semiconductor TK2616K Datasheet HTML 6Page - Dynex Semiconductor TK2616K Datasheet HTML 7Page - Dynex Semiconductor TK2616K Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2/8
www.dynexsemi.com
TK26
SURGE RATINGS
Conditions
10ms half sine; T
case = 125
oC
V
R = 50% VRRM - 1/4 sine
10ms half sine; T
case = 125
oC
V
R = 0
Max.
Units
Symbol
Parameter
I
TSM
Surge (non-repetitive) on-state current
I
2tI2t for fusing
I
TSM
Surge (non-repetitive) on-state current
I
2t
I
2t for fusing
80 x 10
3
A
2s
4.0
kA
51.2 x 103
A2s
3.2
kA
THERMAL AND MECHANICAL DATA
Conditions
Min.
Max.
Units
Symbol
Parameter
-
0.13
oC/W
Thermal resistance - junction to case
R
th(j-c)
Mounting torque 35.0Nm
with mounting compound
0.06
-
oC/W
Thermal resistance - case to heatsink
R
th(c-h)
125
oC
T
vj
Virtual junction temperature
T
stg
Storage temperature range
Reverse (blocking)
-
Mounting torque
30.0
35.0
Nm
–40
150
oC
-
On-state (conducting)
-
125
oC
dc
T
case = 80˚C unless stated otherwise.
Symbol
Parameter
Conditions
Units
Max.
I
T(AV)
Mean on-state current
I
T(RMS)
RMS value
I
T
Continuous (direct) on-state current
Half wave resistive load
180
A
-
275
A
-
220
A
CURRENT RATINGS
T
case =
60˚C unless stated otherwise.
Symbol
Parameter
Conditions
Units
Max.
I
T(AV)
Mean on-state current
I
T(RMS)
RMS value
I
T
Continuous (direct) on-state current
Half wave resistive load
235
A
-
369
A
-
306
A


Similar Part No. - TK2616K

ManufacturerPart #DatasheetDescription
logo
Caddock Electronics, In...
TK200 CADDOCK-TK200 Datasheet
371Kb / 2P
   Type TK Low TC Precision Radial-Lead Film Resistors
logo
Toshiba Semiconductor
TK200F04N1L TOSHIBA-TK200F04N1L Datasheet
306Kb / 11P
   Silicon N-channel MOS (U-MOS-H)
2020-06-24 Rev.8.0
logo
Tripath Technology Inc.
TK2019 TRIPATH-TK2019 Datasheet
414Kb / 21P
   STEREO 20W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
TK2050 TRIPATH-TK2050 Datasheet
400Kb / 19P
   STEREO 50W (8OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
TK2051 TRIPATH-TK2051 Datasheet
462Kb / 19P
   STEREO 50W (8廓) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP)
More results

Similar Description - TK2616K

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com