Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN2012 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN2012
Description  1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2012 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN2012 Datasheet HTML 1Page - Fairchild Semiconductor FAN2012 Datasheet HTML 2Page - Fairchild Semiconductor FAN2012 Datasheet HTML 3Page - Fairchild Semiconductor FAN2012 Datasheet HTML 4Page - Fairchild Semiconductor FAN2012 Datasheet HTML 5Page - Fairchild Semiconductor FAN2012 Datasheet HTML 6Page - Fairchild Semiconductor FAN2012 Datasheet HTML 7Page - Fairchild Semiconductor FAN2012 Datasheet HTML 8Page - Fairchild Semiconductor FAN2012 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
www.fairchildsemi.com
FAN2011/FAN2012 Rev. 1.0.4
Electrical Characteristics
Notes:
4. Load transient response test waveform.
Additional Electrical Characteristics for FAN2012
Figure 3. Load Transient Response Test Waveform
VIN = 4.5V to 5.5V, VOUT = 1.2V, IOUT = 200mA, CIN = 10µF, COUT = 4 x 10µF, L = 3.3µH, TA = 0°C to +85°C, unless
otherwise noted. Typical values are at TA = 25°C.
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage
4.5
5.5
V
Quiescent Current
IOUT = 0mA
7
10
mA
UVLO Threshold
VIN Rising
3.4
3.7
4
V
Hysteresis
150
mV
PMOS On Resistance
VIN = VGS = 5V
150
290
m
NMOS On Resistance
VIN = VGS = 5V
150
290
m
P-channel Current Limit
4.5V < VIN < 5.5V
2200
2600
3500
mA
Over-Temperature Protection
Rising Temperature
150
°C
Hysteresis
20
°C
Switching Frequency
1000
1300
1600
kHz
Line Regulation
VIN = 4.5 to 5.5V, IOUT = 100mA
0.16
% / V
Load Regulation
0mA
≤ I
OUT ≤ 1500mA
0.2
0.5
%
Output Voltage During Load Transition(4)
IOUT from 700mA to 100mA
5
%
Output Voltage During Load Transition(4)
IOUT from 100mA to 700mA
-5
%
Reverse Leakage Current Into Pin SW
VIN = Open, EN = GND, Vsw = 5.5V
0.1
1
µA
Reference Voltage, VREF
0.8
V
Output Voltage Accuracy
VIN = 4.5 to 5.5V
0mA
≤ I
OUT
1500mA
FAN2011
FAN2012
-2
2
%
FAN2011I
FAN2012I
-40°C to +85°C
-3
3
%
TA = 0°C to +85°C, VIN = 4.5 to 5.5V. Typical values are at TA = 25°C.
Parameter
Conditions
Min.
Typ.
Max.
Units
Shutdown Mode Supply Current
VEN = 0V
0.1
1
µA
EN Bias Current
0.1
µA
EN High Voltage
1.3
V
EN Low Voltage
0.4
V
0.6
Time (mSec)
ss
0
4.6
100
700
tr = 67nS
tf = 67nS


Similar Part No. - FAN2012

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2012 FAIRCHILD-FAN2012 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2012 FAIRCHILD-FAN2012 Datasheet
617Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2012I FAIRCHILD-FAN2012I Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2012I FAIRCHILD-FAN2012I Datasheet
617Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2012IMPX FAIRCHILD-FAN2012IMPX Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
More results

Similar Description - FAN2012

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011_06 Datasheet
617Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
FAN2013 FAIRCHILD-FAN2013_08 Datasheet
884Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2013B FAIRCHILD-FAN2013B Datasheet
827Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Micrel Semiconductor
MIC2179 MICREL-MIC2179 Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
MIC2179 MICREL-MIC2179_09 Datasheet
375Kb / 13P
   1.5A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8009A RENESAS-ISL8009A Datasheet
1,019Kb / 13P
   1.5A Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com