Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA36 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # SA36
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SA36 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  SA36 Datasheet HTML 1Page - Pan Jit International Inc. SA36 Datasheet HTML 2Page - Pan Jit International Inc. SA36 Datasheet HTML 3Page - Pan Jit International Inc. SA36 Datasheet HTML 4Page - Pan Jit International Inc. SA36 Datasheet HTML 5Page - Pan Jit International Inc. SA36 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PAGE . 3
November 15,2012-REV.05
SA5.0~SA220CA
Part Number
Re ve rs e
S tand -off
Vo ltag e
B rea kdo wn Vo ltag e
TestC urrent
Reverse Leakage
Max. Clamp
Voltage
10/1000μs
Peak Pulse
Current
10/1000 μs
Marking Code
V RWM
(Notes 4)
V BR @ IT
IT
IR @ VRWM
VC @ IPP
IPP
Mi n.
Max.
UNI
BI
UNI
BI
V
V
V
mA
uA
uA
V
A
UNI
BI
500W Transient Voltage Suppressor
SA40A
SA40CA
40
44.4
51.1
1
1
1
64.5
7.8
SA40A
SA40CA
SA43
SA43C
43
47.8
60.5
1
1
1
76.7
6.5
SA43
SA43C
SA43A
SA43CA
43
47.8
54.9
1
1
1
69.4
7.2
SA43A
SA43CA
SA45
SA45C
45
50
63.3
1
1
1
80.3
6.2
SA45
SA45C
SA45A
SA45CA
45
50
57.5
1
1
1
72.7
6.9
SA45A
SA45CA
SA48
SA48C
48
53.3
67.5
1
1
1
85.5
5.8
SA48
SA48C
SA48A
SA48CA
48
53.3
61.3
1
1
1
77.4
6.5
SA48A
SA48CA
SA51
SA51C
51
56.7
71.8
1
1
1
91.1
5.5
SA51
SA51C
SA51A
SA51CA
51
56.7
65.2
1
1
1
82.4
6.1
SA51A
SA51CA
SA54
SA54C
54
60
76
1
1
1
96.3
5.2
SA54
SA54C
SA54A
SA54CA
54
60.0
69
1
1
1
87.1
5.7
SA54A
SA54CA
SA58
SA58C
58
64.4
81.6
1
1
1
103
4.9
SA58
SA58C
SA58A
SA58CA
58
64.4
74.1
1
1
1
93.6
5.3
SA58A
SA58CA
SA60
SA60C
60
66.7
84.5
1
1
1
107
4.7
SA60
SA60C
SA60A
SA60CA
60
66.7
76.7
1
1
1
96.8
5.2
SA60A
SA60CA
SA64
SA64C
64
71.1
90.1
1
1
1
114
4.4
SA64
SA64C
SA64A
SA64CA
64
71.1
81.8
1
1
1
103
4.9
SA64A
SA64CA
SA70
SA70C
70
77.8
98.6
1
1
1
125
4
SA70
SA70C
SA70A
SA70CA
70
77.8
89.5
1
1
1
113
4.4
SA70A
SA70CA
SA75
SA75C
75
83.3
105.7
1
1
1
134
3.7
SA75
SA75C
SA75A
SA75CA
75
83.3
95.8
1
1
1
121
4.1
SA75A
SA75CA
SA78
SA78C
78
86.7
109.8
1
1
1
139
3.6
SA78
SA78C
SA78A
SA78CA
78
86.7
99.7
1
1
1
126
4
SA78A
SA78CA
SA85
SA85C
85
94.4
119.2
1
1
1
151
3.3
SA85
SA85C
SA85A
SA85CA
85
94.4
108.2
1
1
1
137
3.6
SA85A
SA85CA
SA90
SA90C
90
100
126.5
1
1
1
160
3.1
SA90
SA90C
SA90A
SA90CA
90
100
115.5
1
1
1
146
3.4
SA90A
SA90CA
SA100
SA100C
100
111
141
1
1
1
179
2.8
SA100
SA100C
SA100A
SA100CA
100
111
128
1
1
1
162
3.1
SA100A
SA100CA
SA110
SA110C
110
122
154.5
1
1
1
196
2.6
SA110
SA110C
SA110A
SA110CA
110
122
140.5
1
1
1
177
2.8
SA110A
SA110CA
SA120
SA120C
120
133
169
1
1
1
214
2.3
SA120
SA120C
SA120A
SA120CA
120
133
153
1
1
1
193
2
SA120A
SA120CA
SA130
SA130C
130
144
182.5
1
1
1
231
2.2
SA130
SA130C
SA130A
SA130CA
130
144
165.5
1
1
1
209
2.4
SA130A
SA130CA
SA150
SA150C
150
167
211.5
1
1
1
268
1.9
SA150
SA150C
SA150A
SA150CA
150
167
192.5
1
1
1
243
2.1
SA150A
SA150CA
SA160
SA160C
160
178
226
1
1
1
287
1.7
SA160
SA160C
SA160A
SA160CA
160
178
205
1
1
1
259
1.9
SA160A
SA160CA
SA170
SA170C
170
189
239.5
1
1
1
304
1.6
SA170
SA170C
SA170A
SA170CA
170
189
217.5
1
1
1
275
1.8
SA170A
SA170CA
SA180
SA180C
180
198
253.8
1
1
1
322
1.6
SA180
SA180C
SA180A
SA180CA
180
198
230.4
1
1
1
292
1.7
SA180A
SA180CA
SA190
SA190C
190
209
267.9
1
1
1
340
1.5
SA190
SA190C
SA190A
SA190CA
190
209
243.2
1
1
1
308
1.6
SA190A
SA190CA
SA200
SA200C
200
220
282
1
1
1
358
1.4
SA200
SA200C
SA200A
SA200CA
200
220
256
1
1
1
324
1.5
SA200A
SA200CA
SA210
SA210C
210
231
296.1
1
1
1
376
1.3
SA210
SA210C
SA210A
SA210CA
210
231
268.8
1
1
1
340
1.5
SA210A
SA210CA
SA220
SA220C
220
242
310.2
1
1
1
394
1.3
SA220
SA220C
SA220A
SA220CA
220
242
281.6
1
1
1
356
1.4
SA220A
SA220CA


Similar Part No. - SA36

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SA36 YANGJIE-SA36 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Pan Jit International I...
SA36 PANJIT-SA36 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
First Components Intern...
SA36 FCI-SA36 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA36 TSC-SA36 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
SA36 NJSEMI-SA36 Datasheet
203Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA36

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE_SERIES PANJIT-P6KE_SERIES_14 Datasheet
243Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
P4KE_SERIES PANJIT-P4KE_SERIES_14 Datasheet
194Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 400 Watts
SA5.0 PANJIT-SA5.0_08 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
P6KE PANJIT-P6KE_09 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
P4KE PANJIT-P4KE_08 Datasheet
104Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com