Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4735 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # 1N4735
Description  SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1N4735 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  1N4735 Datasheet HTML 1Page - EIC discrete Semiconductors 1N4735 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at = 25
°C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
TYPE
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
1N4728
3.3
76.0
10
400
1.0
100
1.0
276
1N4729
3.6
69.0
10
400
1.0
100
1.0
252
1N4730
3.9
64.0
9.0
400
1.0
50
1.0
234
1N4731
4.3
58.0
9.0
400
1.0
10
1.0
217
1N4732
4.7
53.0
8.0
500
1.0
10
1.0
193
1N4733
5.1
49.0
7.0
550
1.0
10
1.0
178
1N4734
5.6
45.0
5.0
600
1.0
10
2.0
162
1N4735
6.2
41.0
2.0
700
1.0
10
3.0
146
1N4736
6.8
37.0
3.5
700
1.0
50
4.0
133
1N4737
7.5
34.0
4.0
700
0.5
50
5.0
121
1N4738
8.2
31.0
4.5
700
0.5
50
6.0
110
1N4739
9.1
28.0
5.0
700
0.5
50
7.0
100
1N4740
10
25.0
7.0
700
0.25
50
7.6
91
1N4741
11
23.0
8.0
700
0.25
50
8.4
83
1N4742
12
21.0
9.0
700
0.25
5.0
9.1
76
1N4743
13
19.0
10
700
0.25
5.0
9.9
69
1N4744
15
17.0
14
700
0.25
5.0
11.4
61
1N4745
16
15.5
16
700
0.25
5.0
12.2
57
1N4746
18
14.0
20
750
0.25
5.0
13.7
50
1N4747
20
12.5
22
750
0.25
5.0
15.2
45
1N4748
22
11.5
23
750
0.25
5.0
16.7
41
1N4749
24
10.5
25
750
0.25
5.0
18.2
38
1N4750
27
9.5
35
750
0.25
5.0
20.6
34
1N4751
30
8.5
40
1000
0.25
5.0
22.8
30
1N4752
33
7.5
45
1000
0.25
5.0
25.1
27
1N4753
36
7.0
50
1000
0.25
5.0
27.4
25
1N4754
39
6.5
60
1000
0.25
5.0
29.7
23
1N4755
43
6.0
70
1500
0.25
5.0
32.7
22
1N4756
47
5.5
80
1500
0.25
5.0
35.8
19
1N4757
51
5.0
95
1500
0.25
5.0
38.8
18
1N4758
56
4.5
110
2000
0.25
5.0
42.6
16
1N4759
62
4.0
125
2000
0.25
5.0
47.1
14
1N4760
68
3.7
150
2000
0.25
5.0
51.7
13
1N4761
75
3.3
175
2000
0.25
5.0
56.0
12
1N4762
82
3.0
200
3000
0.25
5.0
62.2
11
1N4763
91
2.8
250
3000
0.25
5.0
69.2
10
1N4764
100
2.5
350
3000
0.25
5.0
76.0
9.0
Z1110
110
2.3
450
4000
0.25
5.0
83.6
8.6
Z1120
120
2.0
550
4500
0.25
5.0
91.2
7.8
Z1130
130
1.9
700
5000
0.25
5.0
98.8
7.0
Z1150
150
1.7
1000
6000
0.25
5.0
114.0
6.4
Z1160
160
1.6
1100
6500
0.25
5.0
121.6
5.8
Z1180
180
1.4
1200
7000
0.25
5.0
136.8
5.2
Z1200
200
1.2
1500
8000
0.25
5.0
152.0
4.7
Note :
( 1 ) The type number listed have a standard tolerance on the nominal zener voltage of
± 10%.
A standard tolerance of
± 5% on individual units is also available and is indicated by suffixing
"A" to the standard type number.


Similar Part No. - 1N4735

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N4735 SURGE-1N4735 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Silicon Standard Corp.
1N4735 SSC-1N4735 Datasheet
173Kb / 3P
   Zener Diodes
logo
Nanjing International G...
1N4735 DGNJDZ-1N4735 Datasheet
954Kb / 2P
   1W ZENER DIODES
logo
Semtech Corporation
1N4735 SEMTECH-1N4735 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
Diotech Company.
1N4735 DIOTECH-1N4735 Datasheet
856Kb / 3P
   1W EPITAXIAL ZENER DIODE
More results

Similar Description - 1N4735

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com