Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S07B-XASK-1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # S07B-XASK-1
Description  2.5mm pitch/Disconnectable Crimp style connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S07B-XASK-1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  S07B-XASK-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers S07B-XASK-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers S07B-XASK-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers S07B-XASK-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers S07B-XASK-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers S07B-XASK-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
XA CONNECTOR
Circuits
Model No.
Dimensions (mm)
Q'ty / bag
AB
Material
PA 66, UL94V-0, natural (white)
2
3
4
5
6
7
8
9
10
11
12
13
14
15
18
20
XAP-02V-1
XAP-03V-1
XAP-04V-1
XAP-05V-1
XAP-06V-1
XAP-07V-1
XAP-08V-1
XAP-09V-1
XAP-10V-1
XAP-11V-1
XAP-12V-1
XAP-13V-1
XAP-14V-1
XAP-15V-1
XAP-20V-1
XARP-02V
XARP-03V
XARP-04V
XARP-05V
XARP-06V
XARP-07V
XARP-08V
XARP-09V
XARP-10V
XARP-11V
XARP-12V
XARP-13V
XARP-14V
XARP-15V
XARP-18V
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
42.5
47.5
7.3
9.8
12.3
14.8
17.3
19.8
22.3
24.8
27.3
29.8
32.3
34.8
37.3
39.8
47.3
52.3
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
500
500
500
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
500
Standard
type
Standard
type
Retainer
mountable type
Retainer
mountable type
A
B
6.9
5.8
2.5 2.4
Circuit No.1
Circuit No.1
5.8
7.4
0.6
B
A
2.4
2.5
Retainer mountable type
Standard type
6.5
3.1
1.3 1.6
Material and Finish
0.8∼1.9
1.5∼1.9
1.3∼1.7
28∼22
24∼20
26∼22
0.08∼0.33
0.22∼0.5
0.13∼0.33
SXA-001T-P0.6
SXA-01T-P0.6
SXA-001T-P0.6L
Phosphor bronze, tin-plated (reflow treatment)
8,000
8,000
8,000
Model No.
Applicable wire
mm2
AWG#
Q'ty / reel
Insulation O.D. (mm)
Contact
RoHS compliance
Note :1. SXA-001T-P0.6L is low-insertion force type contact, for easier
insertion/withdrawal, which would be less resistant to the vibration.
The crimp height is different from the standard contact.
Note :2. Contact JST for gold-plated products.
Housing
RoHS compliance
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
<Standard type>
ex.
XAP-02V-1-oo-
(blank)…natural (white)
K…black R…red E…blue Y…yellow L…lemon yellow
M…green O…orange N…brown H…gray P…purple
LE…light blue PK…pink FY…vivid yellow Z…ivory
<Retainer mountable type>
ex.
XARP-02V-oo
(blank)…natural (white)
K…black R…red E…blue L…lemon yellow
Contact
Crimp applicator
Dies
Crimp applicator with dies
Applicator
Crimping
machine
SXA-01T-P0.6
AP-K2N
MKS-L
*MKS-SC
MK/SXA/M-01-06
SC/SXA/M-01-06
APLMK SXA/M01-06
APLSC SXA/M01-06
Contact
Crimp applicator
Dies
Crimp applicator with dies
Applicator
Crimping
machine
SXA-001T-P0.6
MKS-L
*MKS-SC
MK/SXA/M-001-06
SC/SXA/M-001-06
SXA-001T-P0.6L
MKS-L
*MKS-SC
MK/SXA-001-06L
SC/SXA-001-06L
APLMK SXA/M001-06
APLSC SXA/M001-06
APLMK SXA001-06L
APLSC SXA001-06L
AP-K2N
Note: *Strip-crimp applicator
2


Similar Part No. - S07B-XASK-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S07B-GS08 VISHAY-S07B-GS08 Datasheet
120Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
S07B-GS08 VISHAY-S07B-GS08 Datasheet
123Kb / 8P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
S07B-GS18 VISHAY-S07B-GS18 Datasheet
120Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
S07B-GS18 VISHAY-S07B-GS18 Datasheet
123Kb / 8P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
S07B-GS18 VISHAY-S07B-GS18_15 Datasheet
123Kb / 8P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
More results

Similar Description - S07B-XASK-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S6B-XH-A ETC2-S6B-XH-A Datasheet
214Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
HRP-03-S ETC2-HRP-03-S Datasheet
133Kb / 2P
   2.5mm pitch/Disconnectable Crimp style connectors
XADRP-14V ETC2-XADRP-14V Datasheet
157Kb / 3P
   2.5mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SEH-001T-P0.6 JST-SEH-001T-P0.6 Datasheet
169Kb / 4P
   2.5mm pitch/Disconnectable Crimp style connectors
XH-CONNECTOR JST-XH-CONNECTOR Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
B08B-XADSS-N ETC2-B08B-XADSS-N Datasheet
157Kb / 3P
   2.5mm pitch/Disconnectable Crimp style connectors
HRP-06-S ETC2-HRP-06-S Datasheet
133Kb / 2P
   2.5mm pitch/Disconnectable Crimp style connectors
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com