Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41121A6107M Datasheet(PDF) 5 Page - EPCOS

Part # B41121A6107M
Description  Aluminum Electrolytic Capacitors: SMD
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41121A6107M Datasheet(HTML) 5 Page - EPCOS

  B41121A6107M Datasheet HTML 1Page - EPCOS B41121A6107M Datasheet HTML 2Page - EPCOS B41121A6107M Datasheet HTML 3Page - EPCOS B41121A6107M Datasheet HTML 4Page - EPCOS B41121A6107M Datasheet HTML 5Page - EPCOS B41121A6107M Datasheet HTML 6Page - EPCOS B41121A6107M Datasheet HTML 7Page - EPCOS B41121A6107M Datasheet HTML 8Page - EPCOS B41121A6107M Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SMD capacitors
B41121
Standard series – 105
°C
5
08/08
Please read Cautions and warnings and
Important notes at the end of this document.
Overview of available types
VR (V DC)
4
6.3
10
16
25
35
50
Case dimensions d
× l (mm)
CR (µF)
0.1
4
× 5.4
0.22
4
× 5.4
0.33
4
× 5.4
0.47
4
× 5.4
1.0
4
× 5.4
2.2
4
× 5.4
3.3
4
× 5.4 4 × 5.4
4.7
4
× 5.4 4 × 5.4 5 × 5.4
10
4
× 5.4 5 × 5.4 5 × 5.4 6.3 × 5.4
6.3
× 5.8
22
4
× 5.4 5 × 5.4 5 × 5.4 6.3 × 5.4 6.3 × 5.4 6.3 × 7.7
33
4
× 5.4 5 × 5.4 5 × 5.4 6.3 × 5.4 6.3 × 5.4 6.3 × 5.4
6.3
× 5.8
6.3
× 7.7
47
4
× 5.4 5 × 5.4 6.3 × 5.4 6.3 × 5.4 6.3 × 5.4
6.3
× 5.8
6.3
× 7.7 6.3 × 7.7
100
5
× 5.4 6.3 × 5.4 6.3 × 5.4 6.3 × 5.4
6.3
× 5.8
6.3
× 7.7
8
×10
8
×10
150
6.3
× 5.4 6.3 × 5.4
6.3
× 5.8
6.3
× 5.4
6.3
× 5.8
6.3
× 7.7 8 ×10
8
×10
10
×10
220
6.3
× 5.4
6.3
× 5.8
6.3
× 7.7 6.3 × 7.7 6.3 × 7.7
8
×10
10
×10
330
6.3
× 7.7 6.3 × 7.7 8 ×10
8
×10
10
×10
470
6.3
× 7.7 8 ×10
8
×10
8
×10
680
8
×10
8
×10
10
×10
10
×10
1000
8
×10
10
×10


Similar Part No. - B41121A6107M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41121A6107M000 EPCOS-B41121A6107M000 Datasheet
722Kb / 13P
   Aluminum electrolytic capacitors
More results

Similar Description - B41121A6107M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VEC100M1CTR-0405 ETC2-VEC100M1CTR-0405 Datasheet
182Kb / 1P
   SMD Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
EEEFK0J352SQ PANASONIC-EEEFK0J352SQ Datasheet
57Kb / 2P
   Aluminum Electrolytic Capacitors (SMD Type)
EEE-1VA101XAP PANASONIC-EEE-1VA101XAP Datasheet
65Kb / 3P
   Aluminum Electrolytic Capacitors (SMD Type)
EEEFK1E101XP PANASONIC-EEEFK1E101XP Datasheet
38Kb / 1P
   Aluminum Electrolytic Capacitors(SMD Type)
FKS PANASONIC-FKS Datasheet
798Kb / 4P
   Aluminum Electrolytic Capacitors (SMD Type)
17-Apr-19
logo
Vishay Siliconix
192CTX VISHAY-192CTX_V01 Datasheet
124Kb / 8P
   Aluminum Electrolytic Capacitors SMD (Chip), High Voltage
01-Jan-2023
140CRH VISHAY-140CRH_17 Datasheet
157Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
Revision: 31-Jan-17
192CTX VISHAY-192CTX Datasheet
124Kb / 8P
   Aluminum Electrolytic Capacitors SMD (Chip), High Voltage
140CRH VISHAY-140CRH_V01 Datasheet
154Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
01-Jan-2023
175TMP VISHAY-175TMP Datasheet
111Kb / 8P
   Aluminum Capacitors High Temperature Solid Electrolytic SMD
Revision: 04-Nov-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com