Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KP45 Datasheet(PDF) 3 Page - EIC discrete Semiconductors

Part # 15KP45
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

15KP45 Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  15KP45 Datasheet HTML 1Page - EIC discrete Semiconductors 15KP45 Datasheet HTML 2Page - EIC discrete Semiconductors 15KP45 Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Reverse
Breakdown
Maximum
Maximum
Maximum
Max. Voltage
Part
Part
Stand Off
Voltage @ IT
Reverse Leakage
Clamping
Peak Pulse
Temperature
Number
Number
Voltage
@ VR
Voltage @ IPP
Current
Variation
(Uni-directional)
(Bi-directional)
VR
VBR (V)
IT
IR
VC
IPP
of VBR
(V)
Min.
(mA)
(
µA)
(V)
(A)
(mV/
°C)
15KP75
15KP75C
75
83.3
5.0
10
135
111
100
15KP75A
15KP75CA
75
83.3
5.0
10
122
123
89
15KP78
15KP78C
78
86.7
5.0
10
140
107
104
15KP78A
15KP78CA
78
86.7
5.0
10
126
119
93
15KP85
15KP85C
85
94.4
5.0
10
152
99
113
15KP85A
15KP85CA
85
94.4
5.0
10
137
109
102
15KP90
15KP90C
90
100
5.0
10
160
94
120
15KP90A
15KP90CA
90
100
5.0
10
146
103
110
15KP100
15KP100C
100
111
5.0
10
179
84
134
15KP100A
15KP100CA
100
111
5.0
10
162
93
123
15KP110
15KP110C
110
122
5.0
10
196
77
147
15KP110A
15KP110CA
110
122
5.0
10
178
84
133
15KP120
15KP120C
120
133
5.0
10
214
70
161
15KP120A
15KP120CA
120
133
5.0
10
193
78
146
15KP130
15KP130C
130
144
5.0
10
231
65
174
15KP130A
15KP130CA
130
144
5.0
10
209
72
158
15KP150
15KP150C
150
167
5.0
10
268
56
202
15KP150A
15KP150CA
150
167
5.0
10
243
62
184
15KP160
15KP160C
160
178
5.0
10
287
52
216
15KP160A
15KP160CA
160
178
5.0
10
259
58
196
15KP170
15KP170C
170
189
5.0
10
304
49
229
15KP170A
15KP170CA
170
189
5.0
10
275
55
208
15KP180
15KP180C
180
200
5.0
10
321
47
242
15KP180A
15KP180CA
180
200
5.0
10
287
52
220
15KP200
15KP200C
200
222
5.0
10
356
42
296
15KP200A
15KP200CA
200
222
5.0
10
325
46
274
15KP220
15KP220C
220
245
5.0
10
393
38
297
15KP220A
15KP220CA
220
245
5.0
10
347
43
273
15KP240
15KP240C
240
267
5.0
10
428
35
324
15KP240A
15KP240CA
240
267
5.0
10
387
39
300
Note:
Suffix " A " denotes 5% tolerance device , no suffix denotes a 10% tolerance device.
* Prefered Voltages.
Fig. 2 - Peak Pulse Power vs. Pulse Time
Fig. 3 - Typical Capacitance vs. Breakdown Voltage
td Pulse Time - sec
100ns
1
µs
10
µs
100
µs
1ms
10ms
1.0
10
100
1,000
10,000
1,000
10
1
1V
10V
100V
1,000V
VBR - Breakdown Voltage - Volts
Measued at
Stad-off Voltage


Similar Part No. - 15KP45

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
15KP45 MICROSEMI-15KP45 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Protek Devices
15KP45 PROTEC-15KP45 Datasheet
65Kb / 5P
   POWER TVS COMPONENT
logo
Pan Jit International I...
15KP45 PANJIT-15KP45 Datasheet
58Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
15KP45 ETC-15KP45 Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Protek Devices
15KP45 PROTEC-15KP45 Datasheet
483Kb / 7P
   15kW power tvs component
More results

Similar Description - 15KP45

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com