Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR5006L Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # AR5006L
Description  AUTOMOTIVE RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

AR5006L Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  AR5006L Datasheet HTML 1Page - EIC discrete Semiconductors AR5006L Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AR5000L - AR5010L
AUTOMOTIVE
RECTIFIER DIODES
PRV : 50 - 1000 Volts
Io : 50 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
MECHANICAL DATA :
* Case : Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Cathode polarity band
* Mounting position : Any
* Weight : 2.73 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
AR
5000L
AR
5001L
AR
5002L
AR
5004L
AR
5006L
AR
5008L
AR
5010L
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Average Rectified Forward Current Tc = 150
°C
IF(AV)
50
Amps.
Peak Forward Surge Current Single half sine
wave superimposed on rated load (JEDEC Method)
IFSM
500
Amps.
Maximum Forward Voltage at IF = 50 Amps.
VF
1.1
Volts
Maximum DC Reverse Current
Ta = 25
°C
IR
5.0
µA
at rated DC Blocking Voltage
Ta = 100
°C
IR(H)
1.0
mA
Thermal Resistance (Note 1)
R
θJC
0.8
°C/W
Junction Temperature Range
TJ
- 65 to + 175
°C
Storage Temperature Range
TSTG
- 65 to + 175
°C
Note : (1) Thermal resistance from junction to case. Single side cooled.
UPDATE : APRIL 23, 1998
RATING
0.053 (1.35)
0.050 (1.27)
0.250 (6.4)
0.235 (6.0)
AR - L
Dimensions in inches and ( millimeter )
1.00 (25.4)
MIN.
0.410 (10.4)
0.380 (9.7)


Similar Part No. - AR5006L

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
AR5006L EIC-AR5006L Datasheet
93Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
More results

Similar Description - AR5006L

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MR3500L EIC-MR3500L Datasheet
16Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
AR3500 EIC-AR3500 Datasheet
17Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
AR5000 EIC-AR5000_05 Datasheet
44Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
AR2500 EIC-AR2500 Datasheet
16Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
AR2500L EIC-AR2500L_05 Datasheet
49Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
MR5000L NJSEMI-MR5000L Datasheet
137Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
logo
EIC discrete Semiconduc...
MR3500S EIC-MR3500S Datasheet
74Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
Rev. 02 : March 24, 2005
AR3500L EIC-AR3500L Datasheet
29Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
AR5000 EIC-AR5000 Datasheet
29Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
AR3500L EIC-AR3500L_06 Datasheet
94Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
AR5000L EIC-AR5000L_06 Datasheet
93Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com