Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM03AX601SN1 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # BLM03AX601SN1
Description  EMIFIL (Inductor type) Chip Ferrite Bead
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM03AX601SN1 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  BLM03AX601SN1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM03AX601SN1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM03AX601SN1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
2
Noise Suppression Products/EMI Suppression Filters > EMIFIL
r (Inductor type) > Chip Ferrite Bead
2012.9.6
oThis data sheet is applied for CHIP FERRITE BEAD used for General Electronics equipment for your design.
Continued from the preceding page.
c Impedance-Frequency Characteristics
BLM03AX800SN1
1
10
100
1000
3000
Frequency (MHz)
0
50
100
150
Z
R
X
c Impedance-Frequency Characteristics
BLM03AX121SN1
1
10
100
1000
3000
Frequency (MHz)
0
60
120
240
180
Z
R
X
c Impedance-Frequency Characteristics
BLM03AX241SN1
1
10
100
1000
3000
Frequency (MHz)
0
80
160
400
320
240
Z
R
X
c Impedance-Frequency Characteristics
BLM03AX601SN1
1
10
100
1000
3000
Frequency (MHz)
0
300
600
900
1200
Z
R
X
c Impedance-Frequency Characteristics
BLM03AX102SN1
1
10
100
1000
3000
Frequency (MHz)
0
500
1000
1500
Z
R
X
Continued on the following page.


Similar Part No. - BLM03AX601SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM03AX601SN1 MURATA-BLM03AX601SN1 Datasheet
2Mb / 88P
   EMI Suppression Filters
BLM03AX601SN1 MURATA-BLM03AX601SN1 Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
BLM03AX601SN1 MURATA-BLM03AX601SN1 Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
logo
Murata Manufacturing Co...
BLM03AX601SN1 MURATA1-BLM03AX601SN1 Datasheet
245Kb / 3P
   The chip ferrite beads BLM series is designed to function nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated06/27/2022
BLM03AX601SN1B MURATA1-BLM03AX601SN1B Datasheet
245Kb / 3P
   The chip ferrite beads BLM series is designed to function nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated06/27/2022
More results

Similar Description - BLM03AX601SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18RK121SN1 MURATA-BLM18RK121SN1 Datasheet
75Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18RK102SN1D MURATA-BLM18RK102SN1D Datasheet
81Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18BD470SN1 MURATA-BLM18BD470SN1 Datasheet
253Kb / 8P
   EMIFIL (Inductor type) Chip Ferrite Bead
logo
Murata Manufacturing Co...
BLM15AG601AN1B MURATA1-BLM15AG601AN1B Datasheet
56Kb / 2P
   EMIFIL (Inductor type) Chip Ferrite Bead
2011.5.12
logo
Murata Manufacturing Co...
BLM21PG220SN1D MURATA-BLM21PG220SN1D Datasheet
123Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18TG121TN1 MURATA-BLM18TG121TN1 Datasheet
104Kb / 2P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM15AX100SN1 MURATA-BLM15AX100SN1 Datasheet
106Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18EG101TN1D MURATA-BLM18EG101TN1D Datasheet
152Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
BLM15HG601SN1 MURATA-BLM15HG601SN1 Datasheet
182Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
BLM15H MURATA-BLM15H Datasheet
187Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com