Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24T512FJ-WG Datasheet(PDF) 3 Page - Rohm

Part # BR24T512FJ-WG
Description  High Reliability Serial EEPROMs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24T512FJ-WG Datasheet(HTML) 3 Page - Rohm

  BR24T512FJ-WG Datasheet HTML 1Page - Rohm BR24T512FJ-WG Datasheet HTML 2Page - Rohm BR24T512FJ-WG Datasheet HTML 3Page - Rohm BR24T512FJ-WG Datasheet HTML 4Page - Rohm BR24T512FJ-WG Datasheet HTML 5Page - Rohm BR24T512FJ-WG Datasheet HTML 6Page - Rohm BR24T512FJ-WG Datasheet HTML 7Page - Rohm BR24T512FJ-WG Datasheet HTML 8Page - Rohm BR24T512FJ-WG Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Technical Note
3/21
BR24T□□□□Series
www.rohm.com
2011.03 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
●Action timing characteristics (Unless otherwise specified, Ta=-40~+85℃, VCC=1.7~5.5V)
Parameter
Symbol
Limits
Unit
Min.
Typ.
Max.
SCL frequency
fSCL
400
kHz
Data clock “HIGH“ time
tHIGH
0.6
µs
Data clock “LOW“ time
tLOW
1.2
µs
SDA, SCL rise time
*1
tR
1.0
µs
SDA, SCL fall time
*1
tF
1.0
µs
Start condition hold time
tHD:STA
0.6
µs
Start condition setup time
tSU:STA
0.6
µs
Input data hold time
tHD:DAT
0
ns
Input data setup time
tSU:DAT
100
ns
Output data delay time
tPD
0.1
0.9
µs
Output data hold time
tDH
0.1
µs
Stop condition setup time
tSU:STO
0.6
µs
Bus release time before transfer start
tBUF
1.2
µs
Internal write cycle time
tWR
5
ms
Noise removal valid period (SDA, SCL terminal)
tI
0.1
µs
WP hold time
tHD:WP
1.0
µs
WP setup time
tSU:WP
0.1
µs
WP valid time
tHIGH:WP
1.0
µs
*1
Not 100% TESTED.
Condition Input data level:VIL=0.2×Vcc VIH=0.8×Vcc
Input data timing refarence level: 0.3×Vcc/0.7×Vcc
Output data timing refarence level: 0.3×Vcc/0.7×Vcc
Rise/Fall time : ≦20ns
●Sync data input / output timing
Input read at the rise edge of SCL
Data output in sync with the fall of SCL
Fig.1-(a) Sync data input / output timing
Fig.1-(b) Start-stop bit timing
Fig.1-(c) Write cycle timing
Fig.1-(d) WP timing at write execution
Fig.1-(e) WP timing at write cancel
SCL
SDA
(input)
SDA
(output)
tR
tF
tHIGH
tSU:DAT
tLOW
tHD:DAT
tDH
tPD
tBUF
70%
70%
30%
70% 70%
30%
30%
70%
70%
30%
70%
70%
70%
70%
30%
30%
30%
70%
70%
tSU:STA
tHD:STA
START CONDITION
tSU:STO
STOP CONDITION
30%
30%
70%
70%
D0
ACK
tWR
write data
(n-th address)
START CONDITION
STOP CONDITION
70%
70%
DATA(1)
D0
ACK
D1
DATA(n)
ACK
tWR
30%
70%
STOP CONDITION
tHD:WP
tSU:WP
30%
70%
DATA(1)
D0
D1
ACK
DATA(n)
ACK
tHIGH:WP
70%
70%
tWR
70%


Similar Part No. - BR24T512FJ-WG

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T512FJ-WG ROHM-BR24T512FJ-WG Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T512FJ-WGE2 ROHM-BR24T512FJ-WGE2	 Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T512FJ-WGE2 ROHM-BR24T512FJ-WGE2 Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T512FJ-WGTR ROHM-BR24T512FJ-WGTR Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
More results

Similar Description - BR24T512FJ-WG

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T01-W ROHM-BR24T01-W Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T64FJ-WE2 ROHM-BR24T64FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T02F-WE2 ROHM-BR24T02F-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T128FVT-WGE2 ROHM-BR24T128FVT-WGE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T04FJ-WE2 ROHM-BR24T04FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T128NUX ROHM-BR24T128NUX Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BU9888FV-W ROHM-BU9888FV-W Datasheet
415Kb / 17P
   High Reliability Serial EEPROMs
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
BR25S640FV-WE2 ROHM-BR25S640FV-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com