Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V110B24T200BG Datasheet(PDF) 4 Page - Vicor Corporation

Part # V110B24T200BG
Description  DC input range 66 ??154 V (continuous)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V110B24T200BG Datasheet(HTML) 4 Page - Vicor Corporation

  V110B24T200BG Datasheet HTML 1Page - Vicor Corporation V110B24T200BG Datasheet HTML 2Page - Vicor Corporation V110B24T200BG Datasheet HTML 3Page - Vicor Corporation V110B24T200BG Datasheet HTML 4Page - Vicor Corporation V110B24T200BG Datasheet HTML 5Page - Vicor Corporation V110B24T200BG Datasheet HTML 6Page - Vicor Corporation V110B24T200BG Datasheet HTML 7Page - Vicor Corporation V110B24T200BG Datasheet HTML 8Page - Vicor Corporation V110B24T200BG Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
110 V Mini Family
Rev 2.7
vicorpower.com
Page 4 of 13
4/2013
800 735.6200
110 V Input
Parameter
min
Typ
max
Unit
Notes
Efficiency
81.3
82.3
%
Nominalinput;fullload;25°C
Rippleandnoise
80
100
mV
p-p;Nominalinput;fullload;20MHzbandwidth
OutputOVPsetpoint
4.14
4.3
4.46
Volts
25°C;recycleinputvoltageorPCtorestart(>100msoff)
Dissipation,standby
2.6
3.4
Watts
Noload
Loadregulation
±0.02
±0.2
%
Noloadtofullload;nominalinput
Loadcurrent
0
30.3
Amps
Currentlimit
30.9
34.8
41
Amps
Outputvoltage95%ofnominal
Shortcircuitcurrent
21.2
34.8
41
Amps
Outputvoltage<250mV
mOdUlesPeciFicOPeRaTiNG sPeciFicaTiONs
3.3Vout,100W(e.g.V110B3V3c100Bl)
Parameter
min
Typ
max
Unit
Notes
Efficiency
80.0
81.5
%
Nominalinput;fullload;25°C
Rippleandnoise
80
100
mV
p-p;Nominalinput;fullload;20MHzbandwidth
OutputOVPsetpoint
4.14
4.3
4.46
Volts
25°C;recycleinputvoltageorPCtorestart(>100msoff)
Dissipation,standby
2.6
3.6
Watts
Noload
Loadregulation
±0.02
±0.2
%
Noloadtofullload;nominalinput
Loadcurrent
0
22.73
Amps
Currentlimit
23.1
26.1
30.7
Amps
Outputvoltage95%ofnominal
Shortcircuitcurrent
15.8
26.1
30.7
Amps
Outputvoltage<250mV
3.3Vout,75W(e.g.V110B3V3c75Bl)
Parameter
min
Typ
max
Unit
Notes
Efficiency
83.9
84.8
%
Nominalinput;fullload;25°C
Rippleandnoise
85
107
mV
p-p;Nominalinput;fullload;20MHzbandwidth
OutputOVPsetpoint
6.03
6.25
6.47
Volts
25°C;recycleinputvoltageorPCtorestart(>100msoff)
Dissipation,standby
5.3
7.5
Watts
Noload
Loadregulation
±0.02
±0.2
%
Noloadtofullload;nominalinput
Loadcurrent
0
30
Amps
Currentlimit
30.6
34.5
40.5
Amps
Outputvoltage95%ofnominal
Shortcircuitcurrent
21
34.5
40.5
Amps
Outputvoltage<250mV
5Vout,150W(e.g.V110B5c150Bl)
Parameter
min
Typ
max
Unit
Notes
Efficiency
78.5
81.3
%
Nominalinput;fullload;25°C
Rippleandnoise
240
300
mV
p-p;Nominalinput;fullload;20MHzbandwidth
OutputOVPsetpoint
6.03
6.25
6.47
Volts
25°C;recycleinputvoltageorPCtorestart(>100msoff)
Dissipation,standby
3.4
4.4
Watts
Noload
Loadregulation
±0.02
±0.2
%
Noloadtofullload;nominalinput
Loadcurrent
0
20
Amps
Currentlimit
20.4
23
27
Amps
Outputvoltage95%ofnominal
Shortcircuitcurrent
14
23
27
Amps
Outputvoltage<250mV
5Vout,100W(e.g.V110B5c100Bl)
Parameter
min
Typ
max
Unit
Notes
Efficiency
85.5
86.8
%
Nominalinput;fullload;25°C
Rippleandnoise
200
250
mV
p-p;Nominalinput;fullload;20MHzbandwidth
OutputOVPsetpoint
9.36
9.7
10.1
Volts
25°C;recycleinputvoltageorPCtorestart(>100msoff)
Dissipation,standby
5.2
6.4
Watts
Noload
Loadregulation
±0.02
±0.2
%
Noloadtofullload;nominalinput
Loadcurrent
0
18.75
Amps
Currentlimit
19.1
21.6
25.4
Amps
Outputvoltage95%ofnominal
Shortcircuitcurrent
13.1
21.6
25.4
Amps
Outputvoltage<250mV
8Vout,150W(e.g.V110B8c150Bl)


Similar Part No. - V110B24T200BG

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V110B24T200BF VICOR-V110B24T200BF Datasheet
600Kb / 13P
   110V Input Mini Family DC-DC Converter Module
V110B24T200BL VICOR-V110B24T200BL Datasheet
600Kb / 13P
   110V Input Mini Family DC-DC Converter Module
V110B24T200BN VICOR-V110B24T200BN Datasheet
600Kb / 13P
   110V Input Mini Family DC-DC Converter Module
V110B24T200BS VICOR-V110B24T200BS Datasheet
600Kb / 13P
   110V Input Mini Family DC-DC Converter Module
More results

Similar Description - V110B24T200BG

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V110C15T100BG VICOR-V110C15T100BG Datasheet
1Mb / 12P
   DC input range 66-154 V (continuous)
logo
RSG Electronic Componen...
CHB100W RSG-CHB100W Datasheet
169Kb / 1P
   66 TO 100 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
logo
Artesyn Technologies
BXB100 ARTESYN-BXB100 Datasheet
74Kb / 3P
   66-100W Wide Input DC/DC Converters
logo
Vicor Corporation
V28B3V3C75B VICOR-V28B3V3C75B Datasheet
761Kb / 11P
   DC input range 9 - 36 V
V300C5H50BL VICOR-V300C5H50BL Datasheet
811Kb / 13P
   DC input range: 180 - 375 V
V24C3V3H50BL VICOR-V24C3V3H50BL Datasheet
855Kb / 15P
   DC input range 18 - 36 V
logo
Shanghai Leiditech Elec...
PESD2442L002 LEIDITECH-PESD2442L002 Datasheet
1Mb / 5P
   Maximum allowable continuous DC voltage V DC 24 V
MVR0201-5R5E0R8 LEIDITECH-MVR0201-5R5E0R8 Datasheet
415Kb / 5P
   Maximum allowable continuous DC voltage5.0 V
logo
CINCON ELECTRONICS Corp...
CHB100 CINCON-CHB100 Datasheet
129Kb / 2P
   66 - 100 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
WILLAS ELECTRONIC CORP
2N7002NT1 WILLAS-2N7002NT1 Datasheet
327Kb / 5P
   30 V, 154 mA, Single
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com