Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32674D1335 Datasheet(PDF) 2 Page - EPCOS

Part # B32674D1335
Description  Metallized Polypropylene Film Capacitors (MKP)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32674D1335 Datasheet(HTML) 2 Page - EPCOS

  B32674D1335 Datasheet HTML 1Page - EPCOS B32674D1335 Datasheet HTML 2Page - EPCOS B32674D1335 Datasheet HTML 3Page - EPCOS B32674D1335 Datasheet HTML 4Page - EPCOS B32674D1335 Datasheet HTML 5Page - EPCOS B32674D1335 Datasheet HTML 6Page - EPCOS B32674D1335 Datasheet HTML 7Page - EPCOS B32674D1335 Datasheet HTML 8Page - EPCOS B32674D1335 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Typical applications
For high ripple current modules in:
Frequency converters
Industrial and high-end power supplies
Solar inverters
Climatic
Max. operating temperature: 105
°C (case)
Climatic category (IEC 60068-1): 40/100/56
Construction
Dielectric: metallized polypropylene (MKP)
Plastic case (UL 94 V-0)
Epoxy resin sealing (UL 94 V-0)
Features
Excellent self-healing properties
Over-voltage capability
Optimized electrical contact
High frequency ripple current
High reliability
Long useful life
RoHS-compatible
Halogen-free capacitors available on
request
Terminals
Parallel wire leads, lead-free tinned
2-pin and 4-pin versions
Standard lead lengths: 6
1 mm
Special lead lengths are available on
request
Marking
Manufacturer's logo and lot number,
date code, rated capacitance (coded),
capacitance tolerance (code letter),
rated DC voltage
Delivery mode
Bulk (untaped, lead length 6
1 mm)
Dimensional drawings
2-pin version
4-pin version
Dimensions in mm
Version
Lead
spacing
±0.4
Lead
diameter
d1
Type
2-pin
27.5
0.8
B32674D
2-pin
37.5
1.0
B32676T
4-pin
37.5
1.2
B32676G
4-pin
52.5
1.2
B32678G
Metallized polypropylene film capacitors (MKP)
B32674 ... B32678
MKP DC link
high power series
Page 2 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32674D1335

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32674D1335 EPCOS-B32674D1335 Datasheet
370Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32674D1335+000 EPCOS-B32674D1335+000 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32674D1335000 TDK-B32674D1335000 Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors
B32674D1335000 TDK-B32674D1335000 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32674D1335

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32674 TDK-B32674_16 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com