Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R46KN3680JPM2K Datasheet(PDF) 2 Page - Kemet Corporation

Part # R46KN3680JPM2K
Description  METALLIZED POLYPROPYLENE FILM CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46KN3680JPM2K Datasheet(HTML) 2 Page - Kemet Corporation

  R46KN3680JPM2K Datasheet HTML 1Page - Kemet Corporation R46KN3680JPM2K Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
Kemet:
R463R422000M1K R463W447000M1K R46KF310000P1M R46KN3680CKM1K R46KN3680CKM1M
R46KN3680CKM2J R46KN3680CKM2K R46KN3680CKM2M R46KN3680DQH1R R46KN3680DQM1K
R46KN3680DQM1M R46KN3680DQM2K R46KN3680DQM2M R46KN3680JBM1K R46KN3680JBM1M
R46KN3680JBM2K R46KN3680JBM2M R46KN3680JBS0M R46KN3680JEM1M R46KN3680JEM2K
R46KN3680JHH1K R46KN3680JHM1K R46KN3680JHM2K R46KN3680JHM2M R46KN3680JLH1R
R46KN3680JLM2R R46KN3680JPM1M R46KN3680JPM2K R46KN3680JPM2M R46KN3680JUM1M
R46KN382000M1K R46KN3820JEM1K R46KN410000H1K R46KN410000H1M R46KN410000M1K
R46KN410000M1M R46KN410000N1K R46KN410000N1M R46KN410040M1M R46KN410040N1M
R46KN410040N2M R46KN410040Z1M R46KN410040Z2M R46KN410045H1M R46KN410045M1K
R46KN410045M1M R46KN410045N1K R46KN410045N1M R46KN410045N2M R46KN410050H1K
R46KN410050M1K R46KN410050M1M R46KN410050N2M R46KN410052M1M R46KN410055H1M
R46KN410055M1K R46KN410055M1M R46KN4100CKH1K R46KN4100CKH1R R46KN4100CKN1K
R46KN4100DQN1K R46KN4100DQN2M R46KN4100JBM1K R46KN4100JBM1M R46KN4100JBN1K
R46KN4100JBN1M R46KN4100JEM1K R46KN4100JEM1M R46KN4100JEN2M R46KN4100JHM1K
R46KN4100JHM1M R46KN4100JHN2M R46KN4100JLM1M R46KN4100JPM1M R46KN4100JPN1M
R46KN4100JPN2M R46KN415040P1M R46KN418040P1M R46KN422040P0M R46KR422050M1K
R46KR4150JBM1K R46KR4100JPM1M R46KR4100JBM1K R46KR4220JBM1K R46KR422000M2M
R46KI3100DQS1M R46KR415000M1M R46KF210050N0K R46KF310050P0K R46KI3470JBM1K
R46KR368050M1K R46KR4100ZEM1K R46KR415050M1K R46KR422040M2M R46KR433050M2K
R46KR447050M2K R46KR410045M1M R463F3100DQM1M R463I310000M1K R463I322000M2K


Similar Part No. - R46KN3680JPM2K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KN368000P0K KEMET-R46KN368000P0K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene, 0.68 F, /-10% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
R46KN368000P0M KEMET-R46KN368000P0M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene, 0.68 F, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
R46KN368040H1M KEMET-R46KN368040H1M Datasheet
55Kb / 1P
   Capacitor, film, 0.68 uF, /-20% Tol, -40/125C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
R46KN368040P0M KEMET-R46KN368040P0M Datasheet
55Kb / 1P
   Capacitor, film, 0.68 uF, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
R46KN368050M2K KEMET-R46KN368050M2K Datasheet
55Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.68 uF, 10%, 560 V, 275 V, 110C, Lead Spacing = 22.5mm
More results

Similar Description - R46KN3680JPM2K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com