Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R463I322000M2K Datasheet(PDF) 1 Page - Kemet Corporation

Part # R463I322000M2K
Description  METALLIZED POLYPROPYLENE FILM CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R463I322000M2K Datasheet(HTML) 1 Page - Kemet Corporation

  R463I322000M2K Datasheet HTML 1Page - Kemet Corporation R463I322000M2K Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
09/2008
152
R.46
X2 CLASS (IEC 60384-14) - MKP Series
meTAllized PolYPRoPYlene Film CAPACiToR
SELF-HEALING PRoPERTIES
APPRoVAlS
(**) ENEC mark has replaced all the following European
National marks:
Table 1
Standard
packaging style
lead
length
(mm)
Taping style
ordering
code
(Digit 10 to 11)
P
2
(mm)
Fig.
(No.)
Pitch
(mm)
AMMo-PACK
AMMo-PACK
12.70
19.05
1
2
10.0/15.0
22.5
DQ
DQ
REEL
Ø500mm
REEL
Ø500mm
12.70
19.05
1
2
10.0/15.0
22.5/27.5
CK
CK
Loose, short leads
Loose, long leads
Loose, long leads
04 +2
25 -1/+2
30 +5
00
50
40
Loose, insulated
rigid leads
Loose, insulated
flexible leads
30 +5
150 ±5
51
52
Note: Ammo-pack is the preferred packaging for taped version.
For “capacitor connected in serial with main line” (two - phase and
three - phase net) application, please read the “SHoRT GUIDE To
CHooSE THE RIGHT FILM CAPACIToRS” and contact
our Technical Service for choosing the safest solution.
Rated voltage (K=275Vac)
Mechanical version and packaging (Table 1)
Tolerance: K (±10%); M (±20%)
All dimensions are in mm
E12 Series available upon request
(**)
ENEC
IEC 60384-14
Class X2
File No.V4413
UL 1414
(up to 1µF, 85°C;
250Vac)
Across-the-line
File No.E97797
CSA - C22.2 No.1
(up to 1µF, 85°C;
250Vac)
Across-the-line
certified for
Canada
File No.E97797
UL 1283
(310 Vac)
Electromagnetic
Interference
Filters
File No.E85238
CSA - C22.2 No.8
(310 Vac)
Electromagnetic
Interference
Filters certified
for Canada
File No.E85238
GB/T 14472
Class X2
File
CQC03001008199
CQC03001008842
Approved according to IEC 60384-14
According to IEC 60065
Rated Cap.
275 Vac / 560 Vdc
Std dimensions
Ø
d
max
dv/dt at
390Vdc
Part number
B
H
l
p
(V/ µs)
0.033 µF
4.0
9.0
13.0
10.0
0.6
500
R46 KF 2330 - - P0 -
0.047 µF
4.0
9.0
13.0
10.0
0.6
500
R46 KF 2470 - - P0 -
0.068 µF
5.0
11.0
13.0
10.0
0.6
500
R46 KF 2680 - - P0 -
0.1 µF
5.0
11.0
13.0
10.0
0.6
500
R46 KF 3100 - - P1 M
0.1 µF
6.0
12.0
13.0
10.0
0.6
500
R46 KF 3100 - - P0 -
0.15 µF
6.0
12.0
13.0
10.0
0.6
500
R46 KF 3150 - - P0 M
0.15 µF
5.0
11.0
18.0
15.0
0.6
400
R46 KI
3150 - - P0 -
0.22 µF
6.0
12.0
18.0
15.0
0.6
400
R46 KI
3220 - - P0 -
0.33 µF
7.5
13.5
18.0
15.0
0.6
400
R46 KI
3330 - - P0 -
0.33 µF
9.0
12.5
18.0
15.0
0.6
400
R46 KI
3330 - - P1
0.33 µF
6.0
17.5
18.0
15.0
0.6
400
R46 KI
3330 - - P2 -
0.47 µF
8.5
14.5
18.0
15.0
0.6
400
R46 KI
3470 - - P0
0.47 µF
9.0
12.5
18.0
15.0
0.6
400
R46 KI
3470 - - P1 M
0.47 µF
6.0
17.5
18.0
15.0
0.6
400
R46 KI
3470 - - P2 M
0.47 µF
7.5
18.5
18.0
15.0
0.8
400
R46 KI
3470 - - P3 -
0.68 µF
10.0
16.0
18.0
15.0
0.8
400
R46 KI
3680 - - P1 M
0.68 µF
11.0
19.0
18.0
15.0
0.8
400
R46 KI
3680 - - P0 -
0.82 µF
11.0
19.0
18.0
15.0
0.8
400
R46 KI
3820 - - P0 M
0.47 µF
6.0
15.0
26.5
22.5
0.8
200
R46 KN 3470 - - P1 -
0.56 µF
6.0
15.0
26.5
22.5
0.8
200
R46 KN 3560 - - P1 M
0.56 µF
7.0
16.0
26.5
22.5
0.8
200
R46 KN 3560 - - P0 -
0.68 µF
7.0
16.0
26.5
22.5
0.8
200
R46 KN 3680 - - P0 -
1.0 µF
8.5
17.0
26.5
22.5
0.8
200
R46 KN 4100 - - P1 M
1.0 µF
10.0
18.5
26.5
22.5
0.8
200
R46 KN 4100 - - P0 -
1.5 µF
10.0
18.5
26.5
22.5
0.8
200
R46 KN 4150 - - P1 M
1.5 µF
11.0
20.0
26.5
22.5
0.8
200
R46 KN 4150 - - P0 -
2.2 µF
13.0
22.0
26.5
22.5
0.8
200
R46 KN 4220 - - P0 M
1.0 µF
9.0
17.0
32.0
27.5
0.8
150
R46 KR 4100 - - P0 -
1.5 µF
11.0
20.0
32.0
27.5
0.8
150
R46 KR 4150 - - P0 -
2.2 µF
13.0
22.0
32.0
27.5
0.8
150
R46 KR 4220 - - P0 -
3.3 µF
14.0
28.0
32.0
27.5
0.8
150
R46 KR 4330 - - P0 -
4.7 µF
14.0
28.0
32.0
27.5
0.8
150
R46 KR 4470 - - P1 M
4.7 µF
18.0
33.0
32.0
27.5
0.8
150
R46 KR 4470 - - P0 -
6.8 µF
22.0
37.0
32.0
27.5
0.8
150
R46 KR 4680 - - P0 -
2.2 µF
11.0
22.0
41.5
37.5
1.0
100
R46 KW 4220 - - P0 -
3.3 µF
13.0
24.0
41.5
37.5
1.0
100
R46 KW 4330 - - P0 -
4.7 µF
16.0
28.5
41.5
37.5
1.0
100
R46 KW 4470 - - P0 -
6.8 µF
19.0
32.0
41.5
37.5
1.0
100
R46 KW 4680 - - P0 -
10.0 µF
20.0
40.0
41.5
37.5
1.0
100
R46 KW 5100 - - P0 -
Not for use in series with the mains.
See www.kemet.com for more information.


Similar Part No. - R463I322000M2K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R463I322000H1K KEMET-R463I322000H1K Datasheet
901Kb / 18P
   R46, Class X2, 310 VAC, 125째C
1/13/2022
R463I322000H1M KEMET-R463I322000H1M Datasheet
901Kb / 18P
   R46, Class X2, 310 VAC, 125째C
1/13/2022
R463I322000H2K KEMET-R463I322000H2K Datasheet
901Kb / 18P
   R46, Class X2, 310 VAC, 125째C
1/13/2022
R463I322000H2M KEMET-R463I322000H2M Datasheet
901Kb / 18P
   R46, Class X2, 310 VAC, 125째C
1/13/2022
R463I322000H3K KEMET-R463I322000H3K Datasheet
901Kb / 18P
   R46, Class X2, 310 VAC, 125째C
1/13/2022
More results

Similar Description - R463I322000M2K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com