Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24T512F-WGE2 Datasheet(PDF) 7 Page - Rohm

Part # BR24T512F-WGE2
Description  High Reliability Serial EEPROMs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24T512F-WGE2 Datasheet(HTML) 7 Page - Rohm

Back Button BR24T512F-WGE2 Datasheet HTML 3Page - Rohm BR24T512F-WGE2 Datasheet HTML 4Page - Rohm BR24T512F-WGE2 Datasheet HTML 5Page - Rohm BR24T512F-WGE2 Datasheet HTML 6Page - Rohm BR24T512F-WGE2 Datasheet HTML 7Page - Rohm BR24T512F-WGE2 Datasheet HTML 8Page - Rohm BR24T512F-WGE2 Datasheet HTML 9Page - Rohm BR24T512F-WGE2 Datasheet HTML 10Page - Rohm BR24T512F-WGE2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Technical Note
7/21
BR24T□□□□Series
www.rohm.com
2011.03 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
●I
2C BUS communication
○I
2C BUS data communication
I
2C BUS data communication starts by start condition input, and ends by stop condition input. Data is always 8bit long,
and acknowledge is always required after each byte. I
2C BUS carries out data transmission with plural devices connected
by 2 communication lines of serial data (SDA) and serial clock (SCL).
Among devices, there are “master” that generates clock and control communication start and end, and “slave” that is
controlled by address peculiar to devices. EEPROM becomes “slave”. And the device that outputs data to bus during
data communication is called “transmitter”, and the device that receives data is called “receiver”.
○Start condition (Start bit recognition)
・Before executing each command, start condition (start bit) where SDA goes from 'HIGH' down to 'LOW' when SCL is
'HIGH' is necessary.
・This IC always detects whether SDA and SCL are in start condition (start bit) or not, therefore, unless this confdition is
satisfied, any command is executed.
○Stop condition (stop bit recongnition)
・Each command can be ended by SDA rising from 'LOW' to 'HIGH' when stop condition (stop bit), namely, SCL is 'HIGH'
○Acknowledge (ACK) signal
・This acknowledge (ACK) signal is a software rule to show whether data transfer has been made normally or not. In
master and slave, the device (µ-COM at slave address input of write command, read command, and this IC at data
output of read command) at the transmitter (sending) side releases the bus after output of 8bit data.
・The device (this IC at slave address input of write command, read command, and µ-COM at data output of read
command) at the receiver (receiving) side sets SDA 'LOW' during 9 clock cycles, and outputs acknowledge signal (ACK
signal) showing that it has received the 8bit data.
・This IC, after recognizing start condition and slave address (8bit), outputs acknowledge signal (ACK signal) 'LOW'.
・Each write action outputs acknowledge signal (ACK signal) 'LOW', at receiving 8bit data (word address and write data).
・ Each read action outputs 8bit data (read data), and detects acknowledge signal (ACK signal) 'LOW'. When
acknowledge signal (ACK signal) is detected, and stop condition is not sent from the master (µ-COM) side, this IC
continues data output. When acknowledge signal (ACK signal) is not detected, this IC stops data transfer, and
recognizes stop cindition (stop bit), and ends read action. And this IC gets in status.
○Device addressing
・Output slave address after start condition from master.
・The significant 4 bits of slave address are used for recognizing a device type.
The device code of this IC is fixed to '1010'.
・Next slave addresses (A2 A1 A0 --- device address) are for selecting devices, and plural ones can be used on a same
bus according to the number of device addresses.
・The most insignificant bit (R/W --- READ / WRITE ) of slave address is used for designating write or read action,
and is as shown below.
Setting
W
/
R
to 0 ------- write (setting 0 to word address setting of random read)
Setting
W
/
R
to 1 ------- read
Type
Slave address
Maximum number of
Connected buses
BR24T01-W,BR24T02-W
1
0
1
0
A2
A1
A0
R/W
――
8
BR24T04-W
1
0
1
0
A2
A1
P0
R/W
――
4
BR24T08-W
1
0
1
0
A2
P1
P0
R/W
――
2
BR24T16-W
1
0
1
0
P2
P1
P0
R/W
――
1
BR24T32-W,BR24T64-W,BR24T128-W,
BR24T256-W,BR24T512-W
1
0
1
0
A2
A1
A0
R/W
――
8
BR24T1M-W
1
0
1
0
A2
A1
P0
R/W
――
4
P0~P2 are page select bits.
89
89
89
S
P
condition
condition
ACK
STOP
ACK
DATA
DATA
ADDRESS
START
R/W
ACK
1-7
SDA
SCL
1-7
1-7
Fig.37 Data transfer timing


Similar Part No. - BR24T512F-WGE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T512F-WGE2 ROHM-BR24T512F-WGE2	 Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T512F-WGE2 ROHM-BR24T512F-WGE2 Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
More results

Similar Description - BR24T512F-WGE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T01-W ROHM-BR24T01-W Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T64FJ-WE2 ROHM-BR24T64FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T02F-WE2 ROHM-BR24T02F-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T128FVT-WGE2 ROHM-BR24T128FVT-WGE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T04FJ-WE2 ROHM-BR24T04FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T128NUX ROHM-BR24T128NUX Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BU9888FV-W ROHM-BU9888FV-W Datasheet
415Kb / 17P
   High Reliability Serial EEPROMs
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
BR25S640FV-WE2 ROHM-BR25S640FV-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com