Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L0805C4R7MPWST Datasheet(PDF) 5 Page - Kemet Corporation

Part # L0805C4R7MPWST
Description  Surface Mount Ferrite Products Inductors & Ferrite Beads
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

L0805C4R7MPWST Datasheet(HTML) 5 Page - Kemet Corporation

  L0805C4R7MPWST Datasheet HTML 1Page - Kemet Corporation L0805C4R7MPWST Datasheet HTML 2Page - Kemet Corporation L0805C4R7MPWST Datasheet HTML 3Page - Kemet Corporation L0805C4R7MPWST Datasheet HTML 4Page - Kemet Corporation L0805C4R7MPWST Datasheet HTML 5Page - Kemet Corporation L0805C4R7MPWST Datasheet HTML 6Page - Kemet Corporation L0805C4R7MPWST Datasheet HTML 7Page - Kemet Corporation L0805C4R7MPWST Datasheet HTML 8Page - Kemet Corporation L0805C4R7MPWST Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
5
Ordering Code
Inductance (μH)
Inductance
Tolerance
Minimum Self
Resonant
Frequency (MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated
Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging
Quantity
L0805C1R0MPWST
1.0
±20%
100
0.15
300
7.96
3,000
L0805C2R2MPWST
2.2
±20%
80
0.23
240
7.96
3,000
L0805C4R7MPWST
4.7
±20%
45
0.40
140
7.96
3,000
L0805C100MPWST
10
±20%
32
0.70
100
2.52
3,000
L0805R100MPWST*
10
±20%
32
0.50
100
2.52
3,000
L0805C220MPWST
22
±20%
15
1.70
75
2.52
3,000
L0805C470MPWST
47
±20%
11
3.70
50
2.52
3,000
L0805C101MPWST
100
±20%
8
7.00
30
0.796
3,000
0805 Case Size Standard Type (L-PWS Series)
0806 Case Size Standard Type (L-PWS Series)
Ordering Code
Inductance (μH)
Inductance
Tolerance
Minimum Self
Resonant Frequency
(MHz)
DC Resistance (
Ω
Ω)
(±30%)
Maximum Rated
Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging
Quantity
L0806C1R0MPWST
1.0
±20%
100
0.09
455
7.96
2,000
L0806C1R5MPWST
1.5
±20%
80
0.11
350
7.96
2,000
L0806C2R2MPWST
2.2
±20%
70
0.13
315
7.96
2,000
L0806C3R3MPWST
3.3
±20%
55
0.20
280
7.96
2,000
L0806C4R7MPWST
4.7
±20%
45
0.25
210
7.96
2,000
L0806C6R8MPWST
6.8
±20%
38
0.35
175
7.96
2,000
L0806C100MPWST
10
±20%
32
0.50
155
2.52
2,000
L0806C150MPWST
15
±20%
28
0.70
130
2.52
2,000
L0806C220MPWST
22
±20%
16
1.00
105
2.52
2,000
L0806C330MPWST
33
±20%
14
1.70
85
2.52
2,000
L0806C470MPWST
47
±20%
11
2.40
60
2.52
2,000
L0806C680MPWST
68
±20%
10
3.00
50
2.52
2,000
L0806C101MPWST
100
±20%
8
4.50
40
0.796
2,000
1007 Case Size Standard Type (L-PWS Series)
Ordering Code
Inductance (μH)
Inductance
Tolerance
Minimum Self
Resonant Frequency
(MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated
Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging
Quantity
L1007C1R0MPWST
1.0
±20%
100
0.06
500
7.96
2,000
L1007C1R5MPWST
1.5
±20%
80
0.07
400
7.96
2,000
L1007C2R2MPWST
2.2
±20%
68
0.09
340
7.96
2,000
L1007C3R3MPWST
3.3
±20%
54
0.11
270
7.96
2,000
L1007C4R7MPWST
4.7
±20%
46
0.13
240
7.96
2,000
L1007R4R7MPWST
4.7
±20%
46
0.10
235
7.96
2,000
L1007C6R8MPWST
6.8
±20%
38
0.15
195
7.96
2,000
L1007C100MPWST
10
±20%
30
0.25
165
2.52
2,000
L1007C150MPWST
15
±20%
23
0.32
145
2.52
2,000
L1007C220MPWST
22
±20%
19
0.50
115
2.52
2,000
L1007C330MPWST
33
±20%
15
0.70
95
2.52
2,000
L1007C470MPWST
47
±20%
12
0.95
85
2.52
2,000
L1007C680MPWST
68
±20%
9.5
1.50
70
2.52
2,000
L1007C101MPWST
100
±20%
9
2.10
55
0.796
2,000
L1007C151MPWST
150
±20%
7
3.20
45
0.796
2,000
L1007C221MPWST
220
±20%
5.5
4.50
35
0.796
2,000
L1007C331MPWST
330
±20%
4.5
7.00
30
0.796
2,000
L1007C471MPWST
470
±20%
3.5
10.00
25
0.796
2,000
L1007C681MPWST
680
±20%
3
17.00
20
0.796
2,000
L1007C102MPWST
1000
±20%
2.4
24.00
15
0.252
2,000
Wire Wound Chip Inductors - L-PWS, L-PWF, L-PWI, L-PWR Series
* Low Rdc type


Similar Part No. - L0805C4R7MPWST

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0805C4R7MPWST KEMET-L0805C4R7MPWST Datasheet
367Kb / 32P
   Wire Wound Chip Inductors - L-PWS/L-PWI/L-PWR
L0805C4R7MPWST KEMET-L0805C4R7MPWST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L0805C4R7MPWST KEMET-L0805C4R7MPWST Datasheet
759Kb / 32P
   Wire Wound Chip Inductors - L-PWS/L-PWF/L-PWI/L-PWR Series
L0805C4R7MPWST KEMET-L0805C4R7MPWST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
More results

Similar Description - L0805C4R7MPWST

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L1210R101MDWIT KEMET-L1210R101MDWIT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L4018C2R2MDWDT KEMET-L4018C2R2MDWDT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
logo
Vishay Siliconix
ILBB1210 VISHAY-ILBB1210 Datasheet
120Kb / 2P
   Surface Mount, Multilayer Ferrite Beads
Revision 15-Jan-03
logo
Abracon Corporation
ACSB-02-T ABRACON-ACSB-02-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads
09.20.13
logo
Vishay Siliconix
ILBB0402ER121V VISHAY-ILBB0402ER121V Datasheet
91Kb / 3P
   Surface Mount, Multilayer Ferrite Beads
Revision: 10-Aug-06
logo
Abracon Corporation
ACSB-03-T ABRACON-ACSB-03-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads
09.20.13
ACSB-04-T ABRACON-ACSB-04-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads Array
09.20.13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com