Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4938NND Datasheet(PDF) 7 Page - STMicroelectronics

Part # L4938NND
Description  DUAL MULTIFUNCTION VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4938NND Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L4938NND Datasheet HTML 3Page - STMicroelectronics L4938NND Datasheet HTML 4Page - STMicroelectronics L4938NND Datasheet HTML 5Page - STMicroelectronics L4938NND Datasheet HTML 6Page - STMicroelectronics L4938NND Datasheet HTML 7Page - STMicroelectronics L4938NND Datasheet HTML 8Page - STMicroelectronics L4938NND Datasheet HTML 9Page - STMicroelectronics L4938NND Datasheet HTML 10Page - STMicroelectronics L4938NND Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
RESET CIRCUIT
The block circuit diagram of the reset circuit is shown
in fig. 4. The reset circuit supervises the standby out-
put voltage. The reset threshold of 4.7V is defined
by the internal reference voltage and the standby
output divider.
The reset pulse delay time tRD, is defined by the
charge time of an external capacitor CT :
CT x 2V
tRD =
2
µA
The reaction time of the reset circuit depends on the
discharge time limitation of the reset capacitor CT
and is proportional to the value of CT.
The reaction time of the reset circuit increases the
noise immunity. In fact, if the standby output voltage
drops below the reset threshold for a time shorter
than the reaction time tRR, no reset output variation
occurs. The nominal reset delay is generated for
standby output voltage drops longer than the time
necessary for the complete discharging of the ca-
pacitor CT. This time is typically equal to 50
µs if
CT = 100nF. The typical reset output waveforms are
shown in fig. 5.
SENSE COMPARATOR
This circuit compares an input signal with an internal
voltage reference of typically 1.23V. The use of an
external voltage divider makes the comparator very
flexible in the application. This function can be used
to supervise the input voltage - either before or after
the protection diode - and to give additional informa-
tion to the microprocessor such as low voltage warn-
ings.
If this feature is not used SI and SO have to con-
nected to GND. In this case the St-by quiescent cur-
rent (14V) increases from 290
µA to 300µA.
Figure 4: Block Diagram of the Reset Circuit.
L4938N - L4938ND - L4938NPD
7/12


Similar Part No. - L4938NND

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4938N STMICROELECTRONICS-L4938N Datasheet
93Kb / 12P
   DUAL MULTIFUNCTION VOLTAGE REGULATOR
L4938ND STMICROELECTRONICS-L4938ND Datasheet
93Kb / 12P
   DUAL MULTIFUNCTION VOLTAGE REGULATOR
L4938NPD STMICROELECTRONICS-L4938NPD Datasheet
93Kb / 12P
   DUAL MULTIFUNCTION VOLTAGE REGULATOR
More results

Similar Description - L4938NND

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4936N STMICROELECTRONICS-L4936N Datasheet
87Kb / 11P
   DUAL MULTIFUNCTION VOLTAGE REGULATOR
L4937N STMICROELECTRONICS-L4937N Datasheet
66Kb / 9P
   DUAL MULTIFUNCTION VOLTAGE REGULATOR
L4938N STMICROELECTRONICS-L4938N Datasheet
93Kb / 12P
   DUAL MULTIFUNCTION VOLTAGE REGULATOR
L4937NL STMICROELECTRONICS-L4937NL Datasheet
1Mb / 9P
   DUAL MULTIFUNCTION VOLTAGE REGULATOR
L4937NPD STMICROELECTRONICS-L4937NPD Datasheet
64Kb / 9P
   DUAL 5V MULTIFUNCTION VOLTAGE REGULATOR
logo
Sanyo Semicon Device
LA5668 SANYO-LA5668 Datasheet
87Kb / 4P
   Multifunction Voltage Regulator???
LA5667 SANYO-LA5667 Datasheet
77Kb / 3P
   Multifunction Multiple Voltage Regulator???
LA5666 SANYO-LA5666 Datasheet
77Kb / 3P
   Multifunction Multiple Voltage Regulator?
LA5665 SANYO-LA5665 Datasheet
72Kb / 3P
   Multifunction Multiple Voltage Regulator
logo
STMicroelectronics
L5952 STMICROELECTRONICS-L5952 Datasheet
145Kb / 15P
   MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com