Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24T08FVM-WG Datasheet(PDF) 5 Page - Rohm

Part # BR24T08FVM-WG
Description  High Reliability Serial EEPROMs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24T08FVM-WG Datasheet(HTML) 5 Page - Rohm

  BR24T08FVM-WG Datasheet HTML 1Page - Rohm BR24T08FVM-WG Datasheet HTML 2Page - Rohm BR24T08FVM-WG Datasheet HTML 3Page - Rohm BR24T08FVM-WG Datasheet HTML 4Page - Rohm BR24T08FVM-WG Datasheet HTML 5Page - Rohm BR24T08FVM-WG Datasheet HTML 6Page - Rohm BR24T08FVM-WG Datasheet HTML 7Page - Rohm BR24T08FVM-WG Datasheet HTML 8Page - Rohm BR24T08FVM-WG Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Technical Note
5/21
BR24T□□□□Series
www.rohm.com
2011.03 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
●Characteristic data (The following values are Typ. ones.)
0
0.5
1
1.5
2
2.5
3
3.5
01
23
4
56
SUPPLY VOLTAGE : Vcc(V)
0
0.5
1
1.5
2
2.5
0
1
234
56
SUPPLY VOLTAGE : Vcc(V)
-0.1
0.1
0.3
0.5
0.7
0.9
1.1
012
3456
SUPPLY VOLTAGE : Vcc(V)
0.1
1
10
100
1000
10000
01
234
56
SUPPLY VOLTAGE : Vcc(V)
-200
-150
-100
-50
0
50
01
234
56
SUPPLY VOLTAGE : Vcc(V)
0
0.2
0.4
0.6
0.8
1
01
23
45
6
SUPPLY VOLTAGE : Vcc(V)
0
0.5
1
1.5
2
2.5
01
23
45
6
SUPPLY VOLTAGE : Vcc(V)
Fig.9 Current consumption at WRITE operation ICC1
(fscl=400kHz BR24T01/02/04/08/16/32/64-W)
Fig.10 Current consumption at WRITE operation Icc1
(fscl=400kHz BR24T128/256-W)
Fig.14 Stanby operation ISB
(fscl=400kHz BR24T01/02/04/08/16/32/64/128/256-W)
Fig.17 Data clock High Period tHIGH
0
0.3
0.6
0.9
1.2
1.5
012
3
456
SUPPLY VOLTAGE : Vcc(V)
Fig.18 Data clock Low Period tLOW
0
0.2
0.4
0.6
0.8
1
01
23
45
6
SUPPLY VOLTAGE : Vcc(V)
Fig.19 Start Condition Hold Time tHD : STA
Fig.20 Start Condition Setup Time tSU : STA
Fig.21 Input Data Hold Time tHD : DAT(HIGH)
Fig.22 Input Data Hold Time tHD : DAT(LOW)
Fig.23 Input Data Setup Time tSU: DAT(HIGH)
-200
-150
-100
-50
0
50
012
3456
SUPPLY VOLTAGE : Vcc(V)
-200
-100
0
100
200
300
01
234
56
SUPPLY VOLTAGE : Vcc(V)
Fig.16 SCL frequency fSCL
Fig.12 Current consumption at READ operation ICC2
(fscl=400kHz BR24T01/02/04/08/16/32/64/128/256-W)
0
1
2
3
4
5
6
0123456
SUPPLY VOLTAGE : Vcc(V)
Fig.11 Current consumption at WRITE operation Icc1
(fscl=400kHz BR24T512/1M-W)
0
0.1
0.2
0.3
0.4
0.5
0.6
012
34
56
SUPPLY VOLTAGE : Vcc(V)
Fig.13 Current consumption at READ operation ICC2
(fscl=400kHz BR24T512/1M-W)
Fig.15 Stanby operation ISB
(fscl=400kHz BR24T512/1M-W)
0
0.1
0.2
0.3
0.4
0.5
0.6
01
23
45
6
SUPPLY VOLTAGE : Vcc(V)
0
0.5
1
1.5
2
2.5
01
23
4
56
SUPPLY VOLTAGE : Vcc(V)
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
SPEC
SPEC
SPEC
SPEC
SPEC
SPEC
SPEC
SPEC
SPEC
SPEC
SPEC
The plan for
inserting data.
(BR24T512/1M-W)
The plan for
inserting data.
(BR24T512/1M-W)
The plan for
inserting data.
(BR24T512/1M-W)


Similar Part No. - BR24T08FVM-WG

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T08FVM-WG ROHM-BR24T08FVM-WG Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T08FVM-WGE2 ROHM-BR24T08FVM-WGE2	 Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T08FVM-WGE2 ROHM-BR24T08FVM-WGE2 Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T08FVM-WGTR ROHM-BR24T08FVM-WGTR Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
More results

Similar Description - BR24T08FVM-WG

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T01-W ROHM-BR24T01-W Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T64FJ-WE2 ROHM-BR24T64FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T02F-WE2 ROHM-BR24T02F-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T128FVT-WGE2 ROHM-BR24T128FVT-WGE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T04FJ-WE2 ROHM-BR24T04FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T128NUX ROHM-BR24T128NUX Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BU9888FV-W ROHM-BU9888FV-W Datasheet
415Kb / 17P
   High Reliability Serial EEPROMs
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
BR25S640FV-WE2 ROHM-BR25S640FV-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com