Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRD02 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # LRD02
Description  TeSys짰 IEC Contactors and Starters
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LRD02 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button LRD02 Datasheet HTML 6Page - List of Unclassifed Manufacturers LRD02 Datasheet HTML 7Page - List of Unclassifed Manufacturers LRD02 Datasheet HTML 8Page - List of Unclassifed Manufacturers LRD02 Datasheet HTML 9Page - List of Unclassifed Manufacturers LRD02 Datasheet HTML 10Page - List of Unclassifed Manufacturers LRD02 Datasheet HTML 11Page - List of Unclassifed Manufacturers LRD02 Datasheet HTML 12Page - List of Unclassifed Manufacturers LRD02 Datasheet HTML 13Page - List of Unclassifed Manufacturers LRD02 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
www.schneider-electric.us
18-10
© 2009 Schneider Electric
All Rights Reserved
The following accessories require use of cabling accessories (LAD4BB●●) for proper mounting. See page 18-9 for
illustration.
Electronic Serial Timer Modules
These solid state modules delay the energizing and de-energizing of the contactor coil.
Interface Modules b
These modules allow the contactor coils to be energized from low voltage and low current level signals. They come in
mechanical relay and solid state versions. The relay plus manual operation versions include a lever for manually
turning the contactor on and off. When a module receives a low level signal, it allows the separate sourced control
voltage to flow to the contactor coil. It saves space and wiring time compared to conventional interposing relays.
b
Adapter required for D09 - D65A, see table 18.24.
Automatic-Manual-Stop Control Modules
These modules allow for local and/or remote operation of the contactor coil. Each module includes a lever to switch
from automatic to manual operation and a dial to turn the contactor on and off.
Low Voltage Ride Through Module (meets SEMI F47 requirements)
By ensuring SEMI F47 compliance of AC powered IEC contactors and relays, the low voltage ride through modules can
be used to increase the voltage sag immunity of semiconductor processing equipment. These modules make it
possible for AC powered Telemecanique contactors and relays to exceed the requirements of SEMI F47, both in the
magnitude and duration of a voltage sag event—even with accessories such as auxiliary contact blocks and pneumatic
timers.
The low voltage ride through modules can be used with Telemecanique contactors from 9 A through 80 A, as well as
the CAD series of control relays
TeSys D contactors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .pages 18-4, 18-6
TeSys D overload relay accessories . . . . . . . . . . . . . . . . . . . . . . . page 18-16
TeSys D replacement coils. . . . . . . . . . . . . . . . . . . . . . . pages 18-18 to 18-19
Dimensions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . pages 18-40 to 18-46
Table 18.25:
Type
Operational Voltage a
Time Delay
Catalog Number
$ Price
24–250 Vac
100–250 Vac
On-delay
LC1D09–D65A
LC1D80–D150
0.1–2 s
LA4DT0U
82.
1.5–30 s
LA4DT2U
82.
25–500 s
LA4DT4U
82.
a
For 24 V operation, the contactor must be fitted with a 21 V coil: coil voltage code Z5 for 50 Hz; Z6 for 60 Hz; ZD for DC.
Table 18.26:
Interface Type
Operational Voltage
Input Voltage
Catalog Number
$ Price
24–250 Vac
100–250 Vac
Relay
LC1D09–D150
24 Vdc
LA4DFB
55.
LC1D09–D150
48 Vdc
LA4DFE
55.
Relay Plus
LC1D09–D150
24 Vdc
LA4DLB
71.
Manual Operation
LC1D09–D150
48 Vdc
LA4DLE
71.
Solid State
LC1D09–D65
LC1D80–D115
24 Vdc
LA4DWB
71.
LA4DFB
Table 18.27:
Operational Voltage
Catalog Number
$ Price
24–100 Vac
100–250 Vac
LC1D09–D150
LA4DMK
35.
Table 18.28:
For use on:
Catalog Number
$ Price
Contactor
Relay
LC1D
●●B7
CAD
●●B7
LADLVRT24V c
124.
LC1D
●●G7
CAD
●●G7
LADLVRT120V c
124.
LC1D
●●LE7
CAD
●●LE7
LADLVRT208V c
124.
Top mount bracket (required when using above modules) D09 - D32
LAD4BB c
23.
Top mount bracket (required when using above modules) D40 - D65
LAD4BB3 c
23.
Fuse
LA9D941
120.
c
LAD4BB must be used when the low voltage ride through module is being used with contactors 32 A and less, and TeSys CAD Series of Control Relays.
The LAD4BB3 must be used with the D40 - D65A. See table 18.24 on page 18-10.
E2
E1
A2
A2
A1
A1
1.25
32
LADLVRT
1.85
47
LAD4BB
E1
E2
A1
A2
LADLVRT
Contactors 40 A–80 A
Contactors 32 A and less
Contactor Accessories
TeSys® D Electronic Timers and Interface Modules
Refer to Catalog 8502CT9901
I12
Discount
Schedule


Similar Part No. - LRD02

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LRD02 SCHNEIDER-LRD02 Datasheet
186Kb / 3P
   TeSys LRD thermal overload relays - 0.16...0.25 A - class 10A
LRD02 SCHNEIDER-LRD02 Datasheet
116Kb / 3P
   TeSys Deca thermal overload relays - 0.16...0.25 A - class 10A
May 25, 2022
LRD02 SCHNEIDER-LRD02_V01 Datasheet
116Kb / 3P
   TeSys Deca thermal overload relays - 0.16...0.25 A - class 10A
May 25, 2022
More results

Similar Description - LRD02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C320KGS1 ETC-C320KGS1 Datasheet
139Kb / 7P
   IEC Contactors & Starters
LC1D18P7 ETC2-LC1D18P7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
LC1D18F7 ETC2-LC1D18F7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
V201K4CJ ETC2-V201K4CJ Datasheet
425Kb / 10P
   Vacuum Contactors & Starters
logo
Schneider Electric
LAD311 SCHNEIDER-LAD311 Datasheet
95Kb / 2P
   MOUNTING BRACKET, IEC CONTACTORS
Jun 7, 2022
logo
List of Unclassifed Man...
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
C25DNA215AA161-84 ETC-C25DNA215AA161-84 Datasheet
827Kb / 5P
   Definite Purpose Contactors & Starters
AN14AN0A3E005 ETC-AN14AN0A3E005 Datasheet
226Kb / 4P
   NEMA Contactors & Starters 33-79
logo
Schneider Electric
9999SA2 SCHNEIDER-9999SA2 Datasheet
120Kb / 2P
   Start Stop push button kit, NEMA 1, Type S contactors and starters
May 19, 2022
9999SC2 SCHNEIDER-9999SC2 Datasheet
122Kb / 2P
   Hand Off Auto selector switch kit, NEMA 1, for contactors and starters
May 19, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com