Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRD35 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # LRD35
Description  TeSys짰 IEC Contactors and Starters
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LRD35 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button LRD35 Datasheet HTML 3Page - List of Unclassifed Manufacturers LRD35 Datasheet HTML 4Page - List of Unclassifed Manufacturers LRD35 Datasheet HTML 5Page - List of Unclassifed Manufacturers LRD35 Datasheet HTML 6Page - List of Unclassifed Manufacturers LRD35 Datasheet HTML 7Page - List of Unclassifed Manufacturers LRD35 Datasheet HTML 8Page - List of Unclassifed Manufacturers LRD35 Datasheet HTML 9Page - List of Unclassifed Manufacturers LRD35 Datasheet HTML 10Page - List of Unclassifed Manufacturers LRD35 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
www.schneider-electric.us
© 2009 Schneider Electric
All Rights Reserved
18-7
Contactors
TeSys® F 3-Pole Reversing, AC or DC Operating Coil
Refer to Catalog 8502CT9901
HOW TO ORDER:
Components are available for customer assembly of TeSys F reversing contactors. For
example, the following components must be ordered to build a 75 hp @ 460 V reversing
contactor with a 120 V/60 Hz coil:
TeSys F contactor accessories. . . . . . . . . . . . . . . . . . . . . . . . . . . . page 18-11
TeSys F overload relay accessories. . . . . . . . . . . . . . . . . . . . . . . . page 18-16
TeSys F replacement coils and parts . . . . . . . . . . pages 18-13, 18-18, 18-20
Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .page 18-42
Table 18.11:
Quantity
Catalog Number
Description
2
LC1F115G6
Contactors
6
DZ2FF1
Lugs (page 18-12)
2
LADN11
Auxiliary contacts
1
LA9FF976
Power connections
1
LA9FF970
Mechanical interlock
Table 18.12:
3-Pole Contactors
Maximum Horsepower Ratings
Maximum Current
Holding Circuit
Contact Built
Into Coil
Catalog
Numbera
$ Price
Three Phase
Inductive
AC3
Amperes
Resistive
AC1
Amperes
200 V
hp
230 V
hp
460 V
hp
575 V
hp
N.O.
N.C.
30
40
75
100
115
200
1
0
LC1F115
479.00
40
50
100
125
150
250
1
0
LC1F150
696.00
50
60
125
150
185
275
1
0
LC1F185
938.00
60
75
150
200
265
350
1
0
LC1F265
1179.00
75
100
200
250
330
400
1
0
LC1F330
1621.00
100
125
250
300
400
500
1
0
LC1F400
1874.00
150
200
400
500
500
700
1
0
LC1F500
4970.00
250
300
600
800
630
1000
1
0
LC1F630
6872.00
Current rated
780
1600
0
0
LC1F780
7788.00
450
800
900
800
1000
0
0
LC1F800
6676.00
a
Use coil voltage codes from the “Voltage Codes” table on page 18-6 to complete the contactor catalog number.
Table 18.13:
Auxiliary contact (electrical interlocking) - 2 must be purchased
For use with
Number of
Contacts
Maximum Number
of Blocks
Per Contactor
Contact Arrangement
Catalog Number
$ Price
LC1F
to be ordered
separately
11
1—
LADN10
13.10
—1
LADN01
13.10
22
11
LADN11
20.70
2-
LADN20
20.70
42
22
LADN22
41.50
13
LADN13
41.50
4—
LADN40
41.50
—4
LADN04
41.50
31
LADN31
41.50
22 b
LADC22
41.50
b
including 1 N.O. + 1 N.C. make-before-break
Table 18.14:
AccessoriesFor the assembly of three-pole reversing contactors
(horizontal mounting)
With 2 Identical
Contactors c
Set Of Power Connections
Catalog Number
$ Price
Horizontal Mounting
Mechanical Interlock Kit
Catalog Number
$ Price
LC1F115
LA9FF976
106.00
LA9FF970
53.00
LC1F150
LA9F15076
96.00
LA9FF970
53.00
LC1F185
LA9FG976
113.00
LA9FG970
53.00
LC1F265
LA9FH976
151.00
LA9FJ970
76.00
LC1F330
LA9FJ976
225.00
LA9FJ970
76.00
LC1F400
LA9FJ976
198.00
LA9FJ970
76.00
LC1F500
LA9FK976
306.00
LA9FJ970
76.00
LC1F630, F800
LA9FL976
568.00
LA9FL970
76.00
c
For two contactors of different size, refer to pages 18-15.
LC1F265
E164862
CCN NLDX
LR43364
Class 3211 04
I12
Discount
Schedule


Similar Part No. - LRD35

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LRD35 SCHNEIDER-LRD35 Datasheet
108Kb / 3P
   TeSys LRD, thermal overload relay, 30 to 38 A, class 10A
LRD35 SCHNEIDER-LRD35 Datasheet
116Kb / 3P
   TeSys Deca, thermal overload relay, 30 to 38 A, class 10A
May 25, 2022
LRD350 SCHNEIDER-LRD350 Datasheet
116Kb / 3P
   TeSys LRD, thermal overload relay, 37 to 50 A, class 10A, EVERLINK
LRD350 SCHNEIDER-LRD350 Datasheet
129Kb / 3P
   TeSys Deca, thermal overload relay, 37 to 50 A, class 10A, EVERLINK
May 25, 2022
LRD3503 SCHNEIDER-LRD3503 Datasheet
116Kb / 2P
   TeSys LRD thermal overload relays - 37...50 A - class 10A
Aug 15, 2019
More results

Similar Description - LRD35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C320KGS1 ETC-C320KGS1 Datasheet
139Kb / 7P
   IEC Contactors & Starters
LC1D18P7 ETC2-LC1D18P7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
LC1D18F7 ETC2-LC1D18F7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
V201K4CJ ETC2-V201K4CJ Datasheet
425Kb / 10P
   Vacuum Contactors & Starters
logo
Schneider Electric
LAD311 SCHNEIDER-LAD311 Datasheet
95Kb / 2P
   MOUNTING BRACKET, IEC CONTACTORS
Jun 7, 2022
logo
List of Unclassifed Man...
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
C25DNA215AA161-84 ETC-C25DNA215AA161-84 Datasheet
827Kb / 5P
   Definite Purpose Contactors & Starters
AN14AN0A3E005 ETC-AN14AN0A3E005 Datasheet
226Kb / 4P
   NEMA Contactors & Starters 33-79
logo
Schneider Electric
9999SA2 SCHNEIDER-9999SA2 Datasheet
120Kb / 2P
   Start Stop push button kit, NEMA 1, Type S contactors and starters
May 19, 2022
9999SC2 SCHNEIDER-9999SC2 Datasheet
122Kb / 2P
   Hand Off Auto selector switch kit, NEMA 1, for contactors and starters
May 19, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com