Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRD3361 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # LRD3361
Description  TeSys짰 IEC Contactors and Starters
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LRD3361 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button LRD3361 Datasheet HTML 4Page - List of Unclassifed Manufacturers LRD3361 Datasheet HTML 5Page - List of Unclassifed Manufacturers LRD3361 Datasheet HTML 6Page - List of Unclassifed Manufacturers LRD3361 Datasheet HTML 7Page - List of Unclassifed Manufacturers LRD3361 Datasheet HTML 8Page - List of Unclassifed Manufacturers LRD3361 Datasheet HTML 9Page - List of Unclassifed Manufacturers LRD3361 Datasheet HTML 10Page - List of Unclassifed Manufacturers LRD3361 Datasheet HTML 11Page - List of Unclassifed Manufacturers LRD3361 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
www.schneider-electric.us
18-8
© 2009 Schneider Electric
All Rights Reserved
Contactor
Accessories
TeSys® D & F Auxiliary Contacts, Time Delay, Mechanical Latch
Refer to Catalog 8502CT9901
TeSys D contactors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .pages 18-4, 18-6
TeSys D overload relay accessories . . . . . . . . . . . . . . . . . . . . . . . page 18-16
TeSys D replacement coils . . . . . . . . . . . . . . . . . . . . . . pages 18-18 to 18-19
Dimensions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . pages 18-40 to 18-46
Table 18.15:
Standard, instantaneous auxiliary contact blocks
Snap-On
Mounting
Number of
Contacts
Composition
Catalog Number a
$ Price
N.O.
N.C.
To front of
LC
DT20–D258 (4P),
LC
D09–D150a
or
To right side of
LC
F
4 a
22
LADN22 b
41.50
13
LADN13 b
41.50
40
LADN40 b
41.50
04
LADN04 b
41.50
31
LADN31 b
41.50
2 c
2 c
LADC22 bc
41.50
2
11
LADN11 b
20.70
20
LADN20 b
20.70
02
LADN02b
20.70
To front of
LC
D80 and D115
or
To left side of
LC
F
1
10
LADN10 d
13.10
01
LADN01 d
13.10
To side of
LC
D09 to D150 only
(not for use on TeSys F)
21
1
LAD8N11 e
20.70
20
LAD8N20 e
20.70
a
For low consumption coils (LC1D09 to D32 only), only one front-mounted two-contact block allowed. No side-
mounted contact blocks allowed.
b
For spring terminal versions of these blocks, add a “3” to the end of the catalog number. (Ex. LADN223). No price
adder for this modification.
c
Including 1 N.O. + 1 N.C. make before break overlapping contacts.
d
This block cannot be added to the LC1D 09 to D32 contactors; a maximum of 2 blocks can be mounted on the
LC1D40A to LC1/LP1D80 contactors only.
e
1 block may be added to the left side of the LC1D 09 to D32, AC coils only; 1 block may be added to each side of
the LC1D 40A to D80 contactors, AC coils only. Cannot be installed on TeSys D contactors with DC coils.
Table 18.16:
Instantaneous blocks with dust-tight auxiliary contacts (IP54)
NEMA 12
Snap-On
Mounting
Standard Contacts Dusttight Contacts
Catalog Number
$ Price
N.O.
N.C.
N.O.
N.C.
To front of
LP
D40–D80, LCDT20–D258 (4P),
LC
D09 to D80
or
To right side of
LC
F
——
2
LA1DX20
65.00
2—
2
LA1DZ40
82.00
11
2
LA1DZ31
82.00
——
2
LA1DY20f
77.00
f
Device supplied with 4 ground terminal points.
Table 18.17:
Pneumatic time delay contact blocks
Snap-On
Mounting
Time Delay
Contacts
Type
Range of
Time Delay
Catalog
Number h
$ Price
N.O.
N.C.
To front of
LP
D40–D80,
LC
DT20–D258 (4P),
LC
D09 to D150
or
To right side of
LC
F
11
On energization
(on delay)
0.1 to 3 sg
LADT0
131.00
0.1 to 30 s
LADT2
131.00
10 to 180 s
LADT4
131.00
1 to 30 si
LADS2
131.00
11
On de-energization
(off-delay)
0.1 to 3 sg
LADR0
131.00
0.1 to 30 s
LADR2
131.00
10 to 180 s
LADR4
131.00
g
Scale range is expanded between 0.1 and 0.6 seconds on the dial for more accurate settings at the lower end of
the range.
h
For spring terminal versions of these blocks, add a “3” to the end of the catalog number. (Ex. LADT23). No price
adder for this modification.
i
With switching time of 40 ms ± 15 ms between the opening of the N.C. contact to the closing of the N.O. contact.
Table 18.18:
Mechanical latch blocks with manual or electrical unlatch
(TeSys D only)
Front snap-on
mounting onto
Application
Catalog number
to be completed
by the code corresponding
to the coil voltage
$ Price
LC
D09 to D65A
For silent operation and energy
conservation
LAD6K10jk
77.00
LC1 D80 to D150 LP1 D80
For silent operation and energy
conservation
LA6DK20jk
77.00
j
Does not include internal coil clearing contact.
k
Complete catalog number by adding coil voltage code. For example: LAD6K10F.
Table 18.19:
Coil Voltage Codes for LA6DK mechanical latch blocks
Volts
12
24
32/36
42/48
60/72
100
110/
127
200/
208
220/
240
380/
415
440/
480
500/
600
AC or DC
J
B
C
E
EN
K
F
L
M
Q
R
S
Front Mounted
Auxiliary Blocks
(shown on TeSys D
contactor)
E164862
CCN NLDX
LR43364
Class 3211 04
I12
Discount
Schedule


Similar Part No. - LRD3361

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LRD3361 SCHNEIDER-LRD3361 Datasheet
110Kb / 3P
   TeSys LRD, thermal overload relay, 55 to 70 A, class 10A, for LC1D80 and LC1D95
LRD3361 SCHNEIDER-LRD3361 Datasheet
124Kb / 3P
   TeSys Deca, thermal overload relay, 55 to 70 A, class 10A, for LC1D80 and LC1D95
May 25, 2022
LRD3361 SCHNEIDER-LRD3361_V01 Datasheet
124Kb / 3P
   TeSys Deca, thermal overload relay, 55 to 70 A, class 10A, for LC1D80 and LC1D95
May 25, 2022
More results

Similar Description - LRD3361

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C320KGS1 ETC-C320KGS1 Datasheet
139Kb / 7P
   IEC Contactors & Starters
LC1D18P7 ETC2-LC1D18P7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
LC1D18F7 ETC2-LC1D18F7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
V201K4CJ ETC2-V201K4CJ Datasheet
425Kb / 10P
   Vacuum Contactors & Starters
logo
Schneider Electric
LAD311 SCHNEIDER-LAD311 Datasheet
95Kb / 2P
   MOUNTING BRACKET, IEC CONTACTORS
Jun 7, 2022
logo
List of Unclassifed Man...
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
C25DNA215AA161-84 ETC-C25DNA215AA161-84 Datasheet
827Kb / 5P
   Definite Purpose Contactors & Starters
AN14AN0A3E005 ETC-AN14AN0A3E005 Datasheet
226Kb / 4P
   NEMA Contactors & Starters 33-79
logo
Schneider Electric
9999SA2 SCHNEIDER-9999SA2 Datasheet
120Kb / 2P
   Start Stop push button kit, NEMA 1, Type S contactors and starters
May 19, 2022
9999SC2 SCHNEIDER-9999SC2 Datasheet
122Kb / 2P
   Hand Off Auto selector switch kit, NEMA 1, for contactors and starters
May 19, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com