Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRD4367 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # LRD4367
Description  TeSys짰 IEC Contactors and Starters
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LRD4367 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  LRD4367 Datasheet HTML 1Page - List of Unclassifed Manufacturers LRD4367 Datasheet HTML 2Page - List of Unclassifed Manufacturers LRD4367 Datasheet HTML 3Page - List of Unclassifed Manufacturers LRD4367 Datasheet HTML 4Page - List of Unclassifed Manufacturers LRD4367 Datasheet HTML 5Page - List of Unclassifed Manufacturers LRD4367 Datasheet HTML 6Page - List of Unclassifed Manufacturers LRD4367 Datasheet HTML 7Page - List of Unclassifed Manufacturers LRD4367 Datasheet HTML 8Page - List of Unclassifed Manufacturers LRD4367 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
www.schneider-electric.us
© 2009 Schneider Electric
All Rights Reserved
18-5
Contactors &
Overload Relays
TeSys® F Non-reversing
Refer to Catalog 8502CT9901
a
Complete part number by adding coil voltage code from table below. For example: LC1F115G7. All contactors (except F780) include 1 N.O. coil
interlock contact.
TeSys F contactor accessories . . . . . . . . . . . . . . . . . . . . . . . . . . . .page 18-11
TeSys F overload relay accessories . . . . . . . . . . . . . . . . . . . . . . . .page 18-16
TeSys F replacement coils and parts . . . . . . . . . . pages 18-13, 18-18, 18-20
Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . pages 18-42 to 18-49
LC1F115
E164862
CCN NLDX
LR43364
Class 3211 04
Table 18.3:
TeSys D Overload Relays — Solid State
Current Setting Range Amperes
For Direct Mounting Beneath
Contractor LC1
Class 10
Class 20
$ Price
60–100
D115–D150
LR9D5367
LR9D5567
298.00
90–150
D115–D150
LR9D5369
LR9D5569
298.00
Table 18.4:
TeSys F 2-, 3-, and 4-Pole Contactors
Standard power ratings of 3-phase motors 50/60 Hz in
category AC-3
Maximum Current
Number of
Poles
Catalog
Number a
$ Price
200 V
208 V
220 V
240 V
460 V
480 V
575 V
600 V
AC-3
AC-1
Panel Mount with Screws
HP
HP
HP
HP
A
A
30
40
75
100
115
200
3LC1F115
479.00
4LC1F1154
630.00
40
50
100
125
150
250
3LC1F150
696.00
4LC1F1504
825.00
50
60
125
150
185
275
3LC1F185
938.00
4LC1F1854
1439.00
Current Rated
225
315
3LC1F225
1059.00
4LC1F2254
1935.00
60
75
150
175
265
350
3LC1F265
1179.00
4LC1F2654
1646.00
75
100
200
250
330
400
3LC1F330
1621.00
4LC1F3304
1846.00
100
125
250
300
400
500
2LC1F4002
1521.00
3LC1F400
1874.00
4LC1F4004
2133.00
150
200
400
500
500
700
2LC1F5002
4324.00
3LC1F500
4970.00
4LC1F5004
5617.00
250
300
600
800
630
1000
2LC1F6302
5917.00
3LC1F630
6474.00
4LC1F6304
7582.00
Current Rated
780
1600
3LC1F780
7788.00
4LC1F7804
9940.00
450
800
900
800
1000
3
LC1F800
6676.00
Table 18.5:
TeSys F 3-Phase Overload Relays — Solid State Separate Mount b
Current Setting Range
Amps
For Direct Mounting to Contactor
LC1
●●●●
Class 10 Trip c
Catalog Number
Class 20 c
Catalog Number
$ Price
30–50
F115–F185
LR9F5357
LR9F5557
298.00
48–80
F115–F185
LR9F5363
LR9F5563
298.00
60–100
F115–F185
LR9F5367
LR9F5567
298.00
90–150
F115–F185
LR9F5369
LR9F5569
298.00
132–220
F185 d –F265
LR9F5371
LR9F5571
298.00
200–330
F265–F500
LR9F7375b
LR9F7575b
333.00
300–500
F265–F500
LR9F7379b
LR9F7579b
737.00
380–630
F400–F630
LR9F7381b
LR9F7581b
905.00
b
When mounting overload relays LR9F5
57 to LR9F571 directly beneath the contactor, supporting the relays with a mounting plate is recommended.
With overload relays LR9F7
75 to LR9F781, use of a support mounting plate is mandatory.
c
IEC standard 60947-4 specifies the following trip times when the overload relay senses 7.2 times the setting current:
Class 10 — between 4 and 10 seconds
Class 20 — between 6 and 20 seconds
d
Interconnection kit LA7F407 is required to mount an LR9F
71 to an LC1F185.
Table 18.6:
Coil Voltage Codes h
Contactor
Hz
24 V
48 V
110 V
120 V
125 V
208 V
220 V
240 V
250 V
440 V
480 V
600 V
AC
D09–D150
50/60
B7
E7
F7
G7
LE7
M7
U7
T7 e
X7 ef
LC1D80–LC1D150 only
60
B6
E6
F6
G6
L6
M6
U6
T6
X6 f
50
B5
E5
F5
M5 e
U5
———
F115, F150, and F185
50
B5
E5
F5
———
M5
U5
———
60
B6
E6
F6
G6
L6
M6
U6
Q5
SC
F265, and F330
40–400
B7
E7
F7
G7
L7
M7
U7
S7i
X7
F400— F780
40–400
E7
F7
G7
L7
M7
U7
N7
X7 g
DC
D09-D32, DT20-D258
Low Consumption
BL
EL
FL
———
ML
UL
D09–D150
BD
ED
FD
GD
MD
UD
RD
F115-F330
BD
ED
FD
GD
MD
UD
RD
F400–F780
ED
FD
GD
MD
UD
RD
e
Not available for LC1D80 - LC1D150
f
Not available for LC1D115 or LC1D150
g
Not available for LC1F780. The 600 V coils for the LC1F400 - LC1F630 do not include an auxiliary contact for holding circuits.
h
For additional voltage codes refer to the IEC Contactor and Starter Catalog 8502CT9901.
i
For use with F265—F330 only.
Table 18.7:
Coil Voltage Codes for AC and DC Voltages for F800 (includes built-in surge suppressor)
Volts AC/DC
24
48
110
120
127
208
220
240
277
380
415
440
480
575
600
660
50/60 HZ
FW
FW
FW
MW
MW
QW
QW
QW
I12
Discount
Schedule


Similar Part No. - LRD4367

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LRD4367 SCHNEIDER-LRD4367 Datasheet
145Kb / 3P
   TeSys LRD thermal overload relays - 95...120 A - class 10A
LRD4367 SCHNEIDER-LRD4367 Datasheet
158Kb / 3P
   TeSys Deca thermal overload relays , 95...120A , class 10A
May 25, 2022
LRD4367 SCHNEIDER-LRD4367_V01 Datasheet
158Kb / 3P
   TeSys Deca thermal overload relays , 95...120A , class 10A
May 25, 2022
More results

Similar Description - LRD4367

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C320KGS1 ETC-C320KGS1 Datasheet
139Kb / 7P
   IEC Contactors & Starters
LC1D18P7 ETC2-LC1D18P7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
LC1D18F7 ETC2-LC1D18F7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
V201K4CJ ETC2-V201K4CJ Datasheet
425Kb / 10P
   Vacuum Contactors & Starters
logo
Schneider Electric
LAD311 SCHNEIDER-LAD311 Datasheet
95Kb / 2P
   MOUNTING BRACKET, IEC CONTACTORS
Jun 7, 2022
logo
List of Unclassifed Man...
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
C25DNA215AA161-84 ETC-C25DNA215AA161-84 Datasheet
827Kb / 5P
   Definite Purpose Contactors & Starters
AN14AN0A3E005 ETC-AN14AN0A3E005 Datasheet
226Kb / 4P
   NEMA Contactors & Starters 33-79
logo
Schneider Electric
9999SA2 SCHNEIDER-9999SA2 Datasheet
120Kb / 2P
   Start Stop push button kit, NEMA 1, Type S contactors and starters
May 19, 2022
9999SC2 SCHNEIDER-9999SC2 Datasheet
122Kb / 2P
   Hand Off Auto selector switch kit, NEMA 1, for contactors and starters
May 19, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com