Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2401SN-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2401SN-7
Description  2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2401SN-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2401SN-7 Datasheet HTML 1Page - Diodes Incorporated AP2401SN-7 Datasheet HTML 2Page - Diodes Incorporated AP2401SN-7 Datasheet HTML 3Page - Diodes Incorporated AP2401SN-7 Datasheet HTML 4Page - Diodes Incorporated AP2401SN-7 Datasheet HTML 5Page - Diodes Incorporated AP2401SN-7 Datasheet HTML 6Page - Diodes Incorporated AP2401SN-7 Datasheet HTML 7Page - Diodes Incorporated AP2401SN-7 Datasheet HTML 8Page - Diodes Incorporated AP2401SN-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AP2401/AP2411
Document number: DS35113 Rev. 6 - 2
2 of 18
www.diodes.com
March 2013
© Diodes Incorporated
AP2401/AP2411
Typical Applications Circuit
0.1uF
IN
GND
EN
OUT
ON
120uF
Power Supply
2.7V to 5.5V
0.1uF
OFF
FLG
Load
10k
Enable Active High
Available Options
Part
Number
Channel
Enable Pin
(EN)
Recommended Maximum
Continuous Load Current
(A)
Typical Output Latch-Off
Current Limit
(A)
Package
AP2401
1
Active Low
2
2.5
SO-8
MSOP-8
MSOP-8EP
U-DFN3030-8
U-DFN2020-6
AP2411
1
Active High
Pin Descriptions
Pin Name
Pin Number
Function
SO-8,
MSOP-8
MSOP-8EP,
U-DFN3030-8
U-DFN2020-6
GND
1
1
2
Ground
IN
2, 3
2, 3
1
Voltage Input Pin. Connect a 0.1µF or larger ceramic capacitor from IN to GND as close
as possible. (all IN pins must be tied together externally)
EN
4
4
3
Enable Input. Active low (AP2401) or active high (AP2411).
FLG
5
5
4
Over-temperature and over-current fault reporting with 7ms deglitch; active low open-drain
output. FLG is disabled for 7ms after turn-on.
OUT
6, 7
6, 7
5
Voltage Output Pin (all OUT pins must be tied together externally)
NC
8
8
6
No Internal Connection. Recommend tie to OUT pins.
Exposed Pad
Exposed Pad
Exposed Pad
Exposed pad. It should be externally connected to GND plane and thermal mass for
enhanced thermal impedance. Exposed pad should not be used as electrical ground
conduction path.


Similar Part No. - AP2401SN-7

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2401 BCDSEMI-AP2401 Datasheet
747Kb / 22P
   DUAL LDO REGULATORS
AP2401 BCDSEMI-AP2401 Datasheet
829Kb / 22P
   DUAL LDO REGULATORS
logo
Diodes Incorporated
AP2401 DIODES-AP2401 Datasheet
269Kb / 15P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
AP2401 DIODES-AP2401 Datasheet
454Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
AP2401A DIODES-AP2401A Datasheet
494Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
March 2015
More results

Similar Description - AP2401SN-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2401 DIODES-AP2401 Datasheet
269Kb / 15P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
AP2401 DIODES-AP2401_13 Datasheet
454Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
AP2401A DIODES-AP2401A Datasheet
494Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
March 2015
AP2301 DIODES-AP2301 Datasheet
374Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
DS32241 Rev. 1 - 2
AP2301 DIODES-AP2301_13 Datasheet
441Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2301A DIODES-AP2301A Datasheet
656Kb / 17P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
February 2018 Rev. 2 - 2
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2101 DIODES-AP2101 Datasheet
365Kb / 14P
   2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 1
AP2151A DIODES-AP2151A Datasheet
893Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
January 2018
AP2101 DIODES-AP2101_10 Datasheet
370Kb / 14P
   2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com