Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQB2A2-ZT36VDC Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AQB2A2-ZT36VDC
Description  1A and 2A space saving PC board terminal type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQB2A2-ZT36VDC Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AQB2A2-ZT36VDC Datasheet HTML 1Page - Panasonic Semiconductor AQB2A2-ZT36VDC Datasheet HTML 2Page - Panasonic Semiconductor AQB2A2-ZT36VDC Datasheet HTML 3Page - Panasonic Semiconductor AQB2A2-ZT36VDC Datasheet HTML 4Page - Panasonic Semiconductor AQB2A2-ZT36VDC Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AQ-B
1
ds_61604_0001_en_aqb: 060207D
TYPES
1A and 2A space saving
PC board terminal type
AQ-B RELAYS
Type
Load voltage
Input voltage
Standard type (1,500 V AC)
Reinforced type (4,000 V AC)
Part No.
Part No.
Zero-cross 1 A
75 to 125 V AC
3 to 6 V DC
AQB1A1-ZT3/6VDC
7 to 14 V DC
AQB1A1-ZT7/14VDC
10 to 18 V DC
AQB1A1-ZT10/18VDC
18 to 30 V DC
AQB1A1-ZT18/30VDC
75 to 250 V AC
3 to 6 V DC
AQB1A2-ZT3/6VDC
AQB1A2-ZV3/6VDC
7 to 14 V DC
AQB1A2-ZT7/14VDC
AQB1A2-ZV7/14VDC
10 to 18 V DC
AQB1A2-ZT10/18VDC
AQB1A2-ZV10/18VDC
18 to 30 V DC
AQB1A2-ZT18/30VDC
AQB1A2-ZV18/30VDC
Zero-cross 2 A
75 to 125 V AC
3 to 6 V DC
AQB2A1-ZT3/6VDC
7 to 14 V DC
AQB2A1-ZT7/14VDC
10 to 18 V DC
AQB2A1-ZT10/18VDC
18 to 30 V DC
AQB2A1-ZT18/30VDC
75 to 250 V AC
3 to 6 V DC
AQB2A2-ZT3/6VDC
AQB2A2-ZV3/6VDC
7 to 14 V DC
AQB2A2-ZT7/14VDC
AQB2A2-ZV7/14VDC
10 to 18 V DC
AQB2A2-ZT10/18VDC
AQB2A2-ZV10/18VDC
18 to 30 V DC
AQB2A2-ZT18/30VDC
AQB2A2-ZV18/30VDC
Non zero-cross 1 A
75 to 125 V AC
3 to 6 V DC
AQB1A1-T3/6VDC
7 to 14 V DC
AQB1A1-T7/14VDC
10 to 18 V DC
AQB1A1-T10/18VDC
18 to 30 V DC
AQB1A1-T18/30VDC
75 to 250 V AC
3 to 6 V DC
AQB1A2-T3/6VDC
AQB1A2-V3/6VDC
7 to 14 V DC
AQB1A2-T7/14VDC
AQB1A2-V7/14VDC
10 to 18 V DC
AQB1A2-T10/18VDC
AQB1A2-V10/18VDC
18 to 30 V DC
AQB1A2-T18/30VDC
AQB1A2-V18/30VDC
Non zero-cross 2 A
75 to 125 V AC
3 to 6 V DC
AQB2A1-T3/6VDC
7 to 14 V DC
AQB2A1-T7/14VDC
10 to 18 V DC
AQB2A1-T10/18VDC
18 to 30 V DC
AQB2A1-T18/30VDC
75 to 250 V AC
3 to 6 V DC
AQB2A2-T3/6VDC
AQB2A2-V3/6VDC
7 to 14 V DC
AQB2A2-T7/14VDC
AQB2A2-V7/14VDC
10 to 18 V DC
AQB2A2-T10/18VDC
AQB2A2-V10/18VDC
18 to 30 V DC
AQB2A2-T18/30VDC
AQB2A2-V18/30VDC
TÜV Rheinland
9
43
20
.354
1.693
.787
FEATURES
• Two types available: Non zero-cross type and Zero-cross type
Non zero-cross type permits phase control and Zero-cross type
suppresses occurrence of noise.
• Vertical type
The small-sized vertical type (43 mm long
× 9 mm wide × 24 mm
high) (1.693
×.354×.945 inch) permits high density mounting to PC
board.
• High dielectric strength: 1,500 V AC (between input and output)
4,000 V AC (between input and output)
TYPICAL
APPLICATIONS
• Copying equipment
• NC machines, sequencers,
robots
• Air conditioners


Similar Description - AQB2A2-ZT36VDC

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL104-1R1Y2G240113 P-TEC-PL104-1R1Y2G240113 Datasheet
32Kb / 1P
   Space saving Circuit Board Indicator
PL103-1R1Y1G120113 P-TEC-PL103-1R1Y1G120113 Datasheet
32Kb / 1P
   Space saving Circuit Board Indicator
PL104-1Y1G1Y1G0113 P-TEC-PL104-1Y1G1Y1G0113 Datasheet
32Kb / 1P
   Space saving Circuit Board Indicator
PL311A-3G13 P-TEC-PL311A-3G13 Datasheet
361Kb / 4P
   Space-Saving Circuit Board Indicator
PL311A-3RY1201 P-TEC-PL311A-3RY1201 Datasheet
456Kb / 4P
   Space-Saving Circuit Board Indicator
PL105-4RG1213 P-TEC-PL105-4RG1213 Datasheet
885Kb / 5P
   Space saving Circuit Board Indicator
PL105-4W24 P-TEC-PL105-4W24 Datasheet
492Kb / 4P
   Space saving Circuit Board Indicator
PL105-4Y01 P-TEC-PL105-4Y01 Datasheet
387Kb / 5P
   Space saving Circuit Board Indicator
PL311A-3R12 P-TEC-PL311A-3R12 Datasheet
393Kb / 4P
   Space-Saving Circuit Board Indicator
logo
Murata Manufacturing Co...
PTGL07AS121M0N51A0 MURATA-PTGL07AS121M0N51A0 Datasheet
202Kb / 3P
   space-saving
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com