Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP32GAS203-1 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AP32GAS203-1
Description  Serial ATA Flash Drive
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP32GAS203-1 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AP32GAS203-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers AP32GAS203-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers AP32GAS203-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers AP32GAS203-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers AP32GAS203-1 Datasheet HTML 10Page - List of Unclassifed Manufacturers AP32GAS203-1 Datasheet HTML 11Page - List of Unclassifed Manufacturers AP32GAS203-1 Datasheet HTML 12Page - List of Unclassifed Manufacturers AP32GAS203-1 Datasheet HTML 13Page - List of Unclassifed Manufacturers AP32GAS203-1 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Serial ATA Flash Drive
APXXXXGAS203-X
4. Physical Characteristics
Figure 4-1 illustrates the overall dimensions of AS203 drive, as listed in Table 4-1.
Table 4-1 SAFD dimensions
Dimension
Millimeters (㎜)
Height
9.50 ± 0.20
Width
69.90 ± 0.15
Length
100.00 ± 0.20
Unit: ㎜
Figure 4-1 AS203 physical dimensions
10
© 2011 Apacer Technology Inc.
Rev. 1.0


Similar Part No. - AP32GAS203-1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3201A BCDSEMI-AP3201A Datasheet
448Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
AP3201AMHTR-G1 BCDSEMI-AP3201AMHTR-G1 Datasheet
448Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202 BCDSEMI-AP3202 Datasheet
556Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202M-G1 BCDSEMI-AP3202M-G1 Datasheet
556Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202MTR-G1 BCDSEMI-AP3202MTR-G1 Datasheet
556Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
More results

Similar Description - AP32GAS203-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
APSDM008GM5AN-PCM ETC2-APSDM008GM5AN-PCM Datasheet
308Kb / 21P
   Serial ATA Flash Drive
APS25P6B008G-5T ETC2-APS25P6B008G-5T Datasheet
387Kb / 19P
   Serial ATA Flash Drive
APS25P6B032G-CT ETC2-APS25P6B032G-CT Datasheet
293Kb / 21P
   Serial ATA Flash Drive
APS1845008G-ACM ETC2-APS1845008G-ACM_14 Datasheet
760Kb / 21P
   Serial ATA Flash Drive
AP-SAFD255AA008GS-T ETC2-AP-SAFD255AA008GS-T Datasheet
340Kb / 19P
   Serial ATA Flash Drive
PS18P6A008G-5TWL ETC2-PS18P6A008G-5TWL Datasheet
276Kb / 19P
   Serial ATA Flash Drive
APS18P6A008G-CT ETC2-APS18P6A008G-CT Datasheet
247Kb / 22P
   Serial ATA Flash Drive
APS18P6A016G-CCM ETC2-APS18P6A016G-CCM Datasheet
245Kb / 21P
   Serial ATA Flash Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com