Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP32GAS203-5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AP32GAS203-5
Description  Serial ATA Flash Drive
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP32GAS203-5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AP32GAS203-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers AP32GAS203-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers AP32GAS203-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers AP32GAS203-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers AP32GAS203-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers AP32GAS203-5 Datasheet HTML 6Page - List of Unclassifed Manufacturers AP32GAS203-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers AP32GAS203-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers AP32GAS203-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Serial ATA Flash Drive
APXXXXGAS203-X
Features:
Standard Serial ATA 2.6 (Gen. 2)
Serial ATA 2.6 (Gen. 2)
SATA II, 3.0 Gbps
ATA-compatible command set
Capacities
32, 64, 128, 256 GB
Performance*
Sustained read: up to 250 MB/sec
Sustained write: up to 220 MB/sec
Intelligent endurance design
Built-in ECC, enabling 48 bit correction
per 2KB page
Superior wear-leveling scheme together
with dynamical block allocation to
significantly increase the lifetime of a
flash device and optimize the disk
performance
Flash bad-block management
S.M.A.R.T
TRIM
Zero power data retention
No battery required for data storage
Temperature ranges
– Operation: 0°C to 70°C
– Storage: -40°C to 85°C
Supply voltage
5.0 V ± 5%
Power consumption**
Active mode: 1030 mA (Max)
Idle mode: 40 mA
Form factor
2.5 inch
Connector
7-pin SATA male connector
15-pin SATA power connector
RoHS compliant
*Vary with flash configurations.
**Based on 128 GB model
1
© 2011 Apacer Technology Inc.
Rev. 1.0


Similar Part No. - AP32GAS203-5

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3201A BCDSEMI-AP3201A Datasheet
448Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
AP3201AMHTR-G1 BCDSEMI-AP3201AMHTR-G1 Datasheet
448Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202 BCDSEMI-AP3202 Datasheet
556Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202M-G1 BCDSEMI-AP3202M-G1 Datasheet
556Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202MTR-G1 BCDSEMI-AP3202MTR-G1 Datasheet
556Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
More results

Similar Description - AP32GAS203-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
APSDM008GM5AN-PCM ETC2-APSDM008GM5AN-PCM Datasheet
308Kb / 21P
   Serial ATA Flash Drive
APS25P6B008G-5T ETC2-APS25P6B008G-5T Datasheet
387Kb / 19P
   Serial ATA Flash Drive
APS25P6B032G-CT ETC2-APS25P6B032G-CT Datasheet
293Kb / 21P
   Serial ATA Flash Drive
APS1845008G-ACM ETC2-APS1845008G-ACM_14 Datasheet
760Kb / 21P
   Serial ATA Flash Drive
AP-SAFD255AA008GS-T ETC2-AP-SAFD255AA008GS-T Datasheet
340Kb / 19P
   Serial ATA Flash Drive
PS18P6A008G-5TWL ETC2-PS18P6A008G-5TWL Datasheet
276Kb / 19P
   Serial ATA Flash Drive
APS18P6A008G-CT ETC2-APS18P6A008G-CT Datasheet
247Kb / 22P
   Serial ATA Flash Drive
APS18P6A016G-CCM ETC2-APS18P6A016G-CCM Datasheet
245Kb / 21P
   Serial ATA Flash Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com