Electronic Components Datasheet Search |
|
AQB1A2-V36VDC Datasheet(PDF) 4 Page - Panasonic Semiconductor |
|
AQB1A2-V36VDC Datasheet(HTML) 4 Page - Panasonic Semiconductor |
4 / 5 page AQ-B 4 ds_61604_0001_en_aqb: 060207D OPERATING PRINCIPLE DIMENSIONS mm inch REFERENCE DATA Internal circuit Zero-cross type Wave form of input and output (Resistive load) circuit circuit cross Zero- Phototriac coupler + _ Input Input terminal Output terminal R C Triac Snubber circuit Load voltage Load current Input signal ON OFF Non zero-cross type circuit coupler Phototriac + _ Input Input terminal Output terminal R C Triac Snubber circuit Load voltage Load current Input signal ON OFF (Common for zero-cross and Non zero-cross type) General tolerance: ±0.5 ±.020 4 .157 0.5 .020 1 .039 1 .039 1 .039 1 .039 3.75 .148 5 .197 10 .394 12.5 .492 Max. 9 .354 Max. 20 .787 Max. 43 1.693 Max. 2 .079 Output: AC Output: AC Input: DC + Input: DC - PC board pattern (BOTTOM VIEW) Terminal connection diagram 27.5 1.083 5.0 .197 12.5 .492 10.0 .394 4 3 2 1 Terminal Copper 4-1.4 dia. 4-.055 dia. foil INPUT LOAD Load power source + - Load Input power source 1. Load current vs. ambient temperature 2-1. Non-repetitive surge current vs. carrying time (1 A type) 2-2. Non-repetitive surge current vs. carrying time (2 A type) –30 0 20 40 60 80 3.0 2.5 2.0 1.5 1.0 0.5 0 Ambient temperature, °C 2 A type 1 A type 1 2 3 4 5 7 10 20 30 4050 70100 0 5 10 15 20 25 No. of cycles at 60 Hz 30 1 2 3 4 5 7 10 20 30 4050 70100 No. of cycles at 60 Hz 0 5 10 15 20 25 30 3. Input current vs. input voltage Input voltage, V 010 20 0 10 20 30 40 45 35 25 15 5 (3 to 6 V type) (7 to 14 V type) (18 to 30 V type) (10 to 18 V type) 30 4. Load current vs. ambient temperature for adjacent mounting 1 A type 2 A type 0 0 20 40 60 80 1.0 0.5 =Adjacent mounting =20.32 mm .800 inch =9.0 mm .354 inch =12.7 mm .500 inch Ambient temperature, ¡C 0 Ambient temperature, ¡C 20 40 60 80 2.0 1.5 1.0 0.5 =Adjacent mounting =20.32 mm .800 inch =9.0 mm .354 inch =12.7 mm .500 inch |
Similar Description - AQB1A2-V36VDC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |