Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APS18P6A256G-CCM Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # APS18P6A256G-CCM
Description  Serial ATA Flash Drive
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APS18P6A256G-CCM Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  APS18P6A256G-CCM Datasheet HTML 1Page - List of Unclassifed Manufacturers APS18P6A256G-CCM Datasheet HTML 2Page - List of Unclassifed Manufacturers APS18P6A256G-CCM Datasheet HTML 3Page - List of Unclassifed Manufacturers APS18P6A256G-CCM Datasheet HTML 4Page - List of Unclassifed Manufacturers APS18P6A256G-CCM Datasheet HTML 5Page - List of Unclassifed Manufacturers APS18P6A256G-CCM Datasheet HTML 6Page - List of Unclassifed Manufacturers APS18P6A256G-CCM Datasheet HTML 7Page - List of Unclassifed Manufacturers APS18P6A256G-CCM Datasheet HTML 8Page - List of Unclassifed Manufacturers APS18P6A256G-CCM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Serial ATA Flash Drive
APS18P6Axxxx-CCMXX
3
© 2011 Apacer Technology Inc.
Rev. 1.3
1. Product Description
1.1
Introduction
Apacer’s Serial ATA Flash Drive (SAFD) is a solid-state disk (SSD) drive that contains a controller, embedded
firmware, and flash media along with a male connector. Using NAND flash memory devices, the SAFD drive
interfaces with the host allowing data to be seamlessly transferred between the host and the flash devices.
Though built with MLC, this SSD can work in highly demanding environment as it can withstand
ambient temperature from -40°C to +85°C (for certain capacities only).
SAFD 18P-M drive is designed with a single-chip controller, offering capacities of up to 128 gigabytes and
providing full support for the SATA II high-speed interface standard. It can operate at sustained access rates
of up to 100 megabytes per second, which is much faster than any other solid-state or traditional SATA drive
currently available on the market.
In addition to buffer management through dynamical allocation, SAFD 18P-M adopts Global Wear-Leveling
scheme to allow uniform use of all storage blocks, ensuring that the lifetime of a flash media can be
significantly increased and the disk performance is optimized as well. SAFD 18P-M provides the S.M.A.R.T.
feature that follows the SATA Rev. 2.6 specifications and uses the standard SMART command B0h to read
data from the drive. This feature protects the user from unscheduled downtime by monitoring and storing
critical drive performance.
1.2
Functional Block Diagram
SAFD 18P-M drive includes a single-chip SATA II Controller and the flash media, as well as the SATA
standard interface. The controller integrates the flash management unit with the controller itself to support
multi-channel, multi-bank flash arrays. Figure 1-1 shows the functional block diagram.
Figure 1-1 Apacer SAFD 18P-M block diagram


Similar Part No. - APS18P6A256G-CCM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS18P6A008G-5T ETC2-APS18P6A008G-5T Datasheet
276Kb / 19P
   Serial ATA Flash Drive
APS18P6A008G-5TL ETC2-APS18P6A008G-5TL Datasheet
276Kb / 19P
   Serial ATA Flash Drive
APS18P6A008G-5TW ETC2-APS18P6A008G-5TW Datasheet
276Kb / 19P
   Serial ATA Flash Drive
APS18P6A008G-5TWL ETC2-APS18P6A008G-5TWL Datasheet
276Kb / 19P
   Serial ATA Flash Drive
APS18P6A008G-CT ETC2-APS18P6A008G-CT Datasheet
247Kb / 22P
   Serial ATA Flash Drive
More results

Similar Description - APS18P6A256G-CCM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
APSDM008GM5AN-PCM ETC2-APSDM008GM5AN-PCM Datasheet
308Kb / 21P
   Serial ATA Flash Drive
APS25P6B008G-5T ETC2-APS25P6B008G-5T Datasheet
387Kb / 19P
   Serial ATA Flash Drive
APS25P6B032G-CT ETC2-APS25P6B032G-CT Datasheet
293Kb / 21P
   Serial ATA Flash Drive
APS1845008G-ACM ETC2-APS1845008G-ACM_14 Datasheet
760Kb / 21P
   Serial ATA Flash Drive
AP-SAFD255AA008GS-T ETC2-AP-SAFD255AA008GS-T Datasheet
340Kb / 19P
   Serial ATA Flash Drive
PS18P6A008G-5TWL ETC2-PS18P6A008G-5TWL Datasheet
276Kb / 19P
   Serial ATA Flash Drive
APS18P6A008G-CT ETC2-APS18P6A008G-CT Datasheet
247Kb / 22P
   Serial ATA Flash Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com