Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APS25M5A016G-PTW Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # APS25M5A016G-PTW
Description  Serial ATA Flash Drive
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APS25M5A016G-PTW Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button APS25M5A016G-PTW Datasheet HTML 7Page - List of Unclassifed Manufacturers APS25M5A016G-PTW Datasheet HTML 8Page - List of Unclassifed Manufacturers APS25M5A016G-PTW Datasheet HTML 9Page - List of Unclassifed Manufacturers APS25M5A016G-PTW Datasheet HTML 10Page - List of Unclassifed Manufacturers APS25M5A016G-PTW Datasheet HTML 11Page - List of Unclassifed Manufacturers APS25M5A016G-PTW Datasheet HTML 12Page - List of Unclassifed Manufacturers APS25M5A016G-PTW Datasheet HTML 13Page - List of Unclassifed Manufacturers APS25M5A016G-PTW Datasheet HTML 14Page - List of Unclassifed Manufacturers APS25M5A016G-PTW Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Serial ATA Flash Drive
APS25M5Xxxxx-PXX
10
© 2013 Apacer Technology Inc.
Rev. 1.5
4. Environmental Specifications
4.1
Environments
SAFD25M4 environmental specifications follow the US Military Standard MIL-STD-810F
Table 4-1 SAFD25M4 environmental specifications
Environment
Specification
0°C to 70°C (Operating – Standard), -40°C to 85°C (operating-extended)
Temperature
-40°C to 100°C (Non-operating)
Non-operating: Sine wave, 10~2000(Hz), 15(G), X, Y, Z axis
Vibration
Operating: Random, 20~2000(Hz), 7.69 G rms, X, Y, Z axis
Non-operating: Half sine wave 1500 (G)
, ±X, ±Y, ±Z axis
Shock
Operating: Half sine wave, 50 (G),
±X, ±Y, ±Z axis
4.2
Mean Time Between Failures (MTBF)
Mean Time Between Failures (MTBF) is predicted based on reliability data for the individual components in
SAFD drive. The prediction result for the SAFD25M4 is more than 2,000,000 hours.
Notes about MTBF:
The prediction is based on Bellcore analysis method by assuming device failure rate can be generated by the
sum of failure rates in each component.
4.3
Certification and Compliance
SAFD25M4 complies with the following standards:
CE
FCC
RoHS
MIL-STD-810F
4.4 Endurance
The endurance of a storage device is predicted by TeraBytes Written based on several factors related to
usage, such as the amount of data written into the drive, block management conditions, and daily workload for
the drive. Thus, key factors, such as flash configuration, wear leveling, Write Amplifications and the number of
P/E cycles, can influence the lifespan of the drive.
Capacity
TeraBytes Written
4 GB
320
8 GB
640
16 GB
1,280


Similar Part No. - APS25M5A016G-PTW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS25M5A016G-ACM ETC2-APS25M5A016G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
APS25M5A016G-ACMW ETC2-APS25M5A016G-ACMW Datasheet
262Kb / 19P
   Serial ATA Flash Drive
APS25M5A016G-AT ETC2-APS25M5A016G-AT Datasheet
261Kb / 19P
   Serial ATA Flash Drive
APS25M5A016G-ATW ETC2-APS25M5A016G-ATW Datasheet
261Kb / 19P
   Serial ATA Flash Drive
More results

Similar Description - APS25M5A016G-PTW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
APSDM008GM5AN-PCM ETC2-APSDM008GM5AN-PCM Datasheet
308Kb / 21P
   Serial ATA Flash Drive
APS25P6B008G-5T ETC2-APS25P6B008G-5T Datasheet
387Kb / 19P
   Serial ATA Flash Drive
APS25P6B032G-CT ETC2-APS25P6B032G-CT Datasheet
293Kb / 21P
   Serial ATA Flash Drive
APS1845008G-ACM ETC2-APS1845008G-ACM_14 Datasheet
760Kb / 21P
   Serial ATA Flash Drive
AP-SAFD255AA008GS-T ETC2-AP-SAFD255AA008GS-T Datasheet
340Kb / 19P
   Serial ATA Flash Drive
PS18P6A008G-5TWL ETC2-PS18P6A008G-5TWL Datasheet
276Kb / 19P
   Serial ATA Flash Drive
APS18P6A008G-CT ETC2-APS18P6A008G-CT Datasheet
247Kb / 22P
   Serial ATA Flash Drive
APS18P6A016G-CCM ETC2-APS18P6A016G-CCM Datasheet
245Kb / 21P
   Serial ATA Flash Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com