Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP15XW22303RC Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # NCP15XW22303RC
Description  for Temperature Compensation 0201 (0603) Size
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP15XW22303RC Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button NCP15XW22303RC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NCP15XW22303RC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NCP15XW22303RC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP15XW22303RC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP15XW22303RC Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NCP15XW22303RC Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. NCP15XW22303RC Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. NCP15XW22303RC Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. NCP15XW22303RC Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
8
2
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
NTC Thermistors
for Temperature Compensation 0402 (1005) Size
0201/0402/0603/0805 sized Chip NTC Thermistors have Ni
barrier termination and provide excellent
solderability and offer high stability in environment
by unique inner construction.
s Features
1. Excellent solderability and high stability in
environment
2. Excellent long time aging stability
3. High accuracy in resistance and B-constant
4. Reflow soldering possible
5. Same B-constant in the same resistance in the three
sizes (0805/0603/0402)
Easy to use smaller size in the circuits
6. Lead is not contained in the product.
7. NCP15/18/21 series are recognized by UL
(UL1434, File No. E137188 Vol. 2, Sec. 2)
s Applications
1. Temperature compensation of transistor, IC, crystal
oscillator of mobile communications equipment
2. Temperature sensor for rechargeable batteries
3. Temperature compensation of LCD
4. Temperature compensation and sensing of car audio
equipment (CD, MD, Tuner)
5. Temperature compensation of several kinds of
circuits
Electrode
(Ag Alloy + Ni Plating + Sn Plating)
0.25
±0.10
0.25
±0.10
1.0
±0.05
(in mm)
Part Number
Resistance
(25
°C)
B-Constant
(25-50
°C)
(K)
Permissive Operating
Current (25
°C)
(mA)
Rated Electric
Power (25
°C)
(mW)
Typical Dissipation
Constant (25
°C)
(mW/
°C)
Operating
Temperature Range
(
°C)
NCP15XC220p03RC
22ohm
3100
±3%
6.70
100
1.0
-40 to 125
NCP15XC330p03RC
33ohm
3100
±3%
5.50
100
1.0
-40 to 125
NCP15XC470p03RC
47ohm
3100
±3%
4.60
100
1.0
-40 to 125
NCP15XC680p03RC
68ohm
3100
±3%
3.80
100
1.0
-40 to 125
NCP15XF101p03RC
100ohm
3250
±3%
3.10
100
1.0
-40 to 125
NCP15XF151p03RC
150ohm
3250
±3%
2.50
100
1.0
-40 to 125
NCP15XM221p03RC
220ohm
3500
±3%
2.10
100
1.0
-40 to 125
NCP15XM331p03RC
330ohm
3500
±3%
1.70
100
1.0
-40 to 125
NCP15XQ471p03RC
470ohm
3650
±2%
1.40
100
1.0
-40 to 125
NCP15XQ681p03RC
680ohm
3650
±3%
1.20
100
1.0
-40 to 125
NCP15XQ102p03RC
1.0k ohm
3650
±2%
1.00
100
1.0
-40 to 125
NCP15XW152p03RC
1.5k ohm
3950
±3%
0.81
100
1.0
-40 to 125
NCP15XW222p03RC
2.2k ohm
3950
±3%
0.67
100
1.0
-40 to 125
NCP15XW332p03RC
3.3k ohm
3950
±3%
0.55
100
1.0
-40 to 125
NCP15XM472p03RC
4.7k ohm
3500
±2%
0.46
100
1.0
-40 to 125
NCP15XW682p03RC
6.8k ohm
3950
±3%
0.38
100
1.0
-40 to 125
NCP15XH103p03RC
10k ohm
3380
±1%
0.31
100
1.0
-40 to 125
NCP15XV103p03RC
10k ohm
3900
±3%
0.31
100
1.0
-40 to 125
NCP15XW153p03RC
15k ohm
3950
±3%
0.25
100
1.0
-40 to 125
NCP15XW223p03RC
22k ohm
3950
±3%
0.21
100
1.0
-40 to 125
NCP15WL223p03RC
22k ohm
4485
±1%
0.21
100
1.0
-40 to 125
NCP15WB333p03RC
33k ohm
4050
±3%
0.17
100
1.0
-40 to 125
Continued on the following page.
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering.
!Note
R44E9.pdf 05.4.13


Similar Part No. - NCP15XW22303RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP15XW22303RC MURATA-NCP15XW22303RC Datasheet
1Mb / 44P
   NTC Thermistors
NCP15XW22303RC MURATA-NCP15XW22303RC Datasheet
1Mb / 47P
   NTC Thermistors
NCP15XW22303RC MURATA-NCP15XW22303RC Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
More results

Similar Description - NCP15XW22303RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP18WM154J03RB MURATA-NCP18WM154J03RB Datasheet
1Mb / 44P
   Temperature Sensor and Compensation 0603 (1608) Size
logo
List of Unclassifed Man...
M02097-11 ETC2-M02097-11 Datasheet
671Kb / 21P
   Temperature compensation for modulation current
logo
Panasonic Semiconductor
MA2Z0300AL PANASONIC-MA2Z0300AL Datasheet
231Kb / 3P
   For reduced voltage and temperature compensation
logo
Thinking Electronic Ind...
TTS1B50213271 THINKING-TTS1B50213271 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TCF3A20213181 THINKING-TCF3A20213181 Datasheet
109Kb / 5P
   Lead Frame for Temperature Sensing/Compensation
logo
STMicroelectronics
LPS35HW STMICROELECTRONICS-LPS35HW Datasheet
2Mb / 48P
   Embedded temperature compensation
July 2016 Rev 1
logo
Murata Manufacturing Co...
BLM03AG100SN1D MURATA-BLM03AG100SN1D Datasheet
94Kb / 3P
   BLM03A Series (0201 Size)
logo
STMicroelectronics
LPS225HB STMICROELECTRONICS-LPS225HB Datasheet
1Mb / 47P
   Embedded temperature compensation
February 2017 Rev 2
logo
Maxim Integrated Produc...
MAX78615-LMU MAXIM-MAX78615-LMU Datasheet
810Kb / 63P
   Digital Temperature Compensation
Rev 2; 1/15
logo
MKS Instruments.
230E MKS-230E Datasheet
137Kb / 2P
   Superior temperature compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com