Electronic Components Datasheet Search |
|
NCP15WL22303RC Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd. |
|
NCP15WL22303RC Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd. |
5 / 40 page 4 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. y B0 e 160 r L t BM NT q w PA7 qProduct ID wSeries rResistance Tolerance tIndividual Specifications NTC Thermistors for Inrush Current Suppression NT NTC Thermistors L PA7 PA9 PAA PAD PAJ PAN ±15% DK DN BM Individual Specifications Product ID Code Code Series Resistance Tolerance Code (Part Number) eResistance Expressed by three figures. The unit is ohm ( Ω). The first and second figures are significant digits, and the third figure expresses the number of zeros which follow the two figures. If there is a decimal point, it is expressed by the capital letter " R". In this case, all figures are significant digits. A lead structure and other specifications are expressed by two capital letters. 3R0 100 Ex.) 3 Ω 10 Ω Code Resistance Standard Type Standard Type Standard Type yPackaging A0 B0 Ammo Pack Bulk Code Packaging Body Diameter ø18mm, ø22mm ø10mm, ø13mm ø7mm, ø9mm Inrush Current Suppression Lead Type ø7mm ø9mm ø10mm ø13mm ø18mm ø22mm Nominal Body Diameter Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc. This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. !Note R44E9.pdf 05.4.13 |
Similar Part No. - NCP15WL22303RC |
|
Similar Description - NCP15WL22303RC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |