Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APS25P6B256G-CCM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # APS25P6B256G-CCM
Description  Serial ATA Flash Drive
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APS25P6B256G-CCM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  APS25P6B256G-CCM Datasheet HTML 1Page - List of Unclassifed Manufacturers APS25P6B256G-CCM Datasheet HTML 2Page - List of Unclassifed Manufacturers APS25P6B256G-CCM Datasheet HTML 3Page - List of Unclassifed Manufacturers APS25P6B256G-CCM Datasheet HTML 4Page - List of Unclassifed Manufacturers APS25P6B256G-CCM Datasheet HTML 5Page - List of Unclassifed Manufacturers APS25P6B256G-CCM Datasheet HTML 6Page - List of Unclassifed Manufacturers APS25P6B256G-CCM Datasheet HTML 7Page - List of Unclassifed Manufacturers APS25P6B256G-CCM Datasheet HTML 8Page - List of Unclassifed Manufacturers APS25P6B256G-CCM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Serial ATA Flash Drive
APS25P6Bxxxx- CCMX
1
© 2011 Apacer Technology Inc.
Rev. 1.5
Features:
Standard Serial ATA 2.6
Serial ATA 2.6
SATA II, 3.0 Gbps
ATA-compatible command set
Capacities
16, 32, 64, 128, 256, 512 GB
Performance*
Burst read/write: 300 MB/sec
Sustained read: up to 260 MB/sec
Sustained write: up to 220 MB/sec
Intelligent endurance design
Built-in hardware ECC, enabling up to
16/24 bit correction per 1024 bytes
Static wear-leveling scheme together
with dynamical block allocation to
significantly increase the lifetime of a
flash device and optimize the disk
performance
Flash bad block management
S.M.A.R.T.
Power Failure Management
ATA Secure Erase
TRIM
NAND Flash Type: MLC
MTBF (hours): >1,000,000
Temperature ranges
Operation:
Standard: 0°C to 70°C (32 ~ 158°F)
Extended: -40 ~ +85°C (-40° ~ 185°F)**
Storage: -40°C to 100°C (-40° ~ 212°F)
Supply voltage
5.0 V ± 5%
Power consumption (typical)*
Active mode: 872 mA@5.0 V
Idle mode: 203 mA@5.0 V
Form factor
2.5 inch (100 x 69.9 x 9.3, unit: mm)
Connector
7-pin SATA male connector
15-pin SATA power connector
IOPS 4K Random (approx.)
10,000
Shock & Vibration
Shock: 1500g (approx.)
Vibration: 15g (approx.)
Zero power data retention
No battery required for data storage
RoHS compliant
*Varies from capacities. The values presented for Performances and Power Consumption are typical and may vary depending
on different configurations and platforms.
**Only available in 32, 64, 128, and 256GB capacities. For details, please see “Product Ordering Information”.


Similar Part No. - APS25P6B256G-CCM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS25P6B256G-CC ETC2-APS25P6B256G-CC Datasheet
293Kb / 21P
   Serial ATA Flash Drive
APS25P6B256G-CCW ETC2-APS25P6B256G-CCW Datasheet
293Kb / 21P
   Serial ATA Flash Drive
More results

Similar Description - APS25P6B256G-CCM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
APSDM008GM5AN-PCM ETC2-APSDM008GM5AN-PCM Datasheet
308Kb / 21P
   Serial ATA Flash Drive
APS25P6B008G-5T ETC2-APS25P6B008G-5T Datasheet
387Kb / 19P
   Serial ATA Flash Drive
APS25P6B032G-CT ETC2-APS25P6B032G-CT Datasheet
293Kb / 21P
   Serial ATA Flash Drive
APS1845008G-ACM ETC2-APS1845008G-ACM_14 Datasheet
760Kb / 21P
   Serial ATA Flash Drive
AP-SAFD255AA008GS-T ETC2-AP-SAFD255AA008GS-T Datasheet
340Kb / 19P
   Serial ATA Flash Drive
PS18P6A008G-5TWL ETC2-PS18P6A008G-5TWL Datasheet
276Kb / 19P
   Serial ATA Flash Drive
APS18P6A008G-CT ETC2-APS18P6A008G-CT Datasheet
247Kb / 22P
   Serial ATA Flash Drive
APS18P6A016G-CCM ETC2-APS18P6A016G-CCM Datasheet
245Kb / 21P
   Serial ATA Flash Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com