Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GN1M Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # GN1M
Description  GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

GN1M Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  GN1M Datasheet HTML 1Page - EIC discrete Semiconductors GN1M Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GN1A - GN13
GLASS PASSIVATED JUNCTION
SILICON SURFACE MOUNT
PRV : 50 - 1000 Volts
Io : 1.0 Ampere
FEATURES :
* Glass passivated chip
* High current capability
* High reliability
* Low reverse current
* Low forward voltage drop
MECHANICAL DATA :
* Case : SMA Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.064 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
GN1A GN1B GN1D GN1G GN1J
GN1K GN1M GN13
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
1300
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
910
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
1300
Volts
Maximum Average Forward Current Ta = 75
°C IF(AV)
1.0
Amp.
Peak Forward Surge Current
8.3ms Single half sine wave Superimposed
on rated load (JEDEC Method)
IFSM
30
Amps.
Maximum Forward Voltage at IF = 1.0 Amp.
VF
1.0
Volts
Maximum DC Reverse Current
Ta = 25
°C
IR
5.0
µA
at rated DC Blocking Voltage
Ta = 100
°C
IR(H)
50
µA
Typical Junction Capacitance (Note1)
CJ
8
pF
Junction Temperature Range
TJ
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Notes :
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0VDC
UPDATE : MAY 27, 1998
RATING
2.1
± 0.2
SMA (DO-214AC)
1.2
± 0.2
2.6
± 0.15
Dimensions in millimeter
1.1
± 0.3
0.2
± 0.07
2.0
± 0.2


Similar Part No. - GN1M

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GN1M GOOD-ARK-GN1M Datasheet
199Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
SynSemi, Inc.
GN1M SYNSEMI-GN1M Datasheet
38Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
logo
EIC discrete Semiconduc...
GN1M EIC-GN1M Datasheet
48Kb / 2P
   GLASS PASSIVATED JUNCTION
logo
First Silicon Co., Ltd
GN1M FS-GN1M Datasheet
212Kb / 3P
   REVERSE VOLTGE 50V~1000V FORWARD CURRENT 1.0AMP Surface Mount Rectifiers
More results

Similar Description - GN1M

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
GN3A EIC-GN3A Datasheet
39Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
logo
SynSemi, Inc.
GN1A SYNSEMI-GN1A Datasheet
38Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
GN2A SYNSEMI-GN2A Datasheet
31Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
GNOA SYNSEMI-GNOA Datasheet
38Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
logo
Shenzhen Luguang Electr...
GF1A LUGUANG-GF1A Datasheet
1Mb / 2P
   GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
logo
EIC discrete Semiconduc...
SMN1A EIC-SMN1A Datasheet
107Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
GN2A EIC-GN2A Datasheet
23Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
GNOA EIC-GNOA Datasheet
38Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
PRLL4001 EIC-PRLL4001 Datasheet
116Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION
PRLL4001A EIC-PRLL4001A Datasheet
107Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com