Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE91A Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # P6KE91A
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

P6KE91A Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  P6KE91A Datasheet HTML 1Page - Bruckewell Technology LTD P6KE91A Datasheet HTML 2Page - Bruckewell Technology LTD P6KE91A Datasheet HTML 3Page - Bruckewell Technology LTD P6KE91A Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P6KE SERIES
TRANSIENT VOLTAGE
SUPPRESSOR
VBR : 6.8 - 600 Volts
PPK : 600 Watts
FEATURES :
* Glass passivated jungtion chip
* 600W surge capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time : typically less
then 1.0 ps from 0 volt to VBR(min.)
* Typical IR less then 1μA above 10V
* Pb / RoHS Free
MECHANICAL DATA :
* Case : DO-15 Molded plastic
* Epoxy : UL94V-0 rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight :
0.4 gram
DEVICES FOR BIPOLAR APPLICATIONS
For Bi-directional use C or CA Suffix
Electrical characteristics apply in both directions
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified.
Rating
Symbol
Value
Unit
Peak Power Dissipation at Ta = 25 °C, Tp=1ms (Note1)
PPK
Minimum 600
W
Steady State Power Dissipation at TL = 75
°C
Lead Lengths 0.375", (9.5mm) (Note 2)
Peak Forward Surge Current, 8.3ms Single Half
Sine-Wave Superimposed on Rated Load
(JEDEC Method) (Note 3) Unidirectional only
Operating and Storage Temperature Range
TJ, TSTG
- 65 to + 175
°C
Notes :
(1) Non-repetitive Current pulse, per Fig. 5 and derated above Ta = 25
°C per Fig. 1
(2) Mounted on Copper Leaf area of 1.57 in2 (40mm2).
(3) 8.3 ms single half sine-wave, duty cycle = 4 pulses per minutes maximum and VB >220V, IFSM is 50 A.
Page 1 of 4
IFSM
PD
5.0
W
A
100
DO-15
Dimensions in inches and ( millimeters )
0.300 (7.6)
0.230 (5.8)
0.142 (3.6)
0.102 (2.6)
0.034 (0.86)
0.028 (0.71)
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.


Similar Part No. - P6KE91A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6KE91A MOTOROLA-P6KE91A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Leshan Radio Company
P6KE91A LRC-P6KE91A Datasheet
288Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
Vishay Siliconix
P6KE91A VISHAY-P6KE91A Datasheet
116Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
SUNMATE electronic Co.,...
P6KE91A SUNMATE-P6KE91A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
logo
EIC discrete Semiconduc...
P6KE91A EIC-P6KE91A Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6KE91A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com