Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF5NJZ48SCV Datasheet(PDF) 6 Page - International Rectifier

Part # IRF5NJZ48SCV
Description  HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF5NJZ48SCV Datasheet(HTML) 6 Page - International Rectifier

  IRF5NJZ48SCV Datasheet HTML 1Page - International Rectifier IRF5NJZ48SCV Datasheet HTML 2Page - International Rectifier IRF5NJZ48SCV Datasheet HTML 3Page - International Rectifier IRF5NJZ48SCV Datasheet HTML 4Page - International Rectifier IRF5NJZ48SCV Datasheet HTML 5Page - International Rectifier IRF5NJZ48SCV Datasheet HTML 6Page - International Rectifier IRF5NJZ48SCV Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IRF5NJZ48
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (B R )D S S
I AS
R G
IAS
0.0 1
tp
D.U .T
L
V DS
+
-
VDD
DR IV E R
A
15V
20V
10V
.
25
50
75
100
125
150
0
50
100
150
200
250
300
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
10A
14A
22A


Similar Part No. - IRF5NJZ48SCV

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5NJZ48 IRF-IRF5NJZ48 Datasheet
116Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.016ohm, Id=22A*)
IRF5NJZ48 IRF-IRF5NJZ48 Datasheet
118Kb / 7P
   Avalanche Energy Ratings
IRF5NJZ48 IRF-IRF5NJZ48_15 Datasheet
118Kb / 7P
   Avalanche Energy Ratings
More results

Similar Description - IRF5NJZ48SCV

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL7NJ3802 IRF-IRL7NJ3802 Datasheet
125Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRF5NJZ34 IRF-IRF5NJZ34 Datasheet
113Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRF5NJ5305SCX IRF-IRF5NJ5305SCX Datasheet
120Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRF7NJZ44V IRF-IRF7NJZ44V Datasheet
115Kb / 7P
   HEXFET-R POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRL5NJ024 IRF-IRL5NJ024 Datasheet
115Kb / 7P
   LOGIC LEVEL HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRL5NJ7404 IRF-IRL5NJ7404 Datasheet
116Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5) 20V, P-CHANNEL
IRL5NJ7413 IRF-IRL5NJ7413 Datasheet
165Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5) 30V, N-CHANNEL
IRF7N1405 IRF-IRF7N1405_07 Datasheet
196Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-1)
IRF7NA2907SCV IRF-IRF7NA2907SCV Datasheet
114Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-2)
IRL7N1404 IRF-IRL7N1404 Datasheet
115Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-1)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com