Selected language     English  ▼


LCE6.5 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part No. LCE6.5
Description  LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EIC [EIC discrete Semiconductors]
Homepage  http://www.eicsemi.com
Logo 

   
 1 page
background image
LCE SERIES
LOW CAPACITANCE
TRANSIENT VOLTAGE
VBR : 6.5 - 90 Volts
SUPPRESSOR
PPK : 1500 Watts
FEATURES :
* 1500W Peak Pulse Surge reverse
capability on 10/1000
µs waveform
* Excellent clamping capability
* Low incremental surge resistance
* Fast response time : typically less than 5.0 ns
from 0 volts to BV
MECHANICAL DATA
* Case : DO-201AD Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity : Color band denotes positive end on the
Transorb (cathode)
* Mounting position : Any
* Weight : 0.93 gram
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified.
Rating
Symbol
Value
Unit
Peak Pulse Power Dissipation on 10/1000
µs
waveform (Note 1, Figure 1)
Steady State Power Dissipation at TL = 75
°C
Lead Lengths 0.375", (9.5mm) (Note 2)
Peak Forward Surge Current on 10/1000
µs
Waveform (Fig. 3, Note 1)
Operating and Storage Temperature Range
TJ, TSTG
- 65 to + 175
°C
Note :
(1) Non-repetitive Current pulse, per Fig. 3 and derated above Ta = 25
°C per Fig. 2
(2) 8.3 ms single half sine-wave, duty cycle = 4 pulses per minutes maximum.
UPDATE : MARCH 29, 2002
PPPM
Minimum 1500
Watts
IFSM
See Table 1.
Amps.
PD
5.0
Watts
DO-201
0.375 (9.53)
0.285 (7.24)
0.21 (5.33)
0.19 (4.83)
0.042 (1.07)
0.038 (0.97)
Dimensions in inches and (millimeters)
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CSL05SURFACE MOUNT ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR 1 2 Central Semiconductor Corp
HSMBJSAC5.0500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 Microsemi Corporation
SACLOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR 1 2 EIC discrete Semiconductors
SMCGLCE6.51500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 Microsemi Corporation
ULCEULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 EIC discrete Semiconductors
SMBJSAC50500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR 1 Microsemi Corporation
HDC5.0CA375W LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR 1 2 Diodes Incorporated
LC6.51500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 Microsemi Corporation
CM1218Low Capacitance Transient Voltage Suppressors / ESD Protectors 1 2 3 4 5 MoreCalifornia Micro Devices Corp
SAC5.0Low Capacitance Tranient Voltage Suppressor 1 2 3 Weitron Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl