Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF3610SPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRF3610SPBF
Description  High Efficiency Synchronous Rectification in SMPS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3610SPBF Datasheet(HTML) 4 Page - International Rectifier

  IRF3610SPBF Datasheet HTML 1Page - International Rectifier IRF3610SPBF Datasheet HTML 2Page - International Rectifier IRF3610SPBF Datasheet HTML 3Page - International Rectifier IRF3610SPBF Datasheet HTML 4Page - International Rectifier IRF3610SPBF Datasheet HTML 5Page - International Rectifier IRF3610SPBF Datasheet HTML 6Page - International Rectifier IRF3610SPBF Datasheet HTML 7Page - International Rectifier IRF3610SPBF Datasheet HTML 8Page - International Rectifier IRF3610SPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRF3610SPbF
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
March 26, 2014
4
Fig 8. Maximum Safe Operating Area
Fig 10. Drain-to-Source Breakdown Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 11. Typical COSS Stored Energy
Fig 9. Maximum Drain Current vs.
Case Temperature
Fig 12. Maximum Avalanche Energy vs. DrainCurrent
0.0
0.5
1.0
1.5
2.0
VSD, Source-to-Drain Voltage (V)
1.0
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
20
40
60
80
100
120
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Temperature ( °C )
95
100
105
110
115
120
125
ID = 1.0mA
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
400
800
1200
1600
2000
ID
TOP
13A
27A
BOTTOM 62A
0
20
40
60
80
100
120
VDS, Drain-to-Source Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1
10
100
1000
VDS , Drain-toSource Voltage (V)
0.1
1
10
100
1000
10000
Tc = 25°C
Tj = 175°C
Single Pulse
1ms
10ms
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100µs
DC
3ms


Similar Part No. - IRF3610SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3610SPBF IRF-IRF3610SPBF Datasheet
257Kb / 9P
   High Efficiency Synchronous Rectification in SMPS, Uninterruptible Power Supply
IRF3610SPBF IRF-IRF3610SPBF_15 Datasheet
293Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
More results

Similar Description - IRF3610SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS3004TRL7PP IRF-IRFS3004TRL7PP Datasheet
493Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFU3607-701PBF IRF-IRFU3607-701PBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFS4620TRLPBF IRF-IRFS4620TRLPBF Datasheet
365Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4510GPBF IRF-IRFB4510GPBF Datasheet
230Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF Datasheet
367Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRLB4030PBF IRF-IRLB4030PBF_15 Datasheet
286Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com