Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHF9540S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIHF9540S
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHF9540S Datasheet(HTML) 2 Page - Vishay Siliconix

  SIHF9540S Datasheet HTML 1Page - Vishay Siliconix SIHF9540S Datasheet HTML 2Page - Vishay Siliconix SIHF9540S Datasheet HTML 3Page - Vishay Siliconix SIHF9540S Datasheet HTML 4Page - Vishay Siliconix SIHF9540S Datasheet HTML 5Page - Vishay Siliconix SIHF9540S Datasheet HTML 6Page - Vishay Siliconix SIHF9540S Datasheet HTML 7Page - Vishay Siliconix SIHF9540S Datasheet HTML 8Page - Vishay Siliconix SIHF9540S Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
Document Number: 91079
2
S11-1051-Rev. C, 30-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IRF9540S, SiHF9540S
Vishay Siliconix
Note
a. When mounted on 1" square PCB (FR-4 or G-10 material).
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
 300 μs; duty cycle  2 %.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
(PCB Mount)a
RthJA
--
40
°C/W
Maximum Junction-to-Case (Drain)
RthJC
--
1.0
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0, ID = - 250 μA
- 100
-
-
V
VDS Temperature Coefficient
VDS/TJ
Reference to 25 °C, ID = - 1 mA
-
- 0.087
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 μA
- 2.0
-
- 4.0
V
Gate-Source Leakage
IGSS
VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 100 V, VGS = 0 V
-
-
- 100
μA
VDS = - 80 V, VGS = 0 V, TJ = 150 °C
-
-
- 500
Drain-Source On-State Resistance
RDS(on)
VGS = - 10 V
ID = - 11 Ab
-
-
0.20
Forward Transconductance
gfs
VDS = - 50 V, ID = - 11 A
6.2
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = - 25 V,
f = 1.0 MHz, see fig. 5
-
1400
-
pF
Output Capacitance
Coss
-
590
-
Reverse Transfer Capacitance
Crss
-
140
-
Total Gate Charge
Qg
VGS = - 10 V
ID = - 19 A, VDS = - 80 V,
see fig. 6 and 13b
--
61
nC
Gate-Source Charge
Qgs
--
14
Gate-Drain Charge
Qgd
--
29
Turn-On Delay Time
td(on)
VDD = - 50 V, ID = - 19 A,
RG = 9.1 , RD = 2.4 , see fig. 10b
-16
-
ns
Rise Time
tr
-73
-
Turn-Off Delay Time
td(off)
-34
-
Fall Time
tf
-57
-
Internal Drain Inductance
LD
Between lead,
6 mm (0.25") from
package and center of
die contact
-4.5
-
nH
Internal Source Inductance
LS
-7.5
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
- 19
A
Pulsed Diode Forward Currenta
ISM
--
- 72
Body Diode Voltage
VSD
TJ = 25 °C, IS = - 19 A, VGS = 0 Vb
--
- 5.0
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = - 19 A, dI/dt = 100 A/μsb
-
130
260
ns
Body Diode Reverse Recovery Charge
Qrr
-
0.35
0.70
nC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
D
S
G
S
D
G


Similar Part No. - SIHF9540S

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
SIHF9540S KERSEMI-SIHF9540S Datasheet
778Kb / 8P
   Available in Tape and Reel
logo
Vishay Siliconix
SIHF9540S VISHAY-SIHF9540S Datasheet
203Kb / 10P
   Power MOSFET
09-Jul-2021
SIHF9540S VISHAY-SIHF9540S Datasheet
206Kb / 9P
   Power MOSFET
01-Jan-2022
SIHF9540S-E3 VISHAY-SIHF9540S-E3 Datasheet
203Kb / 10P
   Power MOSFET
09-Jul-2021
SIHF9540S-GE3 VISHAY-SIHF9540S-GE3 Datasheet
203Kb / 10P
   Power MOSFET
09-Jul-2021
More results

Similar Description - SIHF9540S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com