Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU3037CSTR Datasheet(PDF) 10 Page - International Rectifier

Part # IRU3037CSTR
Description  8-PIN SYNCHRONOUS PWM CONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3037CSTR Datasheet(HTML) 10 Page - International Rectifier

Back Button IRU3037CSTR Datasheet HTML 6Page - International Rectifier IRU3037CSTR Datasheet HTML 7Page - International Rectifier IRU3037CSTR Datasheet HTML 8Page - International Rectifier IRU3037CSTR Datasheet HTML 9Page - International Rectifier IRU3037CSTR Datasheet HTML 10Page - International Rectifier IRU3037CSTR Datasheet HTML 11Page - International Rectifier IRU3037CSTR Datasheet HTML 12Page - International Rectifier IRU3037CSTR Datasheet HTML 13Page - International Rectifier IRU3037CSTR Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
IRU3037/IRU3037A & (PbF)
www.irf.com
6)
Place second pole at the ESR zero.
FP2 = FESR
Check if R8 >
If R8 is too small, increase R7 and start from step 2.
7)
Place second zero around the resonant frequency.
FZ2 = FLC
8)
Use equation (1) to calculate R5.
These design rules will give a crossover frequency ap-
proximately one-tenth of the switching frequency. The
higher the band width, the potentially faster the load tran-
sient speed. The gain margin will be large enough to
provide high DC-regulation accuracy (typically -5dB to -
12dB). The phase margin should be greater than 45
) for
overall stability.
IC Quiescent Power Dissipation
Power dissipation for IC controller is a function of ap-
plied voltage, gate driver loads and switching frequency.
The IC's maximum power dissipation occurs when the
IC operating with single 12V supply voltage (Vcc=12V
and Vc
≅24V) at 400KHz switching frequency and maxi-
mum gate loads.
Figures 9 and 10 show voltage vs. current, when the
gate drivers loaded with 470pF, 1150pF and 1540pF ca-
pacitors. The IC's power dissipation results to an exces-
sive temperature rise. This should be considered when
using IRU3037A for such application.
Layout Consideration
The layout is very important when designing high fre-
quency switching converters. Layout will affect noise
pickup and can cause a good design to perform with
less than expected results.
Start to place the power components, make all the con-
nection in the top layer with wide, copper filled areas.
The inductor, output capacitor and the MOSFET should
be close to each other as possible. This helps to reduce
the EMI radiated by the power traces due to the high
switching currents through them. Place input capacitor
directly to the drain of the high-side MOSFET, to reduce
the ESR replace the single input capacitor with two par-
allel units. The feedback part of the system should be
kept away from the inductor and other noise sources,
and be placed close to the IC. In multilayer PCB use
one layer as power ground plane and have a control cir-
cuit ground (analog ground), to which all signals are ref-
erenced. The goal is to localize the high current path to
a separate loop that does not interfere with the more
sensitive analog control function. These two grounds
must be connected together on the PC board layout at a
single point.
Figure 8 shows a suggested layout for the critical com-
ponents, based on the schematic on page 14.
Figure 8 - Suggested layout.
(Topside shown only)
1
gm
R8 =
1
2
π × C10 × FP2
R6 =
- R8
1
2
π × C10 × FZ2
R5 =
× R6
VREF
VOUT - VREF
C
5
D
1
D
2
IRU3037
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
L1
L2
U1
Q1
R4
C4
C9
C8
C3
R5
R6
C1
Vin
C2A, B
C7A, B
Analog Gnd
PGnd
PGnd
Vout
PGnd
D
3
Single Point
Analog Gnd
Connect to
Power Ground plane
Analog Gnd
PGnd


Similar Part No. - IRU3037CSTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3037CS IRF-IRU3037CS Datasheet
220Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3037CS IRF-IRU3037CS Datasheet
173Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3037CSPBF IRF-IRU3037CSPBF Datasheet
173Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
More results

Similar Description - IRU3037CSTR

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APU3037 A-POWER-APU3037 Datasheet
199Kb / 18P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
International Rectifier
IRU3137 IRF-IRU3137 Datasheet
169Kb / 19P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3037 IRF-IRU3037 Datasheet
220Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
Advanced Power Electron...
APU3137 A-POWER-APU3137 Datasheet
184Kb / 17P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
International Rectifier
IRU3037CSPBF IRF-IRU3037CSPBF Datasheet
173Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7037 ANPEC-APW7037 Datasheet
123Kb / 11P
   8-PIN Synchronous Buck PWM Controller
logo
International Rectifier
IRU3072C IRF-IRU3072C Datasheet
332Kb / 24P
   20-PIN SYNCHRONOUS PWM CONTROLLER/ 3 LDO CONTROLLER
logo
Anpec Electronics Corop...
APW7120 ANPEC-APW7120 Datasheet
807Kb / 20P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120A ANPEC-APW7120A Datasheet
986Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
logo
UNISEM
US3034 UNISEM-US3034 Datasheet
74Kb / 9P
   8 PIN PWM SWITCHER CONTROLLER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com