Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL12020MIRZ-T7A Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL12020MIRZ-T7A
Description  Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12020MIRZ-T7A Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL12020MIRZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL12020MIRZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL12020MIRZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL12020MIRZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL12020MIRZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL12020MIRZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL12020MIRZ-T7A Datasheet HTML 10Page - Intersil Corporation ISL12020MIRZ-T7A Datasheet HTML 11Page - Intersil Corporation ISL12020MIRZ-T7A Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
ISL12020M
8
FN6667.5
December 13, 2011
tHD:STA
START Condition Hold Time
From SDA falling edge
crossing 30% of VDD to SCL
falling edge crossing 70% of
VDD.
600
ns
tSU:DAT
Input Data Setup Time
From SDA exiting the 30% to
70% of VDD window, to SCL
rising edge crossing 30% of
VDD.
100
ns
tHD:DAT
Input Data Hold Time
From SCL falling edge
crossing 30% of VDD to SDA
entering the 30% to 70% of
VDD window.
20
900
ns
tSU:STO
STOP Condition Setup Time
From SCL rising edge
crossing 70% of VDD, to SDA
rising edge crossing 30% of
VDD.
600
ns
tHD:STO
STOP Condition Hold Time
From SDA rising edge to SCL
falling edge. Both crossing
70% of VDD.
600
ns
tDH
Output Data Hold Time
From SCL falling edge
crossing 30% of VDD, until
SDA enters the 30% to 70%
of VDD window.
0
ns
tR
SDA and SCL Rise Time
From 30% to 70% of VDD.
20 + 0.1 x Cb
300
ns
16
tF
SDA and SCL Fall Time
From 70% to 30% of VDD.
20 + 0.1 x Cb
300
ns
16
Cb
Capacitive Loading of SDA or SCL Total on-chip and off-chip
10
400
pF
16
RPU
SDA and SCL Bus Pull-up Resistor
Off-chip
Maximum is determined by
tR and tF.
For Cb = 400pF, max is
about 2k
~2.5k.
For Cb = 40pF, max is about
15k
~20k
1
k
16
NOTES:
8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
9. Specified at +25°C.
10. Minimum VDD and/or VBAT of 1V to sustain the SRAM. The value is based on characterization and it is not tested.
11. Temperature Conversion is inactive below VBAT = 2.7V. Device operation is not guaranteed at VBAT<1.8V.
12. IRQ/FOUT Inactive.
13. VDD > VBAT +VBATHYS
14. In order to ensure proper timekeeping, the VDD SR- specification must be followed.
15. Limits should be considered typical and are not production tested.
16. These are I2C specific parameters and are not tested, however, they are used to set conditions for testing devices to validate
specification.
17. To avoid EEPROM recall issues, it is advised to use this minimum power up slew rate. Not tested, shown as typical only.
I2C Interface Specifications Test Conditions: VDD = +2.7 to +5.5V, Temperature = -40°C to +85°C, unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 8)
TYP (Note 9)
MAX
(Note 8)
UNITS
NOTES


Similar Part No. - ISL12020MIRZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12020MIRZ-T INTERSIL-ISL12020MIRZ-T Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results

Similar Description - ISL12020MIRZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M_10 Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022M INTERSIL-ISL12022M_09 Datasheet
387Kb / 27P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022M RENESAS-ISL12022M Datasheet
1Mb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com