Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL12020MIRZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL12020MIRZ
Description  Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12020MIRZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL12020MIRZ Datasheet HTML 1Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 2Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 3Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 4Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 5Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 6Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 7Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 8Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
ISL12020M
2
FN6667.5
December 13, 2011
Block Diagram
Pin Configuration
ISL12020M
(20 LD DFN)
TOP VIEW
I2C
INTERFACE
CONTROL
LOGIC
ALARM
FREQUENCY
OUT
RTC
DIVIDER
SDA
BUFFER
CRYSTAL
OSCILLATOR
POR
SWITCH
SCL
BUFFER
SDA
SCL
X1
X2
VDD
VBAT
INTERNAL
SUPPLY
VTRIP
SECONDS
MINUTES
HOURS
DAY OF WEEK
DATE
MONTH
YEAR
USER
SRAM
CONTROL
REGISTERS
GND
REGISTERS
TEMPERATURE
SENSOR
FREQUENCY
CONTROL
IRQ/FOUT
+
-
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
VDD RANGE
(V)
TEMP RANGE
(°C)
PACKAGE
(RoHS COMPLIANT)
PKG DWG #
ISL12020MIRZ (Note 2)
ISL 12020MIRZ
2.7 to 5.5
-40 to +85
20 Ld DFN
L20.5.5x4.0
ISL12020MIRZ-EVALZ
Evaluation Board
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL12020M. For more information on MSL please see techbrief TB363.
X2
X2
X2
X2
X2
X1
X1
X1
X1
X1
NC
NC
VBAT
GND
NC
VDD
IRQ/FOUT
SCL
NC
SDA
19
18
17
20
16
15
14
13
12
11
2
3
4
1
5
6
7
8
9
10
THERMAL
PAD


Similar Part No. - ISL12020MIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12020MIRZ INTERSIL-ISL12020MIRZ Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12020MIRZ RENESAS-ISL12020MIRZ Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020MIRZ-EVALZ RENESAS-ISL12020MIRZ-EVALZ Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12020MIRZ-T INTERSIL-ISL12020MIRZ-T Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results

Similar Description - ISL12020MIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M_10 Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022M INTERSIL-ISL12022M_09 Datasheet
387Kb / 27P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022M RENESAS-ISL12022M Datasheet
1Mb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com