Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG2010ER Datasheet(PDF) 6 Page - Intersil Corporation

Part # PMEG2010ER
Description  Integrated Automotive TFT-LCD Power Supply Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

PMEG2010ER Datasheet(HTML) 6 Page - Intersil Corporation

Back Button PMEG2010ER Datasheet HTML 2Page - Intersil Corporation PMEG2010ER Datasheet HTML 3Page - Intersil Corporation PMEG2010ER Datasheet HTML 4Page - Intersil Corporation PMEG2010ER Datasheet HTML 5Page - Intersil Corporation PMEG2010ER Datasheet HTML 6Page - Intersil Corporation PMEG2010ER Datasheet HTML 7Page - Intersil Corporation PMEG2010ER Datasheet HTML 8Page - Intersil Corporation PMEG2010ER Datasheet HTML 9Page - Intersil Corporation PMEG2010ER Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ISL78419
6
FN8292.2
January 24, 2014
LDO REGULATOR
DVLDO/
DVIN
Line Regulation
ILDO = 1mA, 3.0V < VIN1 < 5.5V
1
mV/V
DVLDO/
DIOUT
Load Regulation
1mA < ILDO < 350mA
0.2
%
VDO
Dropout Voltage
Output drops by 2%, ILDO = 350mA
225
300
mV
ILIML
Current Limit
Output drops by 5%
330
425
mA
VADJ
ADJ Reference Voltage
ILOAD = 50mA, TA = +25°C
0.792
0.8
0.808
V
IADJ
ADJ Input Bias Current
0.1
µA
GATE PULSE MODULATOR
VGH
VGH Voltage
733
V
VIH_VDPM
VDPM Enable Threshold
1.13
1.215
1.30
V
IVGH
VGH Input Current
VFLK = 0
125
µA
RE = 100kΩ, VFLK = VIN
27.5
µA
VGPM_LO
GPM_LO Voltage
2VGH-2
V
IGPM_LO
VGPM_LO Input Current
-2
0.1
2
µA
VCEth1
CE Threshold Voltage 1
0.6xVIN
0.8xVIN
V
VCEth2
CE Threshold Voltage 2
1.215
V
ICE
CE Current
100
µA
RVGHM_PD
VGHM Pull-down Resistance
1.1
kΩ
RONVGH
VGH to VGHM On-resistance
23
IDPM
VDPM Charge Current
10
µA
SUPPLY MONITOR
VIH_VDIV
VDIV High Threshold
VDIV rising
1.265
1.280
1.295
V
VIL_VDIV
VDIV Low Threshold
VDIV falling
1.21
1.222
1.234
V
VthCD2
CD2 Threshold voltage
1.200
1.217
1.234
V
ICD2
CD2 Charge Current
10
µA
RIL_RESET
RESET Pull-down Resistance
650
tDELAY_RESET RESET Delay on the Rising Edge
121.7k*
CD
s
VCOM AMPLIFIER RLOAD =10kΩ, CLOAD = 10pF, unless otherwise stated
IS_com
VCOM Amplifier Supply Current
0.7
1.08
mA
VOS
Offset Voltage
2.5
15
mV
IB
Non-inverting Input Bias Current
0
nA
CMIR
Common Mode Input Voltage Range
0AVDD
V
CMRR
Common-Mode Rejection Ratio
60
75
dB
PSRR
Power Supply Rejection Ratio
70
85
dB
VOH
Output Voltage Swing High
IOUT(source) = 0.1mA
AVDD - 1.39
mV
IOUT(source) = 75mA
AVDD - 1.27
V
VOL
Output Voltage Swing Low
IOUT(sink) = 0.1mA
1.2
mV
IOUT(sink) = 75mA
1
V
Electrical Specifications VIN = ENABLE = 3.3V, AVDD =8V, VLDO = 2.5V, VON = 24V, VOFF = - 6V. Boldface limits apply over the
operating temperature range, -40°C to +105°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 6)
TYP
(Note 7)
MAX
(Note 6) UNITS


Similar Part No. - PMEG2010ER

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2010ER NXP-PMEG2010ER Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-29 December 2008
logo
Nexperia B.V. All right...
PMEG2010ER NEXPERIA-PMEG2010ER Datasheet
228Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
17 November 2017
PMEG2010ER-Q NEXPERIA-PMEG2010ER-Q Datasheet
257Kb / 14P
   1 A low VF MEGA Schottky barrier rectifier
8 June 2021
logo
NXP Semiconductors
PMEG2010ER PHILIPS-PMEG2010ER_15 Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-29 December 2008
More results

Similar Description - PMEG2010ER

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78419 RENESAS-ISL78419 Datasheet
1Mb / 20P
   Integrated Automotive TFT-LCD Power Supply Regulator
logo
Intersil Corporation
ISL78419ARZ INTERSIL-ISL78419ARZ Datasheet
870Kb / 20P
   Integrated Automotive TFT-LCD Power Supply Regulator
June 27, 2014
ISL78419 INTERSIL-ISL78419 Datasheet
933Kb / 20P
   Integrated Automotive TFT-LCD Power Supply Regulator
ISL78010ANZ INTERSIL-ISL78010ANZ Datasheet
460Kb / 19P
   Automotive Grade TFT-LCD Power Supply
December 4, 2013
ISL78010 INTERSIL-ISL78010 Datasheet
393Kb / 18P
   Automotive Grade TFT-LCD Power Supply
ISL78010 INTERSIL-ISL78010_11 Datasheet
694Kb / 19P
   Automotive Grade TFT-LCD Power Supply
logo
Renesas Technology Corp
ISL78010 RENESAS-ISL78010 Datasheet
885Kb / 19P
   Automotive Grade TFT-LCD Power Supply
logo
Maxim Integrated Produc...
MAX25520 MAXIM-MAX25520 Datasheet
2Mb / 23P
   Automotive 2-Channel TFT-LCD Power Supply
Rev 0; 1/21
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
   TFT-LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com