Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G500SMP300 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # G500SMP300
Description  INDUSTRY STANDARDS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

G500SMP300 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  G500SMP300 Datasheet HTML 1Page - List of Unclassifed Manufacturers G500SMP300 Datasheet HTML 2Page - List of Unclassifed Manufacturers G500SMP300 Datasheet HTML 3Page - List of Unclassifed Manufacturers G500SMP300 Datasheet HTML 4Page - List of Unclassifed Manufacturers G500SMP300 Datasheet HTML 5Page - List of Unclassifed Manufacturers G500SMP300 Datasheet HTML 6Page - List of Unclassifed Manufacturers G500SMP300 Datasheet HTML 7Page - List of Unclassifed Manufacturers G500SMP300 Datasheet HTML 8Page - List of Unclassifed Manufacturers G500SMP300 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Spec-00539 F
Wall-Mount EnclosurEs FUSION G7™ aNd acceSSOrIeS
EQUIPMENT PROTECTION SOLUTIONS
SUBJECT TO CHANGE WITHOUT NOTICE
Mild stEEl
1
Spec-00539
F763.422.2211
763.422.2600
Mild stEEl
Wall-Mount EnclosurEs
FusIon G7™ and accEssorIEs
Fusion G7™, typE 4, 12
industry standards
Wall-mounting brackets required to maintain UL/CSA external
mounting requirement.
UL 508A Listed; Type 4, 12; File No. 61997
cUL Listed per CSA C22.2 No. 94; Type 4, 12; File No. 61997
NEMA/EEMAC Type 4, 12, 13
CSA File No. 42186: Type 4, 12
IEC 60529, IP66
application
Innovative, metric-dimensioned wall-mount enclosure designed
to house and protect electrical and electronic components
in industrial environments. Provides traditional enclosure
functionality with scalable internal component mounting capability
using the optional internal mounting system and accessory
components.
FEaturEs
Ninety-degree external formed flange trough collar around body
opening
Three-point latching on enclosures 1000-mm high and taller
Door alignment device on doors with 3-point latching and 800 mm
or wider
Pre-cut gland plate opening(s) in enclosure bottom
Quarter-turn latch(es) with 3-mm double-bit insert
Corner-formed door
Simple, easy-to-remove and install hinge pins with captivation
clip
High-torque threadless studs and fasteners on door
Wide assortment of user-friendly internal accessories to
increase internal mounting area capability and design flexibility
Includes hardware package with grounding and sealing hardware
and illustrated instruction sheet
spEciFications
Constructed from 1.2-mm, 1.5-mm and 2-mm thick steel (18, 16
and 14 gauge) (see table)
Seamless foam-in-place gasket
Reversible door with sealed hinges and hinge brackets
Gland plate(s) for enclosure bottom
Bonding provision on door; grounding studs (2) on body
Full-height galvanized steel back panel included
FinisH
RAL 7035 textured, light-gray polyester powder paint inside and out
Panel is galvanized
Bulletin: A4G


Similar Part No. - G500SMP300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G500 ETC2-G500 Datasheet
340Kb / 1P
   Pulse Transformers, Suitable for Data Interface
logo
TDK Electronics
G500-10-3P208 TDK-G500-10-3P208 Datasheet
116Kb / 2P
   Programmable Power Supplies
May 03, 2022
G500-10-3P480 TDK-G500-10-3P480 Datasheet
116Kb / 2P
   Programmable Power Supplies
May 03, 2022
logo
Bourns Electronic Solut...
G5000AS BOURNS-G5000AS Datasheet
311Kb / 4P
   G5000 and G6000 Series Overvoltage Protectors
logo
Global Mixed-mode Techn...
G5001 GMT-G5001 Datasheet
106Kb / 2P
   300kHz DC-DC Step-Down PWM Controller
More results

Similar Description - G500SMP300

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-SM300-2 BOURNS-MF-SM300-2 Datasheet
290Kb / 4P
   Fully compatible with current industry standards
logo
Omron Electronics LLC
XG4A-5031 OMRON-XG4A-5031 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
XG4C-1031 OMRON-XG4C-1031 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
XG4A-2032 OMRON-XG4A-2032 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
logo
Bel Fuse Inc.
FRH100-00 BEL-FRH100-00 Datasheet
774Kb / 6P
   Meet railway industry EN 50155 / EN 50121-3-2 and AREMA standards
logo
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
logo
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
logo
IET Labs Inc.
SR102 IET-SR102 Datasheet
218Kb / 1P
   Transportable Resistance Standards
Nov 2017
logo
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
logo
STMicroelectronics
AN2483 STMICROELECTRONICS-AN2483 Datasheet
48Kb / 6P
   Video signal standards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com