Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V575LA80B Datasheet(PDF) 10 Page - Littelfuse

Part # V575LA80B
Description  Line Voltage Operation, Radial Lead
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V575LA80B Datasheet(HTML) 10 Page - Littelfuse

Back Button V575LA80B Datasheet HTML 3Page - Littelfuse V575LA80B Datasheet HTML 4Page - Littelfuse V575LA80B Datasheet HTML 5Page - Littelfuse V575LA80B Datasheet HTML 6Page - Littelfuse V575LA80B Datasheet HTML 7Page - Littelfuse V575LA80B Datasheet HTML 8Page - Littelfuse V575LA80B Datasheet HTML 9Page - Littelfuse V575LA80B Datasheet HTML 10Page - Littelfuse V575LA80B Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Varistor Products
76
www .littelfuse .com
Line Voltage Operation, Radial Lead
LA Varistor Series
Tape and Reel Ordering Information
Crimped leads are standard on LA types supplied in tape and reel and
are denoted by the model letter “T”. Model letter “S” denotes straight
leads and letter “U” denotes special under-crimped leads.
Example:
STANDARD
MODEL
CRIMPED
LEADS
STRAIGHT
LEADS
UNDER-
CRIMPED
LEADS
V130LA2
V130LT2
V130LS2
V130LU2
Standard Bulk Pack Quantity
SYMBOL
VOLTAGE
MODEL
VARISTOR MODEL SIZE
7mm
10mm
14mm
20mm
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
V130LA-
V320LA
-
-
12
(0.472)
-
-
16
(0.630)
-
-
20
(0.787)
-
-
26.5
(1.043)
V385LA-
V1000LA
-
-
13
(0.0512)
-
-
17
(0.689)
-
-
20.5
(0.807)
-
-
28
(1.102)
øD
All
-
-
9 (0.354)
-
-
12.5
(0.492)
-
-
17
(0.669)
-
-
23
(0.906)
e
All
4 (0.157) 6 (0.236)
6.5
(0.256)
8.5
(0.335)
6.5
(0.256)
8.5
(0.335)
6.5
(0.256)
(Note 2)
8.5
(0.335)
(Note 2)
e1
V130LA-
V320LA
1.5
(0.059)
3.5
(0.138)
1.5
(0.059)
3.5
(0.138)
1.5
(0.059)
3.5
(0.138)
1.5
(0.059)
3.5
(0.138)
V385A-
V1000LA
2.5
(0.098)
5.5
(0.217)
2.5
(0.098)
5.5
(0.217)
2.5
(0.098)
5.5
(0.217)
2.5
(0.098)
5.5
(0.217)
E
V130LA-
V320LA
-
-
5.6
(0.220)
-
-
5.6
(0.220)
-
-
5.6
(0.220)
-
-
5.6
(0.220)
V385LA-
V660LA
-
-
7.5
(0.287)
-
-
7.5
(0.287)
-
-
7.5
(0.287)
-
-
7.5
(0.287)
V1000LA
-
-
-
-
-
-
-
-
-
-
10.8
(0.425)
-
-
10.8
(0.425)
øb
All
(Note 3)
0.585
(0.023)
0.685
(0.027)
0.76
(0.030)
0.86
(0.034)
0.76
(0.030)
0.86
(0.034)
0.76
(0.030)
(Note 2)
0.86
(0.034)
(Note 2)
NOTES:
1. Dimensions in millimeters, inches in parentheses.
2. 10mm (9mm min, 11mm Max) ALSO AVAILABLE; See Additional Lead Style Options
3. 1000V parts supplied with lead wire of diameter 1.00
± 0.05 (0.039 ± 0.002).
VARISTOR
VOLTAGE
MODEL
STANDARD BULK PACK QUANTITY
VARISTOR MODEL SIZE
7mm
10mm
14mm
20mm
130-275
1500
1000
700
500
300-460
1500
700
600
400
510-625
1500
700
500
400


Similar Part No. - V575LA80B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V575LA80B LITTELFUSE-V575LA80B Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
V575LA80B LITTELFUSE-V575LA80B Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V575LA80B LITTELFUSE-V575LA80B Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V575LA80BP LITTELFUSE-V575LA80BP Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V575LA80BP LITTELFUSE-V575LA80BP Datasheet
833Kb / 13P
   Radial Lead Varistors
More results

Similar Description - V575LA80B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V175LS5 LITTELFUSE-V175LS5 Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V575LS80 LITTELFUSE-V575LS80 Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V130LA1 LITTELFUSE-V130LA1 Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
logo
Vicor Corporation
03040 VICOR-03040 Datasheet
100Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
20461 VICOR-20461 Datasheet
96Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
logo
Harris Corporation
V18ZA05 HARRIS-V18ZA05 Datasheet
423Kb / 12P
   Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation
logo
Socay Electornics Co., ...
K1-076 SOCAY-K1-076 Datasheet
191Kb / 3P
   Radial Lead Transient Voltage Suppressors
KB-012 SOCAY-KB-012 Datasheet
189Kb / 4P
   Radial Lead Transient Voltage Suppressors
KD-012 SOCAY-KD-012 Datasheet
185Kb / 4P
   Radial Lead Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com